Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8609 Datasheet(PDF) 5 Page - Linear Technology

Part # LT8609
Description  42V, 2A/3A Peak Synchronous Step-Down Regulator with 2.5A Quiescent Current
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8609 Datasheet(HTML) 5 Page - Linear Technology

  LT8609_15 Datasheet HTML 1Page - Linear Technology LT8609_15 Datasheet HTML 2Page - Linear Technology LT8609_15 Datasheet HTML 3Page - Linear Technology LT8609_15 Datasheet HTML 4Page - Linear Technology LT8609_15 Datasheet HTML 5Page - Linear Technology LT8609_15 Datasheet HTML 6Page - Linear Technology LT8609_15 Datasheet HTML 7Page - Linear Technology LT8609_15 Datasheet HTML 8Page - Linear Technology LT8609_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LT8609
5
8609f
For more information www.linear.com/LT8609
Typical perForMance characTerisTics
No-Load Supply Current
vs Temperature
Top FET Current Limit
vs Duty Cycle
Top FET Current Limit
vs Temperature
Switch Drop vs Temperature
Switch Drop vs Switch Current
Minimum On-Time
vs Temperature
Minimum Off-Time
vs Temperature
Dropout Voltage vs Load Current
Switching Frequency
vs Temperature
LOAD CURRENT (A)
0
800
200
700
300
600
500
100
400
0
1.5
8609 G20
3
1
2.5
2
0.5
TEMPERATURE (°C)
–50
–10
30
70
110
150
1.3
1.5
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
No Load Supply Current Vs Temperature
8609 G13
DUTY CYCLE (%)
0
20
40
60
80
100
3.50
3.75
4.00
4.25
4.50
4.75
5.00
5.25
5.50
Top Fet Current Limit vs Duty Cycle
8609 G14
TEMPERATURE (°C)
–50
–10
30
70
110
150
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
5.6
Top FET Current Limit Vs Temperature
8609 G15
SWITCH CURRENT = 1A
TOP SW
BOT SW
TEMPERATURE (°C)
–50 –30 –10 10 30 50 70 90 110 130 150
0
50
100
150
200
250
300
350
Switch Drop vs Temperature
8609 G16
TOP SW
BOT SW
SWITCH CURRENT (V)
0
0.5
1
1.5
2
2.5
3
0
100
200
300
400
500
600
700
800
Switch Drop vs Switch Current
8609 G17
TEMPERATURE (°C)
–50 –30 –10 10 30 50 70 90 110 130 150
50
60
70
80
90
100
110
120
130
140
150
Minimum Off–Time Vs Temperature
8609 G19
RT = 18.2kΩ
TEMPERATURE (°C)
–50 –30 –10 10 30 50 70 90 110 130 150
1.975
1.980
1.985
1.990
1.995
2.000
2.005
Switching Frequency Vs Temperature
8609 G21
SYNC = 2V, 1.5A OUT
SYNC = 0V, 1.5A OUT
TEMPERATURE (°C)
–50 –30 –10 10 30 50 70 90 110 130 150
0
10
20
30
40
50
60
70
Minimum On-Time Vs Temperature
8609 G18


Similar Part No. - LT8609_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8609A LINER-LT8609A Datasheet
622Kb / 8P
   42V, 2A Micropower Synchronous Step-Down Regulator
logo
Analog Devices
LT8609A AD-LT8609A Datasheet
2Mb / 30P
   65V, 8A Synchronous Step-Down Silent Switcher 2 with 2.5μA Quiescent Current
Rev. B
logo
Linear Technology
LT8609A LINER-LT8609A Datasheet
1Mb / 38P
   42V, Low IQ, Quad Output Triple Monolithic Buck Converter and Boost Controller
logo
Analog Devices
LT8609A AD-LT8609A Datasheet
3Mb / 30P
   65V, 8A Synchronous Step-Down Silent Switcher with 2.5μA Quiescent Current
Rev. A
logo
Linear Technology
LT8609A LINER-LT8609A Datasheet
1Mb / 26P
   60V, 1.2A Synchronous Monolithic Buck Regulator with 6關A Quiescent Current
More results

Similar Description - LT8609_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT8609S AD-LT8609S Datasheet
1Mb / 24P
   42V, 2A/3A Peak Synchronous Step-Down Regulator with 2.5μA Quiescent Current
Rev. D
logo
Linear Technology
LT8610 LINER-LT8610_15 Datasheet
306Kb / 22P
   42V, 2.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8609S LINER-LT8609S Datasheet
1Mb / 24P
   42V, 2A/3A Peak Synchronous Step-Down Regulator with 2.5關A Quiescent Current
LT8610A LINER-LT8610A_15 Datasheet
378Kb / 26P
   42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610AB LINER-LT8610AB_15 Datasheet
378Kb / 26P
   42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610AC LINER-LT8610AC_15 Datasheet
544Kb / 26P
   42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610AC-1 LINER-LT8610AC-1_15 Datasheet
544Kb / 26P
   42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8611 LINER-LT8611_15 Datasheet
350Kb / 24P
   42V, 2.5A Synchronous Step-Down Regulator with Current Sense and 2.5A Quiescent Current
LT8612 LINER-LT8612_15 Datasheet
400Kb / 20P
   42V, 6A Synchronous Step-Down Regulator with 3A Quiescent Current
LT8620 LINER-LT8620_15 Datasheet
590Kb / 26P
   65V, 2A Synchronous Step-Down Regulator with 2.5A Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com