Electronic Components Datasheet Search |
|
FCX591A Datasheet(PDF) 1 Page - Diodes Incorporated |
|
FCX591A Datasheet(HTML) 1 Page - Diodes Incorporated |
1 / 7 page FCX591A Datasheet Number: DS33062 Rev. 6 - 2 1 of 7 www.diodes.com October 2012 © Diodes Incorporated FCX591A A Product Line of Diodes Incorporated 40V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89 Features • BVCEO > -40V • Maximum Continuous Current IC = -1A • Low saturation voltage VCE(sat) < -500mV @ -1A • Complementary NPN type: FCX491A • Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2) • Halogen and Antimony Free. “Green” Device (Note 3) • Qualified to AEC-Q101 Standards for High Reliability Application • Power MOSFET & IGBT gate driving • Low loss power switching Mechanical Data • Case: SOT89 • Case material: molded plastic. “Green” molding compound. • UL Flammability Rating 94V-0 • Moisture Sensitivity: Level 1 per J-STD-020 • Terminals: Finish - Matte Tin Plated Leads, Solderable per MIL-STD-202, Method 208 • Weight: 0.05 grams (Approximate) Ordering Information (Note 4) Product Marking Reel size (inches) Tape width (mm) Quantity per reel FCX591ATA P2 7 12 1,000 FCX591A-13R P2 13 12 4,000 Notes: 1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. 2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen and Antimony free, "Green" and Lead-Free. 3. Halogen and Antimony free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and <1000ppm antimony compounds. 4. For packaging details, go to our website at http://www.diodes.com. Marking Information P2 = Product Type Marking Code P2 Top View Device Symbol Top View Pin Out SOT89 C E C B C E B |
Similar Part No. - FCX591A_15 |
|
Similar Description - FCX591A_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |