Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCX591A Datasheet(PDF) 2 Page - Diodes Incorporated

Part # FCX591A
Description  40V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FCX591A Datasheet(HTML) 2 Page - Diodes Incorporated

  FCX591A_15 Datasheet HTML 1Page - Diodes Incorporated FCX591A_15 Datasheet HTML 2Page - Diodes Incorporated FCX591A_15 Datasheet HTML 3Page - Diodes Incorporated FCX591A_15 Datasheet HTML 4Page - Diodes Incorporated FCX591A_15 Datasheet HTML 5Page - Diodes Incorporated FCX591A_15 Datasheet HTML 6Page - Diodes Incorporated FCX591A_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
FCX591A
Datasheet Number: DS33062 Rev. 6 - 2
2 of 7
www.diodes.com
October 2012
© Diodes Incorporated
FCX591A
A Product Line of
Diodes Incorporated
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Limit
Unit
Collector-Base Voltage
VCBO
-40
V
Collector-Emitter Voltage
VCEO
-40
V
Emitter-Base Voltage
VEBO
-7
V
Continuous Collector Current
IC
-1
A
Peak Pulse Current
ICM
-2
A
Peak Base Current
IB
-200
mA
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 5)
PD
1
W
Thermal Resistance, Junction to Ambient Air (Note 5)
RθJA
125
°C/W
Thermal Resistance, Junction to Leads (Note 6)
RθJL
10.01
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
ESD Ratings (Note 7)
Characteristic
Symbol
Value
Unit
JEDEC Class
Electrostatic Discharge - Human Body Model
ESD HBM
≥ 8,000
V
3B
Electrostatic Discharge - Machine Model
ESD MM
≥ 400
V
C
Notes:
5. For a device surface mounted on 15mm X 15mm FR4 PCB with high coverage of single sided 1 oz copper, in still air conditions; device measured when
operating in steady state condition.
6. Thermal resistance from junction to solder-point (on the exposed collector pad).
7. Refer to JEDEC specification JESD22-A114 and JESD22-A115.


Similar Part No. - FCX591A_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FCX591AQ DIODES-FCX591AQ Datasheet
409Kb / 7P
   40V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
FCX591AQTA DIODES-FCX591AQTA Datasheet
409Kb / 7P
   40V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
FCX591ATA DIODES-FCX591ATA Datasheet
199Kb / 7P
   40V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
More results

Similar Description - FCX591A_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FCX591A DIODES-FCX591A Datasheet
199Kb / 7P
   40V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
FCX491A DIODES-FCX491A_15 Datasheet
256Kb / 7P
   40V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
FCX491A DIODES-FCX491A Datasheet
342Kb / 7P
   40V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
ZXTP25040DZ DIODES-ZXTP25040DZ Datasheet
392Kb / 8P
   40V PNP medium power transistor in SOT89
BCX69 DIODES-BCX69_15 Datasheet
22Kb / 1P
   SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
BSR30 DIODES-BSR30 Datasheet
26Kb / 1P
   SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
JUNE 1996
BCX51 DIODES-BCX51 Datasheet
132Kb / 7P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT89
ZXTP2041F DIODES-ZXTP2041F Datasheet
221Kb / 6P
   40V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
FCX591AQ DIODES-FCX591AQ Datasheet
409Kb / 7P
   40V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
FCX591 DIODES-FCX591 Datasheet
40Kb / 1P
   SOT89 PNP SILICON PLANAR MEDIUM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com