Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2153-12 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2153-12
Description  12-Bit 310Msps ADC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2153-12 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2153-12_15 Datasheet HTML 2Page - Linear Technology LTC2153-12_15 Datasheet HTML 3Page - Linear Technology LTC2153-12_15 Datasheet HTML 4Page - Linear Technology LTC2153-12_15 Datasheet HTML 5Page - Linear Technology LTC2153-12_15 Datasheet HTML 6Page - Linear Technology LTC2153-12_15 Datasheet HTML 7Page - Linear Technology LTC2153-12_15 Datasheet HTML 8Page - Linear Technology LTC2153-12_15 Datasheet HTML 9Page - Linear Technology LTC2153-12_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTC2153-12
6
215312fa
For more information www.linear.com/LTC2153-12
Typical perForMance characTerisTics
LTC2153-12: Integral Nonlinearity
(INL)
LTC2153-12: Differential
Nonlinearity (DNL)
LTC2153-12: 32K Point FFT,
fIN = 15MHz, –1dBFS, 310Msps
LTC2153-12: 32K Point FFT,
fIN = 70MHz, –1dBFS, 310Msps
LTC2153-12: 32K Point FFT,
fIN = 150MHz, –1dBFS, 310Msps
LTC2153-12: 32K Point FFT,
fIN = 383MHz, –1dBFS, 310Msps
LTC2153-12: 32K Point FFT,
fIN = 421MHz, –1dBFS, 310Msps
LTC2153-12: 32K Point FFT,
fIN = 223MHz, –1dBFS, 310Msps
LTC2153-12: 32K Point FFT,
fIN = 185MHz, –1dBFS, 310Msps
OUTPUT CODE
0
–2.0
–1.5
–1.0
–0.5
0
0.5
2.0
1.5
1.0
4095
215312 G01
OUTPUT CODE
0
–0.50
–0.25
0
0.25
0.50
4095
215312 G02
FREQUENCY (MHz)
0
–120
–100
–80
–60
–40
0
20
40
60
80
215312 G03
100
140
120
–20
FREQUENCY (MHz)
0
–120
–100
–80
–60
–40
0
20
40
60
80
215312 G04
100
140
120
–20
FREQUENCY (MHz)
0
–120
–100
–80
–60
–40
0
20
40
60
80
215312 G05
100
140
120
–20
FREQUENCY (MHz)
0
–120
–100
–80
–60
–40
0
20
40
60
80
215312 G06
100
140
120
–20
FREQUENCY (MHz)
0
–120
–100
–80
–60
–40
0
20
40
60
80
215312 G07
100
140
120
–20
FREQUENCY (MHz)
0
–120
–100
–80
–60
–40
0
20
40
60
80
215312 G08
100
140
120
–20
FREQUENCY (MHz)
0
–120
–100
–80
–60
–40
0
20
40
60
80
215312 G09
100
140
120
–20


Similar Part No. - LTC2153-12_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2153-14 LINER-LTC2153-14 Datasheet
635Kb / 16P
   50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
LTC2153-14 LINER-LTC2153-14_15 Datasheet
823Kb / 26P
   14-Bit 310Msps ADC
More results

Similar Description - LTC2153-12_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2158-12 LINER-LTC2158-12_15 Datasheet
1Mb / 28P
   Dual 12-Bit 310Msps ADC
logo
Linear Dimensions Semic...
LTC2158-12 LINEAR_DIMENSIONS-LTC2158-12 Datasheet
545Kb / 28P
   Dual 12-Bit 310Msps ADC
logo
Linear Technology
LTC2158-12 LINER-LTC2158-12 Datasheet
1Mb / 28P
   Dual 12-Bit 310Msps ADC
LTC2153-14 LINER-LTC2153-14_15 Datasheet
823Kb / 26P
   14-Bit 310Msps ADC
LTC2158-14 LINER-LTC2158-14_15 Datasheet
790Kb / 28P
   Dual 14-Bit 310Msps ADC
LTC6430 LINER-LTC6430 Datasheet
718Kb / 12P
   15dB Differential Amplifier and 14-Bit, 310Msps Dual ADC
logo
Amphenol Corporation
NPX-C017 AMPHENOL-NPX-C017 Datasheet
89Kb / 4P
   12 bit ADC
logo
Linear Technology
LTC2241-12 LINER-LTC2241-12_15 Datasheet
740Kb / 30P
   12-Bit, 210Msps ADC
LTC1743 LINER-LTC1743_15 Datasheet
517Kb / 24P
   12-Bit, 50Msps ADC
LTC2224 LINER-LTC2224_15 Datasheet
616Kb / 24P
   12-Bit, 135Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com