Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2260-12 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2260-12
Description  12-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2260-12 Datasheet(HTML) 3 Page - Linear Technology

  LTC2260-12_15 Datasheet HTML 1Page - Linear Technology LTC2260-12_15 Datasheet HTML 2Page - Linear Technology LTC2260-12_15 Datasheet HTML 3Page - Linear Technology LTC2260-12_15 Datasheet HTML 4Page - Linear Technology LTC2260-12_15 Datasheet HTML 5Page - Linear Technology LTC2260-12_15 Datasheet HTML 6Page - Linear Technology LTC2260-12_15 Datasheet HTML 7Page - Linear Technology LTC2260-12_15 Datasheet HTML 8Page - Linear Technology LTC2260-12_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
LTC2261-12
LTC2260-12/LTC2259-12
3
226112fc
For more information www.linear.com/LTC2261-12
converTer characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 5)
PARAMETER
CONDITIONS
LTC2261-12
LTC2260-12
LTC2259-12
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
Resolution (No Missing Codes)
l
12
12
12
Bits
Integral Linearity Error
Differential Analog Input (Note 6) l
–1
±0.3
1
–1
±0.3
1
–1
±0.3
1
LSB
Differential Linearity Error
Differential Analog Input
l
–0.4
±0.1
0.4
–0.4
±0.1
0.4
–0.4
±0.1
0.4
LSB
Offset Error
(Note 7)
l
–9
±1.5
9
–9
±1.5
9
–9
±1.5
9
mV
Gain Error
Internal Reference
External Reference
l
–1.5
±1.5
±0.4
1.5
–1.5
±1.5
±0.4
1.5
–1.5
±1.5
±0.4
1.5
%FS
%FS
Offset Drift
±20
±20
±20
µV/°C
Full-Scale Drift
Internal Reference
External Reference
±30
±10
±30
±10
±30
±10
ppm/°C
ppm/°C
Transition Noise
External Reference
0.3
0.3
0.3
LSBRMS
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2261CUJ-12#PBF
LTC2261CUJ-12#TRPBF
LTC2261UJ-12
40-Lead (6mm
× 6mm) Plastic QFN
0°C to 70°C
LTC2261IUJ-12#PBF
LTC2261IUJ-12#TRPBF
LTC2261UJ-12
40-Lead (6mm
× 6mm) Plastic QFN
–40°C to 85°C
LTC2260CUJ-12#PBF
LTC2260CUJ-12#TRPBF
LTC2260UJ-12
40-Lead (6mm
× 6mm) Plastic QFN
0°C to 70°C
LTC2260IUJ-12#PBF
LTC2260IUJ-12#TRPBF
LTC2260UJ-12
40-Lead (6mm
× 6mm) Plastic QFN
–40°C to 85°C
LTC2259CUJ-12#PBF
LTC2259CUJ-12#TRPBF
LTC2259UJ-12
40-Lead (6mm
× 6mm) Plastic QFN
0°C to 70°C
LTC2259IUJ-12#PBF
LTC2259IUJ-12#TRPBF
LTC2259UJ-12
40-Lead (6mm
× 6mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping
container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/


Similar Part No. - LTC2260-12_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2260-12 LINER-LTC2260-12 Datasheet
823Kb / 32P
   12-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
More results

Similar Description - LTC2260-12_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2261-12 LINER-LTC2261-12 Datasheet
823Kb / 32P
   12-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2259-12 LINER-LTC2259-12_15 Datasheet
1Mb / 34P
   12-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2261-12 LINER-LTC2261-12_15 Datasheet
1Mb / 34P
   12-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2261-14_1208 LINER-LTC2261-14_1208 Datasheet
506Kb / 34P
   14-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2259-14 LINER-LTC2259-14_15 Datasheet
796Kb / 34P
   14-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2261-14 LINER-LTC2261-14_15 Datasheet
796Kb / 34P
   14-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2260-14 LINER-LTC2260-14_15 Datasheet
796Kb / 34P
   14-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2261-14 LINER-LTC2261-14 Datasheet
467Kb / 32P
   14-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2163 LINER-LTC2163_15 Datasheet
673Kb / 36P
   16-Bit, 125/105/80Msps Low Power ADCs
LTC2165 LINER-LTC2165_15 Datasheet
673Kb / 36P
   16-Bit, 125/105/80Msps Low Power ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com