Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84C22LT1 Datasheet(PDF) 3 Page - Leshan Radio Company

Part # BZX84C22LT1
Description  SEMICONDUCTOR(TECHNICAL DATA)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

BZX84C22LT1 Datasheet(HTML) 3 Page - Leshan Radio Company

  BZX84C22LT1 Datasheet HTML 1Page - Leshan Radio Company BZX84C22LT1 Datasheet HTML 2Page - Leshan Radio Company BZX84C22LT1 Datasheet HTML 3Page - Leshan Radio Company BZX84C22LT1 Datasheet HTML 4Page - Leshan Radio Company BZX84C22LT1 Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LESHAN RADIO COMPANY, LTD.
J2–3/5
TYPICAL CHARACTERISICS
GENERAL DATA — 225mW SOT–23
8
7
6
5
4
3
2
1
0
-1
-2
-3
2
3
4
5
6
7
8
9
10
11
12
100
10
1
10
100
1K
100
10
1
1
10
100
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
V Z , NOMINAL ZENER VOLTAGE (V)
Figure 1. Temperature Coefficients
(Temperature Range –55°C to +150°C)
V Z , NOMINAL ZENER VOLTAGE (V)
Figure 2. Temperature Coefficients
(Temperature Range –55°C to +150°C)
V Z , NOMINAL ZENER VOLTAGE
Figure 3. Effect of Zener Voltage on
Zener Impedance
V F , FORWARD VOLTAGE (V)
Figure 4. Typical Forward Voltage
V Z @ I ZT
TYPICAL T C VALUES
FOR MMBZ5221BLT1
SERIES
TYPICAL T C VALUES
FOR MMBZ5221BLT1
SERIES
T J = 25°C
I Z(AC) = 0.1 I Z(DC)
f = 1 kHz
V Z @ I ZT
I Z = 1 mA
5 mA
20 mA
1000
100
10
1
150°C
75 V (MMBZ5267BLT1)
91 V (MMBZ5270BLT1)
75°C 25°C
0°C


Similar Part No. - BZX84C22LT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BZX84C22LT1 ONSEMI-BZX84C22LT1 Datasheet
80Kb / 8P
   Zener Voltage Regulators
December, 2004 ??Rev. 8
logo
Motorola, Inc
BZX84C22LT1 MOTOROLA-BZX84C22LT1 Datasheet
258Kb / 20P
   225 mW SOT-23 Zener Voltage Regulator Diodes
logo
E-Tech Electronics LTD
BZX84C22LT1 ETL-BZX84C22LT1 Datasheet
174Kb / 5P
   SEMICONDUCTOR
logo
ON Semiconductor
BZX84C22LT1 ONSEMI-BZX84C22LT1 Datasheet
79Kb / 7P
   Zener Voltage Regulators
October, 2005 ??Rev. 11
logo
PACELEADER INDUSTRIAL
BZX84C22LT1 PACELEADER-BZX84C22LT1 Datasheet
180Kb / 2P
   SURFACE MOUNT ZENER DIODES
More results

Similar Description - BZX84C22LT1

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KGT15N120KDA KEC-KGT15N120KDA Datasheet
1Mb / 8P
   SEMICONDUCTOR TECHNICAL DATA
KGT25N120KDA KEC-KGT25N120KDA Datasheet
567Kb / 8P
   SEMICONDUCTOR TECHNICAL DATA
KGH15N120NDA KEC-KGH15N120NDA Datasheet
64Kb / 6P
   SEMICONDUCTOR TECHNICAL DATA
KIA78R015PI KEC-KIA78R015PI Datasheet
108Kb / 10P
   SEMICONDUCTOR TECHNICAL DATA
KIA78R015F KEC-KIA78R015F Datasheet
108Kb / 10P
   SEMICONDUCTOR TECHNICAL DATA
A393F KEC-A393F Datasheet
67Kb / 3P
   SEMICONDUCTOR TECHNICAL DATA
Revision No : 0
logo
Motorola, Inc
MRF372 MOTOROLA-MRF372 Datasheet
528Kb / 12P
   SEMICONDUCTOR TECHNICAL DATA
logo
KEC(Korea Electronics)
SMFZ4.3V-36V KEC-SMFZ4.3V-36V Datasheet
47Kb / 2P
   SEMICONDUCTOR TECHNICAL DATA
KGT15N120NDA KEC-KGT15N120NDA Datasheet
101Kb / 6P
   SEMICONDUCTOR TECHNICAL DATA
KIC9256 KEC-KIC9256 Datasheet
707Kb / 29P
   SEMICONDUCTOR TECHNICAL DATA
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com