Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMXD3004SR Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMXD3004SR
Description  HIGH VOLTAGE SWITCHING DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMXD3004SR Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMXD3004SR Datasheet HTML 1Page - Central Semiconductor Corp CMXD3004SR Datasheet HTML 2Page - Central Semiconductor Corp CMXD3004SR Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CMXD3004SR
SURFACE MOUNT SILICON
DUAL PAIR, IN-SERIES
HIGH VOLTAGE
SWITCHING DIODE
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMXD3004SR
consists of two in-series pairs of high voltage silicon
switching diodes, manufactured in an SOT-26 surface
mount package, designed for high voltage switching
applications.
MARKING CODE: C34SR
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Continuous Reverse Voltage
VR
350
V
Peak Repetitive Reverse Voltage
VRRM
375
V
Average Forward Current
IO
200
mA
Continuous Forward Current
IF
225
mA
Peak Repetitive Forward Current
IFRM
625
mA
Peak Forward Surge Current, tp=1.0μs
IFSM
4.0
A
Peak Forward Surge Current, tp=1.0s
IFSM
1.0
A
Power Dissipation
PD
350
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS PER DIODE: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IR
VR=350V
0.07
1.0
μA
BVR
IR=100μA
375
460
V
VF
IF=100mA
0.95
1.0
V
CJ
VR=0, f=1.0MHz
0.50
5.0
pF
trr
IF=IR=30mA, Irr=3.0mA, RL=100Ω
11
50
ns
APPLICATIONS:
• Voltage multipliers
• Steering diode arrays
• Flyback diodes
FEATURES:
• High voltage capability
• Low reverse leakage current
• Fast switching speed
• Low total conduction losses
SOT-26 CASE
R1 (28-April 2014)
www.centr a lsemi.com


Similar Part No. - CMXD3004SR

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMXD3004SR_1509 CENTRAL-CMXD3004SR_1509 Datasheet
1,011Kb / 2P
   High voltage capability
More results

Similar Description - CMXD3004SR

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPD80V CENTRAL-CPD80V_10 Datasheet
400Kb / 2P
   Switching Diode High Voltage Switching Diode Chip
CPD80V CENTRAL-CPD80V Datasheet
231Kb / 2P
   Switching Diode High Voltage Switching Diode Chip
logo
SHENZHEN YONGERJIA INDU...
1SS245 WINNERJOIN-1SS245_15 Datasheet
129Kb / 3P
   High-voltage switching diode
logo
Leshan Radio Company
LBAS21HT1G LRC-LBAS21HT1G_15 Datasheet
606Kb / 3P
   HIGH VOLTAGE SWITCHING DIODE
LBAS20HT1G LRC-LBAS20HT1G_15 Datasheet
295Kb / 3P
   High Voltage Switching Diode
logo
ON Semiconductor
NSD350H ONSEMI-NSD350H Datasheet
59Kb / 4P
   High Voltage Switching Diode
April, 2015 ??Rev. 0
logo
Diodes Incorporated
BAV5004LP DIODES-BAV5004LP_15 Datasheet
92Kb / 4P
   HIGH VOLTAGE SWITCHING DIODE
logo
ON Semiconductor
BAS19LT1 ONSEMI-BAS19LT1_07 Datasheet
128Kb / 6P
   High Voltage Switching Diode
January, 2007 ??Rev. 9
logo
SEMTECH ELECTRONICS LTD...
BAS521WT SEMTECH_ELEC-BAS521WT Datasheet
235Kb / 3P
   High Voltage Switching Diode
logo
Cystech Electonics Corp...
BAS21SG CYSTEKEC-BAS21SG Datasheet
150Kb / 4P
   High voltage switching diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com