Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z2PK104LH Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # Z2PK104LH
Description  Schottky Barrier Diode Halogen-free type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

Z2PK104LH Datasheet(HTML) 1 Page - Zowie Technology Corporation

  Z2PK104LH Datasheet HTML 1Page - Zowie Technology Corporation Z2PK104LH Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ZOWIE
(40V / 1.0A)
Z2PK104LH
Absolute Maximum Ratings (Ta = 25
o
C)
VRRM
40
V
IF(AV)
A
IFSM
A
Tj
TSTG
8.3ms single half sine-wave
ITEM
Average forward current
Symbol
Conditions
Unit
Peak forward surge current
Operating junction temperature Range
Rating
20
-55 to +125
-55 to +150
1.0
Repetitive peak reverse voltage
Storage temperature Range
Schottky Barrier Diode
* Halogen-free type
* Compliance to RoHS product
* Lead less chip form, no lead damage
* Low power loss, High efficiency
* High current capability
* Low forward voltage drop
* Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
* Patented ZPAK
TM Package Technology
FEATURES
* Switching mode power supply applications
* Portable equipment battery applications
* High frequency rectification
* DC / DC Converter
* Telecommunication
APPLICATION
* 3,000 pieces per 7" (178mm ± 2mm) reel
* 4 reels per box
* 6 boxes per carton
PACKING
Case : Packed with FRP substrate and epoxy underfilled
Terminals : Pure Tin plated (Lead-Free),
solderable per MIL-STD-750, Method 2026.
Polarity : Laser Cathode band marking
Weight : 0.012 gram
MECHANICAL DATA
oC
oC
Electrical characteristics (Ta = 25
o
C)
VF
ITEM
Symbol
Conditions
Min.
Typ.
IF = 0.1A
IF = 0.5A
IF = 1.0A
V
-
-
-
0.24
0.31
0.37
-
-
0.38
Max.
Unit
Forward voltage (NOTE 1)
oC/W
-
88
-
Rth(JA)
Junction to ambient (NOTE 2)
Thermal resistance
oC/W
-
28
-
Rth(JL)
Junction to lead (NOTE 2)
pF
-
115
-
Cj
VR = 4V, f = 1.0 MHz
Junction capacitance
mA
-
0.30
1.0
IRRM
Repetitive peak reverse current (NOTE 1)
VR = Max. VRRM , Ta = 25
oC
2012/08
REV. 0
NOTES : (1) Pulse test width PW=300usec , 1% duty cycle.
(2) Mounted on P.C. board with 0.2 x 0.2"(5.0 x5.0mm) copper pad areas.
MARKING
Low VF
Cathode mark
Amps class
Voltage class
A4L.
Halogen-free type
Unit : mm
Case : Z2PAK
OUTLINE DIMENSIONS
Equivalent : SOD-123
3.40 ± 0.2
0.05
R0.3
0.70 ± 0.2
0.70 ± 0.2
0.43 ± 0.2
2.3 ± 0.2


Similar Part No. - Z2PK104LH

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
Z2PK104H ZOWIE-Z2PK104H Datasheet
211Kb / 2P
   Schottky Barrier Diode
Z2PK104H ZOWIE-Z2PK104H Datasheet
69Kb / 2P
   Schottky Barrier Diode
More results

Similar Description - Z2PK104LH

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
Z1PK104LH ZOWIE-Z1PK104LH Datasheet
49Kb / 2P
   Schottky Barrier Diode Halogen-free type
Z1PK054H ZOWIE-Z1PK054H Datasheet
51Kb / 2P
   Schottky Barrier Diode Halogen-free type
BAT54HT1GH ZOWIE-BAT54HT1GH Datasheet
43Kb / 2P
   Schottky Barrier Diode Lead free product Halogen-free type
BAT54RSGH ZOWIE-BAT54RSGH Datasheet
81Kb / 3P
   Schottky Barrier Diode Lead free product Halogen - free type
BAT54RAGH ZOWIE-BAT54RAGH Datasheet
232Kb / 2P
   Schottky Barrier Diode Lead free product Halogen-free type
RB491DGH ZOWIE-RB491DGH Datasheet
48Kb / 2P
   Schottky Barrier Diode Lead free product Halogen-free type
BAT54WGH ZOWIE-BAT54WGH Datasheet
121Kb / 2P
   Schottky Barrier Diode Lead free product Halogen-free type
RB521S-30GH ZOWIE-RB521S-30GH Datasheet
359Kb / 2P
   Schottky Barrier Diode Lead free product Halogen-free type
BAT54CWGH ZOWIE-BAT54CWGH Datasheet
49Kb / 2P
   Schottky Barrier Diode Lead free product Halogen-free type
BAT54RGH ZOWIE-BAT54RGH Datasheet
128Kb / 4P
   Schottky Barrier Diode Lead free product Halogen-free type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com