Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMMTA42 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # FMMTA42
Description  300V NPN HIGH VOLTAGE TRANSISTOR IN SOT23
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMTA42 Datasheet(HTML) 4 Page - Diodes Incorporated

  FMMTA42_15 Datasheet HTML 1Page - Diodes Incorporated FMMTA42_15 Datasheet HTML 2Page - Diodes Incorporated FMMTA42_15 Datasheet HTML 3Page - Diodes Incorporated FMMTA42_15 Datasheet HTML 4Page - Diodes Incorporated FMMTA42_15 Datasheet HTML 5Page - Diodes Incorporated FMMTA42_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
FMMTA42
Datasheet Number: DS33126 Rev.7 - 2
4 of 6
www.diodes.com
July 2012
© Diodes Incorporated
FMMTA42
A Product Line of
Diodes Incorporated
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
300
V
IC = 100µA
Collector-Emitter Breakdown Voltage (Note 10)
BVCEO
300
V
IC = 1mA
Emitter-Base Breakdown Voltage
BVEBO
7
V
IE = 100µA
Collector Cutoff Current
ICBO
100
nA
VCB = 200V
Emitter Cutoff Current
IEBO
100
nA
VEB = 6V
Static Forward Current Transfer Ratio
(Note 10)
hFE
25
40
40
IC = 1mA, VCE = 10V
IC = 10mA, VCE = 10V
IC = 30mA, VCE = 10V
Collector-Emitter Saturation Voltage (Note 10)
VCE(sat)
500
mV
IC = 20mA, IB = 2mA
Base-Emitter Saturation Voltage(Note 10)
VBE(sat)
900
mV
IC = 20mA, IB = 2mA
Output Capacitance
Cobo
6
pF
VCB = 20V. f = 1MHz
Transition Frequency
fT
50
MHz
VCE = 20V, IC = 10mA,
f = 20MHz
Note:
10. Measured under pulsed conditions. Pulse width
≤ 300µs. Duty cycle ≤ 2%.
Typical Electrical Characteristics (@TA = +25°C, unless otherwise specified.)


Similar Part No. - FMMTA42_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMTA42TA DIODES-FMMTA42TA Datasheet
147Kb / 4P
   FMMTA42 SOT23 NPN Silicon planar high voltage transistor
More results

Similar Description - FMMTA42_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT597 DIODES-FMMT597_15 Datasheet
617Kb / 7P
   300V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
DZTA42Q DIODES-DZTA42Q Datasheet
468Kb / 7P
   300V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
DZTA42 DIODES-DZTA42_15 Datasheet
291Kb / 7P
   300V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
FMMT459 DIODES-FMMT459_15 Datasheet
300Kb / 7P
   500V NPN HIGH VOLTAGE TRANSISTOR IN SOT23
FMMT458TA DIODES-FMMT458TA Datasheet
429Kb / 7P
   400V NPN HIGH VOLTAGE TRANSISTOR IN SOT23
FMMT458 DIODES-FMMT458_15 Datasheet
429Kb / 7P
   400V NPN HIGH VOLTAGE TRANSISTOR IN SOT23
FMMT459Q DIODES-FMMT459Q_15 Datasheet
301Kb / 7P
   500V NPN HIGH VOLTAGE TRANSISTOR IN SOT23
FMMT416 DIODES-FMMT416 Datasheet
634Kb / 5P
   NPN HIGH VOLTAGE AVALANCHE TRANSISTOR IN SOT23
July 2019
AMBTA92Q DIODES-AMBTA92Q Datasheet
370Kb / 5P
   300V PNP SMALL SIGNAL TRANSISTOR IN SOT23
May 2018 Rev. 1 - 2
MMBTA92 DIODES-MMBTA92_15 Datasheet
355Kb / 5P
   300V PNP SMALL SIGNAL TRANSISTOR IN SOT23
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com