Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FZT489 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # FZT489
Description  30V NPN MEDIUM POWER TRANSISTOR IN SOT223
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FZT489 Datasheet(HTML) 3 Page - Diodes Incorporated

  FZT489_15 Datasheet HTML 1Page - Diodes Incorporated FZT489_15 Datasheet HTML 2Page - Diodes Incorporated FZT489_15 Datasheet HTML 3Page - Diodes Incorporated FZT489_15 Datasheet HTML 4Page - Diodes Incorporated FZT489_15 Datasheet HTML 5Page - Diodes Incorporated FZT489_15 Datasheet HTML 6Page - Diodes Incorporated FZT489_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
FZT489
Document Number DS33134 Rev. 5 - 2
3 of 7
www.diodes.com
March 2015
© Diodes Incorporated
A Product Line of
Diodes Incorporated
FZT489
Thermal Characteristics and Derating Characteristics
100µ
1m
10m 100m
1
10
100
1k
0
10
20
30
40
50
60
70
0
20
40
60
80
100 120 140 160
0.0
0.5
1.0
1.5
2.0
2.5
3.0
50mm x 50mm
2oz FR4
25mm x 25mm
2oz FR4
Derating Curve
Temperature (°C)
100µ
1m
10m 100m
1
10
100
1k
0
10
20
30
40
50
T
amb
=25°C
25mm x 25mm
2oz FR4
Transient Thermal Impedance
D=0.5
D=0.2
D=0.1
Single Pulse
D=0.05
Pulse Width (s)
100µ
1m
10m 100m
1
10
100
1k
1
10
100
25mm x 25mm
2oz FR4
50mm x 50mm
2oz FR4
Single Pulse
T
amb
=25°C
Pulse Power Dissipation
Pulse Width (s)
D=0.1
D=0.05
Single Pulse
D=0.2
D=0.5
T
amb
=25°C
50mm x 50mm
2oz FR4
Transient Thermal Impedance
Pulse Width (s)


Similar Part No. - FZT489_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
FZT489 KEXIN-FZT489_15 Datasheet
364Kb / 1P
   NPN Transistors
More results

Similar Description - FZT489_15

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN2007G ZETEX-ZXTN2007G Datasheet
125Kb / 6P
   30V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZX5T849G DIODES-ZX5T849G Datasheet
126Kb / 6P
   30V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
FZT489TA DIODES-FZT489TA Datasheet
227Kb / 7P
   30V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT223
ZXTN2007G DIODES-ZXTN2007G Datasheet
141Kb / 6P
   30V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Zetex Semiconductors
ZX5T849G ZETEX-ZX5T849G Datasheet
120Kb / 6P
   30V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZXTN2007G DIODES-ZXTN2007G_15 Datasheet
141Kb / 6P
   30V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
FZT549 DIODES-FZT549_15 Datasheet
523Kb / 7P
   30V PNP MEDIUM POWER TRANSISTOR IN SOT223
FZT9489 DIODES-FZT9489 Datasheet
606Kb / 7P
   30V PNP MEDIUM POWER TRANSISTOR IN SOT223
FZT9489 DIODES-FZT9489_15 Datasheet
606Kb / 7P
   30V PNP MEDIUM POWER TRANSISTOR IN SOT223
FZT589 DIODES-FZT589_15 Datasheet
524Kb / 7P
   30V PNP MEDIUM POWER TRANSISTOR IN SOT223
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com