Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD784928GC Datasheet(PDF) 3 Page - NEC

Part # UPD784928GC
Description  16-BIT SINGLE-CHIP MICROCONTROLLER
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD784928GC Datasheet(HTML) 3 Page - NEC

  UPD784928GC Datasheet HTML 1Page - NEC UPD784928GC Datasheet HTML 2Page - NEC UPD784928GC Datasheet HTML 3Page - NEC UPD784928GC Datasheet HTML 4Page - NEC UPD784928GC Datasheet HTML 5Page - NEC UPD784928GC Datasheet HTML 6Page - NEC UPD784928GC Datasheet HTML 7Page - NEC UPD784928GC Datasheet HTML 8Page - NEC UPD784928GC Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 96 page
background image
3
µPD784927, 784928, 784927Y, 784928Y
Data Sheet U12255EJ2V0DS00
µPD784927, 784927Y
µPD784928, 784928Y
96K bytes
128K bytes
2048 bytes
3584 bytes
16 MHz (internal clock: 8 MHz)
Low frequency oscillation mode : 8 MHz (internal clock: 8 MHz)
Low power consumption mode : 32.768 kHz (subsystem clock)
250 ns (with 8 MHz internal clock)
74
input : 20
I/O
: 54 (including 8 ports for LED direct drive)
11 (including one each for pseudo VSYNC, head amplifier switch, and chrominance rotation)
Timer/counter
Compare register
Capture register
Remark
TM0 (16 bits)
3
TM1 (16 bits)
3
1
FRC (22 bits)
6
TM3 (16 bits)
2
1
UDC (5 bits)
1
EC (8 bits)
4
For HSW signal generation
EDV (8 bits)
1
For CFG signal division
Input signal
Number of bits
Measurable cycle
Operating edge
CFG
22
125 ns to 524 ms
↑↓
DFG
22
125 ns to 524 ms
HSW
16
1
µs to 65.5 ms
↑↓
VSYNC
22
125 ns to 524 ms
CTL
16
1
µs to 65.5 ms
↑↓
TREEL
22
125 ns to 524 ms
↑↓
SREEL
22
125 ns to 524 ms
↑↓
• VSYNC separation circuit, HSYNC separation circuit
• VISS detection, wide aspect detection circuits
• Field identification circuit
• Head amplifier switch/chrominance rotation output circuit
Timer
Compare register
Capture register
TM2 (16 bits)
1
TM4 (16 bits)
1 (capture/compare)
1
TM5 (16 bits)
1
• 16-bit resolution : 3 channels (carrier frequency: 62.5 kHz)
• 8-bit resolution : 3 channels (carrier frequency: 62.5 kHz)
3-wire serial I/O: 2 channels (BUSY/STRB control: 1 channel)
• I2C bus interface: 1 channel (
µPD784928Y subseries only)
8-bit resolution
× 12 channels, conversion time: 10
µs
FUNCTION LIST (1/2)
Part Number
Item
Internal ROM capacity
Internal RAM capacity
Operating clock
Minimum instruction execu-
tion time
I/O port
Real-time output port
Timer/counter
Capture register
VCR special
circuit
General-purpose
timer
PWM output
Serial interface
A/D converter
Super
timer unit


Similar Part No. - UPD784928GC

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784928 NEC-UPD784928 Datasheet
250Kb / 32P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784928 NEC-UPD784928 Datasheet
371Kb / 52P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784928 NEC-UPD784928 Datasheet
3Mb / 733P
   16-Bit Single-Chip Microcontrollers
UPD784928Y NEC-UPD784928Y Datasheet
250Kb / 32P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784928Y NEC-UPD784928Y Datasheet
371Kb / 52P
   16-BIT SINGLE-CHIP MICROCONTROLLER
More results

Similar Description - UPD784928GC

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784054 NEC-UPD784054 Datasheet
579Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784907 NEC-UPD784907 Datasheet
657Kb / 98P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4916 NEC-UPD78P4916 Datasheet
288Kb / 56P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
SABC167CRLMGAT6 INFINEON-SABC167CRLMGAT6 Datasheet
1Mb / 89P
   16-Bit Single-Chip Microcontroller
V3.3, Feb. 2005
logo
Epson Company
S1C17555 EPSON-S1C17555 Datasheet
176Kb / 5P
   16-bit Single Chip Microcontroller
logo
NEC
UPD78F4937 NEC-UPD78F4937 Datasheet
250Kb / 32P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164CI INFINEON-C164CI_02 Datasheet
4Mb / 484P
   16-Bit Single-Chip Microcontroller
V3.1, Feb. 2002
logo
Renesas Technology Corp
D784927 RENESAS-D784927_15 Datasheet
785Kb / 99P
   16-BIT SINGLE-CHIP MICROCONTROLLER
PD78F4937 RENESAS-PD78F4937_15 Datasheet
317Kb / 34P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164SI INFINEON-C164SI Datasheet
1Mb / 79P
   16-Bit Single-Chip Microcontroller
V2.0, May 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com