Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1738 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1738
Description  Slew Rate Controlled Ultralow Noise DC/DC Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1738 Datasheet(HTML) 1 Page - Linear Technology

  LT1738_15 Datasheet HTML 1Page - Linear Technology LT1738_15 Datasheet HTML 2Page - Linear Technology LT1738_15 Datasheet HTML 3Page - Linear Technology LT1738_15 Datasheet HTML 4Page - Linear Technology LT1738_15 Datasheet HTML 5Page - Linear Technology LT1738_15 Datasheet HTML 6Page - Linear Technology LT1738_15 Datasheet HTML 7Page - Linear Technology LT1738_15 Datasheet HTML 8Page - Linear Technology LT1738_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LT1738
1738fa
The LT
®1738 is a switching regulator controller designed
to lower conducted and radiated electromagnetic interfer-
ence (EMI). Ultralow noise and EMI are achieved by
controlling the voltage and current slew rates of an exter-
nal N-channel MOSFET switch. Current and voltage slew
rates can be independently set to optimize harmonic
content of the switching waveforms vs efficiency. The
LT1738 can reduce high frequency harmonic power by as
much as 40dB with only minor losses in efficiency.
The LT1738 utilizes a current mode architecture opti-
mized for single switch topologies such as boost, flyback
and Cuk. The IC includes gate drive and all necessary
oscillator, control and protection circuitry. Unique error
amp circuitry can regulate both positive and negative
voltages. The internal oscillator may be synchronized to
an external clock for more accurate placement of switch-
ing harmonics.
Protection features include gate drive lockout for low VIN,
soft-start, output current limit, short-circuit current limit-
ing, gate drive overvoltage clamp and input supply
undervoltage lockout.
s
Greatly Reduced Conducted and Radiated EMI
s
Low Switching Harmonic Content
s
Independent Control of Output Switch Voltage and
Current Slew Rates
s
Greatly Reduced Need for External Filters
s
Single N-Channel MOSFET Driver
s
20kHz to 250kHz Oscillator Frequency
s
Easily Synchronized to External Clock
s
Regulates Positive and Negative Voltages
s
Easier Layout Than with Conventional Switchers
s
Power Supplies for Noise Sensitive Communication
Equipment
s
EMI Compliant Offline Power Supplies
s
Precision Instrumentation Systems
s
Isolated Supplies for Industrial Automation
s
Medical Instruments
s
Data Acquisition Systems
, LTC and LT are registered trademarks of Linear Technology Corporation.
Ultralow Noise 5V to 12V Converter
3
10
11
13
SHDN
CAP
NFB
LT1738
GND
VIN
17
14
2
GCL
SS
V5
SYNC
GATE
5
1
CT
6
RT
7
8
RCSL
16
VC
15
12
RVSL
CS
4
PGND
20
FB
9
5pF
Si9426
10nF
1.5k
3.3k
25k
25k
3.3k
16.9k
1.3nF
22nF
0.22
µF
21.5k
2.5k
10
µH
OPTIONAL
150
µF
OSCON
4
× 150µF
OSCON
12V
1A
MBRD620
5V
VIN
100
µF
P3
22
µH
1738 TA01
+
+
+
A
B
25m
12V Output Noise
(Bandwidth = 100MHz)
400
µVP-P
5
µs/DIV
1738 TA01a
Slew Rate Controlled
Ultralow Noise DC/DC Controller
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO
POINT
B
ON SCHEMATIC
50mV/DIV
POINT
A
ON SCHEMATIC
500
µV/DIV


Similar Part No. - LT1738_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1738EG LINER-LT1738EG Datasheet
248Kb / 20P
   Slew Rate Controlled Ultralow Noise DC/DC Controller
LT1738IG LINER-LT1738IG Datasheet
248Kb / 20P
   Slew Rate Controlled Ultralow Noise DC/DC Controller
More results

Similar Description - LT1738_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1738 LINER-LT1738 Datasheet
248Kb / 20P
   Slew Rate Controlled Ultralow Noise DC/DC Controller
LT1683 LINER-LT1683_15 Datasheet
414Kb / 26P
   Slew Rate Controlled Ultralow Noise Push-Pull DC/DC Controller
LT3439 LINER-LT3439 Datasheet
196Kb / 12P
   Slew Rate Controlled Ultralow Noise1A Isolated DC/DC Transformer Driver
LT3439 LINER-LT3439_15 Datasheet
197Kb / 12P
   Slew Rate Controlled Ultralow Noise1A Isolated DC/DC Transformer Driver
LT1683 LINER-LT1683 Datasheet
237Kb / 24P
   Ultralow Noise Push-Pull DC/DC Controller
logo
Allegro MicroSystems
A6818 ALLEGRO-A6818 Datasheet
266Kb / 7P
   Controlled output slew rate
logo
Advanced Analog Technol...
AAT4250 AAT-AAT4250 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280 Datasheet
423Kb / 14P
   Slew Rate Controlled Load Switch
AAT4250 ANALOGICTECH-AAT4250_06 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
AAT4282A ANALOGICTECH-AAT4282A_08 Datasheet
607Kb / 13P
   Slew Rate Controlled Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com