Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3431 Datasheet(PDF) 10 Page - Linear Technology

Part # LT3431
Description  High Voltage, 3A, 500kHz Step-Down Switching Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3431 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3431_15 Datasheet HTML 6Page - Linear Technology LT3431_15 Datasheet HTML 7Page - Linear Technology LT3431_15 Datasheet HTML 8Page - Linear Technology LT3431_15 Datasheet HTML 9Page - Linear Technology LT3431_15 Datasheet HTML 10Page - Linear Technology LT3431_15 Datasheet HTML 11Page - Linear Technology LT3431_15 Datasheet HTML 12Page - Linear Technology LT3431_15 Datasheet HTML 13Page - Linear Technology LT3431_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
LT3431
sn3431 3431fs
APPLICATIO S I FOR ATIO
importance, the subsequent suggestions in Peak Induc-
tor and Fault Current and EMI will additionally help in the
selection of the inductor value.
Peak-to-peak output ripple voltage is the sum of a triwave
(created by peak-to-peak ripple current (ILP-P) times ESR)
and a square wave (created by parasitic inductance (ESL)
and ripple current slew rate). Capacitive reactance is
assumed to be small compared to ESR or ESL.
V
I
ESR
ESL
dI
dt
RIPPLE
LP P
=
()( )+()
-
Σ
where:
ESR = equivalent series resistance of the output
capacitor
ESL = equivalent series inductance of the output
capacitor
dI/dt = slew rate of inductor ripple current = VIN/L
Peak-to-peak ripple current (ILP-P) through the inductor
and into the output capacitor is typically chosen to be
between 20% and 40% of the maximum load current. It is
approximated by:
I
VV
V
Vf L
LP P
OUT
IN
OUT
IN
-
= ()(
)
()( )( )
Example: with VIN = 12V, VOUT = 5V, L = 10µH, ESR =
0.080
Ω and ESL = 10nH, output ripple voltage can be
approximated as follows:
IA
dI
dt
VA
mV
RIPPLE
P- P
P- P
=
()
()
()
()(
)
=
==
=
()( )+
()( )()
=+=
512 5
12 10 10
500 10
058
12
10 10
10
1 2
0 58
0 08
10 10
10
1 2
0 046 0 012
58
63
6
6
96
••
.
•.
..
.
..
Σ
To reduce output ripple voltage further requires an in-
crease in the inductor value with the trade-off being a
physically larger inductor with the possibility of increased
component height and cost.
Ceramic Output Capacitor
An alternative way to further reduce output ripple voltage
is to reduce the ESR of the output capacitor by using a
ceramic capacitor. Although this reduction of ESR re-
moves a useful zero in the overall loop response, this zero
can be replaced by inserting a resistor (RC) in series with
the VC pin and the compensation capacitor CC. (See
Ceramic Capacitors in Applications Information.)
Peak Inductor Current and Fault Current
To ensure that the inductor will not saturate, the peak
inductor current should be calculated knowing the maxi-
mum load current. An appropriate inductor should then
be chosen. In addition, a decision should be made whether
or not the inductor must withstand continuous fault
conditions.
If maximum load current is 1A, for instance, a 1A inductor
may not survive a continuous 4A overload condition. Dead
shorts will actually be more gentle on the inductor because
the LT3431 has frequency and current limit foldback.
Peak inductor and switch current can be significantly
higher than output current, especially with smaller induc-
tors and lighter loads, so don’t omit this step. Powdered
iron cores are forgiving because they saturate softly,
whereas ferrite cores saturate abruptly. Other core mate-
rials fall somewhere in between. The following formula
assumes continuous mode of operation, but errs only
slightly on the high side for discontinuous mode, so it can
be used for all conditions.
II
I
I
VV
V
Vf L
PEAK
OUT
LP P
OUT
OUT
IN
OUT
IN
=+
=+ ()(
)
()( )( )()
()
-
2
2
EMI
Decide if the design can tolerate an “open” core geometry
like a rod or barrel, which have high magnetic field
radiation, or whether it needs a closed core like a toroid to
prevent EMI problems. This is a tough decision because
the rods or barrels are temptingly cheap and small and


Similar Part No. - LT3431_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3431EFE LINER-LT3431EFE Datasheet
256Kb / 28P
   High Voltage, 3A,500kHz Step-Down Switching Regulator
LT3431IFE LINER-LT3431IFE Datasheet
256Kb / 28P
   High Voltage, 3A,500kHz Step-Down Switching Regulator
More results

Similar Description - LT3431_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3431 LINER-LT3431 Datasheet
256Kb / 28P
   High Voltage, 3A,500kHz Step-Down Switching Regulator
LT3435 LINER-LT3435_15 Datasheet
325Kb / 24P
   High Voltage 3A, 500kHz Step-Down Switching Regulator with 100쨉A Quiescent Current
LT3435 LINER-LT3435 Datasheet
319Kb / 24P
   High Voltage 3A, 500kHz Step-Down Switching Regulator with 100짰 Quiescent Current
logo
Shenzhen Huazhimei Semi...
HM1484D HMSEMI-HM1484D Datasheet
1Mb / 7P
   30V 3A 500KHz Synchronous Step-Down Regulator
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576 Datasheet
141Kb / 7P
   3A Step Down Switching Voltage Regulator
logo
Unisonic Technologies
P2576_1109 UTC-P2576_1109 Datasheet
293Kb / 8P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
Taiwan Semiconductor Co...
TS2596 TSC-TS2596 Datasheet
131Kb / 6P
   3A Step Down Switching Voltage Regulator
logo
Unisonic Technologies
P2576 UTC-P2576 Datasheet
295Kb / 8P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATOR
P2576 UTC-P2576_15 Datasheet
305Kb / 8P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
Shenzhen Huazhimei Semi...
HM8113 HMSEMI-HM8113 Datasheet
1Mb / 7P
   18V 3A 500KHz Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com