Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3437 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3437
Description  High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100A Quiescent Current
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3437 Datasheet(HTML) 5 Page - Linear Technology

  LT3437_15 Datasheet HTML 1Page - Linear Technology LT3437_15 Datasheet HTML 2Page - Linear Technology LT3437_15 Datasheet HTML 3Page - Linear Technology LT3437_15 Datasheet HTML 4Page - Linear Technology LT3437_15 Datasheet HTML 5Page - Linear Technology LT3437_15 Datasheet HTML 6Page - Linear Technology LT3437_15 Datasheet HTML 7Page - Linear Technology LT3437_15 Datasheet HTML 8Page - Linear Technology LT3437_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
LT3437
3437fc
TEMPERATURE (
°C)
–50
800
700
600
500
400
300
200
100
0
110
3437 G08
–10
30
70
150
90
–30
10
50
130
RUN MODE
SLEEP MODE
TEMPERATURE (
°C)
0
200
400
600
100
300
500
–10
30
70
110
3437 G07
150
–30
–50
10
50
90
130
RUN MODE
SLEEP MODE VBIAS = 0V
SLEEP MODE VBIAS = 5V
Efficiency and Power Loss
vs Load Current
LOAD CURRENT (mA)
0.1
0
20
10
40
50
60
100
100
3437 G01
30
1
10
1000
70
80
90
500
450
400
350
300
250
200
150
100
50
0
EFFICIENCY
POWER LOSS
VIN = 12V
VOUT = 3.3V
TA = 25°C
1.20
1.24
1.30
1.22
1.28
1.26
TEMPERATURE (
°C)
3437 G02
–50
0
50
75
–25
25
100
150
125
TEMPERATURE (
°C)
150
160
180
190
200
220
3437 G03
170
230
240
250
210
–50
0
50
75
–25
25
100
150
125
1.35
3437 G04
1.20
1.10
1.40
1.45
1.50
1.30
1.25
1.15
TEMPERATURE (
°C)
–50
0
50
75
–25
25
100
150
125
VSHDN (V)
0
0
2
4
6
10
20
30
40
3437 G05
50
8
10
60
3437 G06
6
4
2
0
10
8
16
14
12
22
18
TEMPERATURE (
°C)
20
–50
0
50
75
–25
25
100
150
125
VVIN = 80V
VVIN = 12V
VVIN = 60V
TEMPERATURE (
°C)
0
200
100
300
400
500
600
700
800
3437 G09
–50
0
50
75
–25
25
100
150
125
TYPICAL PERFOR A CE CHARACTERISTICS
FB Voltage vs Temperature
Oscillator Frequency
vs Temperature
SHDN Threshold
Shutdown Supply Current
vs Temperature
Input Current vs Temperature
Bias Current vs Temperature
Switch Peak Current Limit
vs Temperature
SHDN Pin Current


Similar Part No. - LT3437_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3437 LINER-LT3437_1 Datasheet
558Kb / 28P
   High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100關A Quiescent Current
More results

Similar Description - LT3437_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3437 LINER-LT3437 Datasheet
523Kb / 24P
   High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100uA Quiescent Current
LT1976 LINER-LT1976_15 Datasheet
312Kb / 28P
   High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100A Quiescent Current
LT1976B LINER-LT1976B_15 Datasheet
312Kb / 28P
   High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100A Quiescent Current
LT3437 LINER-LT3437_1 Datasheet
558Kb / 28P
   High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100關A Quiescent Current
LT3434 LINER-LT3434_15 Datasheet
413Kb / 24P
   High Voltage 3A, 200kHz Step-Down Switching Regulator with 100쨉A Quiescent Current
LT1976 LINER-LT1976 Datasheet
797Kb / 24P
   High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100mA Quiescent Current
LT3434 LINER-LT3434 Datasheet
367Kb / 24P
   High Voltage 3A, 200kHz Step-Down Switching Regulator with 100uA Quiescent Current
LT1977 LINER-LT1977_15 Datasheet
331Kb / 24P
   High Voltage 1.5A, 500kHz Step-Down Switching Regulator with 100A Quiescent Current
LT1976B LINER-LT1976B Datasheet
306Kb / 28P
   High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100關A Quiescent Current
LT3430 LINER-LT3430 Datasheet
302Kb / 28P
   High Voltage, 3A, 200kHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com