Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1092 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1092
Description  1-, 2-, 6- and 8-Channel, 10-Bit Serial I/O Data Acquisition Systems
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1092 Datasheet(HTML) 1 Page - Linear Technology

  LTC1092_15 Datasheet HTML 1Page - Linear Technology LTC1092_15 Datasheet HTML 2Page - Linear Technology LTC1092_15 Datasheet HTML 3Page - Linear Technology LTC1092_15 Datasheet HTML 4Page - Linear Technology LTC1092_15 Datasheet HTML 5Page - Linear Technology LTC1092_15 Datasheet HTML 6Page - Linear Technology LTC1092_15 Datasheet HTML 7Page - Linear Technology LTC1092_15 Datasheet HTML 8Page - Linear Technology LTC1092_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1
LTC1091/LTC1092
LTC1093/LTC1094
1-, 2-, 6- and 8-Channel, 10-Bit
Serial I/O Data Acquisition Systems
s
Programmable Features
– Unipolar/Bipolar Conversions
– Differential/Single-Ended Multiplexer
Configurations
s
Sample-and-Holds
s
Single Supply 5V, 10V or
±5V Operation
s
Direct 3- or 4-Wire Interface to Most MPU Serial
Ports and All MPU Parallel I/O Ports
s
Analog Inputs Common Mode to Supply Rails
s
Resolution: 10 Bits
s
Total Unadjusted Error (A Grade):
±1LSB Over Temp
s
Fast Conversion Time: 20
µs
s
Low Supply Current
LTC1091: 3.5mA Max, 1.5mA Typ
LTC1092/LTC1093/LTC1094: 2.5mA Max, 1mA Typ
5V
ANALOG INPUT #1
0V TO 5V RANGE
ANALOG INPUT #2
0V TO 5V RANGE
CLK
DOUT
DIN
CS
CH0
CH1
GND
LTC1091
MPU
(e.g., 8051)
P1.4
P1.3
P1.2
1091 TA01
8
7
6
5
1
2
3
4
SERIAL DATA LINK
FOR 8051 CODE SEE
APPLICATIONS INFORMATION
SECTION
VCC
(VREF)
4.7
µF
REFERENCE VOLTAGE (V)
0
1.25
1.00
0.75
0.50
0.25
0
4
1091 TA02
1
2
3
5
VCC = 5V
The LTC
®1091/LTC1092/LTC1093/LTC1094 10-bit data
acquisition systems are designed to provide complete
function, excellent accuracy and ease of use when digitiz-
ing analog data from a wide variety of signal sources and
transducers. Built around a 10-bit, switched capacitor,
successive approximation A/D core, these devices include
software configurable analog multiplexers and bipolar and
unipolar conversion modes as well as on-chip sample-
and-holds. On-chip serial ports allow efficient data trans-
fer to a wide range of microprocessors and microcontrol-
lers. These circuits can provide a complete data acquisi-
tion system in ratiometric applications or can be used with
an external reference in others.
The high impedance analog inputs and the ability to
operate with reduced spans (below 1V full scale) allow
direct connection to sensors and transducers in many
applications, eliminating the need for gain stages.
An efficient serial port communicates without external
hardware to most MPU serial ports and all MPU parallel
I/O ports allowing eight channels of data to be transmitted
over as few as three wires. This, coupled with low power
consumption, makes remote location possible and facili-
tates transmitting data through isolation barriers.
Temperature drift of offset, linearity and full-scale error
are all extremely low (1ppm/
°C typically) allowing all
grades to be specified with offset and linearity errors of
±0.5LSB maximum over temperature. In addition, the A
grade devices are specified with full-scale error and total
unadjusted error (including the effects of offset, linearity
and full-scale errors) of
±1LSB maximum over tempera-
ture. The lower grade has a full-scale specification of
±2LSB for applications where full scale is adjustable or
less critical.
, LTC and LT are registered trademarks of Linear Technology Corporation.
FEATURES
DESCRIPTIO
TYPICAL APPLICATION


Similar Part No. - LTC1092_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1092AC LINER-LTC1092AC Datasheet
356Kb / 32P
   1-, 2-, 6- and 8-Channel, 10-Bit Serial I/O Data Acquisition Systems
LTC1092ACN8 LINER-LTC1092ACN8 Datasheet
356Kb / 32P
   1-, 2-, 6- and 8-Channel, 10-Bit Serial I/O Data Acquisition Systems
LTC1092C LINER-LTC1092C Datasheet
356Kb / 32P
   1-, 2-, 6- and 8-Channel, 10-Bit Serial I/O Data Acquisition Systems
LTC1092CN8 LINER-LTC1092CN8 Datasheet
356Kb / 32P
   1-, 2-, 6- and 8-Channel, 10-Bit Serial I/O Data Acquisition Systems
More results

Similar Description - LTC1092_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1091 LINER-LTC1091_15 Datasheet
287Kb / 32P
   1-, 2-, 6- and 8-Channel, 10-Bit Serial I/O Data Acquisition Systems
LTC1093 LINER-LTC1093_15 Datasheet
287Kb / 32P
   1-, 2-, 6- and 8-Channel, 10-Bit Serial I/O Data Acquisition Systems
LTC1094 LINER-LTC1094_15 Datasheet
287Kb / 32P
   1-, 2-, 6- and 8-Channel, 10-Bit Serial I/O Data Acquisition Systems
LTC1091 LINER-LTC1091 Datasheet
356Kb / 32P
   1-, 2-, 6- and 8-Channel, 10-Bit Serial I/O Data Acquisition Systems
logo
National Semiconductor ...
ADC0851 NSC-ADC0851 Datasheet
581Kb / 36P
   8-Bit Analog Data Acquisition and Monitoring Systems
logo
Texas Instruments
ADC0851 TI1-ADC0851 Datasheet
798Kb / 38P
[Old version datasheet]   8-Bit Analog Data Acquisition and Monitoring Systems
logo
Maxim Integrated Produc...
MAX180 MAXIM-MAX180 Datasheet
732Kb / 20P
   Complete, 8-Channel, 12-Bit Data-Acquisition Systems
19-3950; Rev 0; 6/91
logo
Analog Devices
AD363 AD-AD363_15 Datasheet
6Mb / 16P
   Complete 16-Channel, 2-Bit Data Acquisition Systems
AD7890 AD-AD7890_17 Datasheet
392Kb / 29P
   8-Channel, 12-Bit Serial Data Acquisition System
logo
National Semiconductor ...
LM12434 NSC-LM12434 Datasheet
1Mb / 80P
   Sign Data Acquisition System with Serial I/O and Self-Calibration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com