Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8820 Datasheet(PDF) 5 Page - SamHop Microelectronics Corp.

Part # STM8820
Description  Super high dense cell design for low RDS(ON).
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STM8820 Datasheet(HTML) 5 Page - SamHop Microelectronics Corp.

  STM8820 Datasheet HTML 1Page - SamHop Microelectronics Corp. STM8820 Datasheet HTML 2Page - SamHop Microelectronics Corp. STM8820 Datasheet HTML 3Page - SamHop Microelectronics Corp. STM8820 Datasheet HTML 4Page - SamHop Microelectronics Corp. STM8820 Datasheet HTML 5Page - SamHop Microelectronics Corp. STM8820 Datasheet HTML 6Page - SamHop Microelectronics Corp. STM8820 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
STM8820
Ver 1.0
www.samhop.com.tw
Apr,16,2012
5
tp
V(BR )D SS
IAS
F igure 13b.
o
frm
Wave
s
Unc lamped Inductive
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
1
0
100
1000
Square Wave Pulse Duration(sec)
Normalized Thermal Transient Impedance Curve
0.01
0.02
0.5
0.2
0.1
0.05
P DM
t1
t2
1. R JA (t)=r (t) * R JA
2. R JA=S ee Datas heet
3. T JM-T A =P DM*R JA (t)
4. Duty C ycle, D=t1/t2
Single Pulse
F igure 13a.
Unc lamped
s
Inductive Te t Circuit
R G
IAS
0.0 1
tp
D.U .T
L
V DS
+
-
DD
20V
V


Similar Part No. - STM8820

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8 STMICROELECTRONICS-STM8 Datasheet
74Kb / 3P
   STM8S touch sensing evaluation kit
September 2010 Rev 1
STM8-DRAIS STMICROELECTRONICS-STM8-DRAIS Datasheet
220Kb / 6P
   Raisonances complete, low-cost starter kits for STM8 and ST7
STM8-EVAL STMICROELECTRONICS-STM8-EVAL Datasheet
138Kb / 3P
   STM8/128-EVAL evaluation board
August 2010 Rev 1
STM8-MCKIT STMICROELECTRONICS-STM8-MCKIT Datasheet
54Kb / 4P
   STM8/128-MCKIT motor control starter kit
STM8-SK STMICROELECTRONICS-STM8-SK Datasheet
165Kb / 6P
   Raisonance?셲 complete, low-cost starter kits for STM8 and ST7
More results

Similar Description - STM8820

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDUD06N70 SAMHOP-SDUD06N70 Datasheet
137Kb / 11P
   Super high dense cell design for low RDS(ON).
SDUD01N70 SAMHOP-SDUD01N70 Datasheet
161Kb / 11P
   Super high dense cell design for low RDS(ON).
STF2458A SAMHOP-STF2458A Datasheet
92Kb / 6P
   Super high dense cell design for low RDS(ON).
STF8204 SAMHOP-STF8204 Datasheet
123Kb / 8P
   Super high dense cell design for low RDS(ON).
STG2454 SAMHOP-STG2454 Datasheet
123Kb / 7P
   Super high dense cell design for low RDS(ON).
STG8205 SAMHOP-STG8205 Datasheet
197Kb / 7P
   Super high dense cell design for low RDS(ON).
STK600 SAMHOP-STK600 Datasheet
104Kb / 7P
   Super high dense cell design for low RDS(ON).
STE334S SAMHOP-STE334S Datasheet
93Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2454 SAMHOP-STF2454 Datasheet
112Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2456 SAMHOP-STF2456 Datasheet
98Kb / 6P
   Super high dense cell design for low RDS(ON).
STM4886E SAMHOP-STM4886E Datasheet
188Kb / 7P
   Super high dense cell design for low RDS(ON).
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com