Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APG2C1-435 Datasheet(PDF) 4 Page - Roithner LaserTechnik GmbH

Part # APG2C1-435
Description  High Power Single Chip LED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

APG2C1-435 Datasheet(HTML) 4 Page - Roithner LaserTechnik GmbH

  APG2C1-435 Datasheet HTML 1Page - Roithner LaserTechnik GmbH APG2C1-435 Datasheet HTML 2Page - Roithner LaserTechnik GmbH APG2C1-435 Datasheet HTML 3Page - Roithner LaserTechnik GmbH APG2C1-435 Datasheet HTML 4Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
13.08.2012
APG2C1-420
4 / 4
Soldering Conditions
Reflow Soldering:
APG2C1 LEDs have a maximum storage temperature of 85°. Therefor it is not possible to use
a reflow soldering process for array assembly!
Hot Bar Soldering:
A Hot Bar Soldering process is recommended when soldering APG2C1 emitters. This process
will only transfer heat to the leads and avoids overheating the emitter which will damage the
device. In order to transfer sufficient heat from the hot bar to the device, following parameters
must be carefully considered:
Amount of flux
Pressing force of solder tip
Hot bar temperature
For the standard assembly process, following parameters should be maintained:
Hot Bar temperature: 330 °C
Force of Hot Bar. 40 N
Soldering time: 1.5 s
It is recommended to use a copper nickel-plated hot bar mounted to standard temperature
controlled soldering equipment.
Manual Hand Soldering:
For prototype build or small series production runs, it is possible to place and solder the
emitters by hand. It is therefore recommended to maintain the following parameters:
Solder Tip Temperature 330 °C
Soldering time. < 1.5 s
Junction temperature must be kept below 70 °C
A visual inspection may be used to check the quality of the solder joint
General Soldering Precautions:
Mechanical stress, shock and vibration must be avoided during soldering
Only use non corrosive flux.
Do not apply current to the device until it has cooled down to room temperature after
soldering.


Similar Part No. - APG2C1-435

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
APG2C1-410 ROITHNER-APG2C1-410 Datasheet
345Kb / 4P
   Structure: InGaN Peak Wavelength: 410 nm Optical Output Power: typ. 125 mW Life Time: > 10.000 hours
APG2C1-420 ROITHNER-APG2C1-420 Datasheet
336Kb / 4P
   High Power Single Chip LED
APG2C1-450 ROITHNER-APG2C1-450 Datasheet
163Kb / 4P
   High Power Single Chip LED
APG2C1-470 ROITHNER-APG2C1-470 Datasheet
337Kb / 4P
   High Power Single Chip LED
APG2C1-490 ROITHNER-APG2C1-490 Datasheet
306Kb / 4P
   High Power Single Chip LED
More results

Similar Description - APG2C1-435

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
H2A1-H920 ROITHNER-H2A1-H920 Datasheet
255Kb / 4P
   High Power single chip LED
H2A1-H970 ROITHNER-H2A1-H970 Datasheet
269Kb / 4P
   High Power single chip LED
APG2C1-450 ROITHNER-APG2C1-450 Datasheet
163Kb / 4P
   High Power Single Chip LED
APG2C1-515 ROITHNER-APG2C1-515 Datasheet
306Kb / 4P
   High Power Single Chip LED
APG2C1-810 ROITHNER-APG2C1-810 Datasheet
314Kb / 4P
   High Power Single Chip LED
APG2C1-830 ROITHNER-APG2C1-830 Datasheet
319Kb / 4P
   High Power Single Chip LED
APG2C1-905 ROITHNER-APG2C1-905 Datasheet
319Kb / 4P
   High Power Single Chip LED
APG2C1-920 ROITHNER-APG2C1-920 Datasheet
318Kb / 4P
   High Power Single Chip LED
APG2C1-970 ROITHNER-APG2C1-970 Datasheet
332Kb / 4P
   High Power Single Chip LED
H2A1-H385 ROITHNER-H2A1-H385 Datasheet
316Kb / 4P
   High Power single chip LED
H2A1-H880 ROITHNER-H2A1-H880 Datasheet
277Kb / 4P
   High Power single chip LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com