Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APG2C1-1020 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # APG2C1-1020
Description  IR High Power single chip LED
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

APG2C1-1020 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  APG2C1-1020 Datasheet HTML 1Page - Roithner LaserTechnik GmbH APG2C1-1020 Datasheet HTML 2Page - Roithner LaserTechnik GmbH APG2C1-1020 Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
13.08.2012
APG2C1-1020
1 / 3
APG2C1-1020
IR High Power single chip LED
APG2C1-1020 is a GaAlAs based, high power 1020 nm single chip LED in standard emitter package for
general application.
Specifications
Structure: GaAlAs
Peak Wavelength: 1020 nm
Optical Output Power: typ. 40 mW
Life Time: > 10.000 hours
Housing: standard emitter package
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Value
Unit
Power Dissipation, DC
PD
1000
mW
Forward Current, DC
IF
500
mA
Pulsed Current (1% duty cycle, 1kHz)
IFP
1000
mA
Reverse Voltage
UR
-5
V
Operating Temperature
Topr
-30 … +70
°C
Storage Temperature
Tstg
-30 … +85
°C
Soldering Temperature (max. 1,5 s)
Tsol
330
°C
Electro-Optical Characteristics (Ta=25°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Current
IF
-
350
-
mA
Viewing Angle
φ
IF = 350 mA
±
75
deg.
CW Output Power
PO
IF = 350 mA
40
mW
Peak Wavelength
λ
P
IF = 350 mA
1020
nm
Forward Voltage
UF
IF = 350 mA
-
1.3
-
V
Half Width (FWHM)
Δλ
IF = 350 mA
-
35
nm
Wavelength measurements tolerance is +/- 2%
Output power measurement tolerance is +/- 10%
Voltage measurement tolerance is +/- 2%
Device Materials
Item
Material
Foundation
Plastic
Lens
Acryl
Electrodes
AgCu
Heat Sink
AgCu


Similar Part No. - APG2C1-1020

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
APG2C1-1030 ROITHNER-APG2C1-1030 Datasheet
336Kb / 3P
   IR High Power single chip LED
APG2C1-1050 ROITHNER-APG2C1-1050 Datasheet
313Kb / 3P
   IR High Power single chip LED
More results

Similar Description - APG2C1-1020

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
APG2C1-780 ROITHNER-APG2C1-780 Datasheet
317Kb / 4P
   IR High Power single chip LED
H2A1-H760 ROITHNER-H2A1-H760 Datasheet
248Kb / 4P
   IR High Power single chip LED
APG2C1-720 ROITHNER-APG2C1-720 Datasheet
317Kb / 3P
   IR High Power single chip LED
APG2C1-1050 ROITHNER-APG2C1-1050 Datasheet
313Kb / 3P
   IR High Power single chip LED
H2A1-H650 ROITHNER-H2A1-H650 Datasheet
264Kb / 4P
   IR High Power single chip LED
H2A1-H740 ROITHNER-H2A1-H740 Datasheet
274Kb / 4P
   IR High Power single chip LED
APG2C1-1030 ROITHNER-APG2C1-1030 Datasheet
336Kb / 3P
   IR High Power single chip LED
H2A1-H670 ROITHNER-H2A1-H670 Datasheet
275Kb / 4P
   IR High Power single chip LED
H2A1-H780 ROITHNER-H2A1-H780 Datasheet
254Kb / 4P
   IR High Power single chip LED
H2A1-H1050 ROITHNER-H2A1-H1050 Datasheet
252Kb / 4P
   IR High Power single chip LED
APG2C1-760 ROITHNER-APG2C1-760 Datasheet
311Kb / 4P
   IR High Power single chip LED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com