Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELC-870-17-2 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # ELC-870-17-2
Description  It has a typical emission wavelength of 870 nm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

ELC-870-17-2 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  ELC-870-17-2 Datasheet HTML 1Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.roithner-laser.com
1
ELC-870-17-2
Description
ELC-870-17-2 is a AlGaAs based 360x360 µm bare LED chip die of double hetero structure in
dual combination (DDH) with gold plated electrodes. It has a typical emission wavelength of 870
nm, and is delivered on adhesive film with the wire bond side up.
Characteristics (I
F=20mA, TAMB=25°C)
Parameter
Symbol
Values
Unit
Min.
Typ.
Max.
Emission Wavelength
λpeak
855
870
880
nm
Forward Voltage
VF
1.35
1.6
V
Reverse Voltage (IR=100µA)
VR
5
V
Radiant Power
PO
4.5
6.0
mW
Rise/Fall time
tR/tF
25
ns
Spectral bandwidth (FWHM)
λ∆
45
nm
Drawing & Dimensions
P (anode) up
Thickness
200 ±25
µm
Anode, gold alloy
1.5
µm
Cathode, gold alloy
0.5
µm
All dimensions in µm
© All Rights Reserved
The above specifications are for reference purpose only and subjected to change without prior notice
v 1.0 12.06.2013


Similar Part No. - ELC-870-17-2

ManufacturerPart #DatasheetDescription
logo
EPIGAP optoelectronic G...
ELC-870-17-2 EPIGAP-ELC-870-17-2 Datasheet
88Kb / 1P
   LED - Chip
More results

Similar Description - ELC-870-17-2

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
ELC-905-17 ROITHNER-ELC-905-17 Datasheet
444Kb / 1P
   It has a typical emission wavelength of 905 nm
ELC-970-17 ROITHNER-ELC-970-17 Datasheet
443Kb / 1P
   It has a typical emission wavelength of 970 nm
ELC-610-14 ROITHNER-ELC-610-14 Datasheet
431Kb / 1P
   It has a typical emission wavelength of 610 nm
ELC-690-25 ROITHNER-ELC-690-25 Datasheet
448Kb / 1P
   It has a typical emission wavelength of 690 nm
LDS-1310-005-BL ROITHNER-LDS-1310-005-BL Datasheet
141Kb / 3P
   Output Power: 5 mW Typical 1310 nm Emission Wavelength Single mode High Reliability, High Effciency
LDM-0808-300M-91 ROITHNER-LDM-0808-300M-91 Datasheet
186Kb / 3P
   CW Output Power: 300mW Typical 808 nm Emission Wavelength High-deeiciency Quantum Well Structure TO5 Package
logo
Luminus, Inc
XBT-1313-UV LUMINUS-XBT-1313-UV Datasheet
1Mb / 11P
   UVC LED with emission wavelength between 280 nm and 286 nm
logo
Roithner LaserTechnik G...
LDM-0980-300M-92 ROITHNER-LDM-0980-300M-92 Datasheet
179Kb / 3P
   CW Output Power: 300 mW Typical 975 nm Emission Wavelength High-effciency Quantum Well Structure TO5 Package
LDM-0808-1000-93 ROITHNER-LDM-0808-1000-93 Datasheet
184Kb / 3P
   CW Output Power: 1 W Typical 808 nm Emission Wavelength High-efficiency Quantum Well Structure TO5 Package
logo
Marktech Corporate
MTE5066N5J_UR MARKTECH-MTE5066N5J_UR Datasheet
655Kb / 4P
   Peak Emission Wavelength: 660nm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com