Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBR02M30LP Datasheet(PDF) 3 Page - Diodes Incorporated

Part # SBR02M30LP
Description  SUPER BARRIER RECTIFIER 0.2A SBR짰
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR02M30LP Datasheet(HTML) 3 Page - Diodes Incorporated

  SBR02M30LP_15 Datasheet HTML 1Page - Diodes Incorporated SBR02M30LP_15 Datasheet HTML 2Page - Diodes Incorporated SBR02M30LP_15 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SBR02M30LP
Ordering Information (Note 5)
Part Number
Case
Packaging
SBR02M30LP-7
DFN1006-2
3000/Tape & Reel
Notes:
5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
SBR is a registered trademark of Diodes Incorporated.
Marking Information
23
23 = Product Type Marking Code
Dot Denotes Cathode Side
Package Outline Dimensions
DFN1006-2
Dim
Min Max Typ
A
0.95 1.075 1.00
B
0.55 0.675 0.60
C
0.45 0.55 0.50
D
0.20 0.30 0.25
G
0.47 0.53 0.50
H
0
0.05 0.03
N
0.40
R
0.05 0.15 0.10
All Dimensions in mm
D
B
C
R
N
A
H
G
Suggested Pad Layout
Z
X
C
G
Y
Dimensions
Value (in mm)
Z
1.1
G
0.3
X
0.7
Y
0.4
C
0.7
IMPORTANT NOTICE
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes
without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product
described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall
assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website,
harmless against all damages.
LIFE SUPPORT
Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written
approval of the President of Diodes Incorporated.
SBR02M30LP
Document number: DS31061 Rev. 5 - 2
3 of 3
www.diodes.com
March 2008
© Diodes Incorporated


Similar Part No. - SBR02M30LP_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR02M30LP DIODES-SBR02M30LP_16 Datasheet
436Kb / 5P
   0.2A SBR SUPER BARRIER RECTIFIER
More results

Similar Description - SBR02M30LP_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR02U30LP DIODES-SBR02U30LP_15 Datasheet
102Kb / 4P
   SUPER BARRIER RECTIFIER 0.2A SBR짰
SBR0230T5 DIODES-SBR0230T5_15 Datasheet
289Kb / 5P
   SUPER BARRIER RECTIFIER 0.2A SBR짰
SBR0220T5 DIODES-SBR0220T5_15 Datasheet
88Kb / 3P
   SUPER BARRIER RECTIFIER 0.2A SBR짰
SBR0220LP DIODES-SBR0220LP_15 Datasheet
129Kb / 3P
   SUPER BARRIER RECTIFIER 0.2A SBR짰
SBR02U100LP DIODES-SBR02U100LP Datasheet
208Kb / 4P
   0.2A SBR짰 Surface Mount Super Barrier Rectifier
SBR02U100LP Rev. 4 ??2
SBR0240LP DIODES-SBR0240LP_15 Datasheet
101Kb / 4P
   SURFACE MOUNT SUPER BARRIER RECTIFIER 0.2A SBR짰
SBR02U30LP DIODES-SBR02U30LP Datasheet
102Kb / 4P
   0.2A SBR SUPER BARRIER RECTIFIER
DS31715 Rev. 2 - 2
SBR02M30LP DIODES-SBR02M30LP_16 Datasheet
436Kb / 5P
   0.2A SBR SUPER BARRIER RECTIFIER
SBR0220LP DIODES-SBR0220LP_16 Datasheet
367Kb / 5P
   0.2A SBR SUPER BARRIER RECTIFIER
SBR02U30LP DIODES-SBR02U30LP_16 Datasheet
337Kb / 5P
   0.2A SBR SUPER BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com