Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2321-16 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2321-16
Description  Dual, 16-Bit, 2Msps Differential Input ADC with Wide Input Common Mode Range
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2321-16 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2321-16_15 Datasheet HTML 6Page - Linear Technology LTC2321-16_15 Datasheet HTML 7Page - Linear Technology LTC2321-16_15 Datasheet HTML 8Page - Linear Technology LTC2321-16_15 Datasheet HTML 9Page - Linear Technology LTC2321-16_15 Datasheet HTML 10Page - Linear Technology LTC2321-16_15 Datasheet HTML 11Page - Linear Technology LTC2321-16_15 Datasheet HTML 12Page - Linear Technology LTC2321-16_15 Datasheet HTML 13Page - Linear Technology LTC2321-16_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
LTC2321-16
10
232116fa
For more information www.linear.com/2321-16
FuncTional block DiagraM
TiMing DiagraM
B15
B14
B12
B11
B3
B2
B1
B0
B13
1
2
4
5
6
13
14
15
16
3
CNV
SCK
CLKOUT
SDO
ACQUISITION
CONVERSION
READOUT
SERIAL DATA BITS B[15:0] CORRESPOND TO CURRENT CONVERSION
HI-Z
HI-Z
232116 TD
1
2
4
5
6
13
14
15
16
3
15
13
16
16-BIT
SAR ADC
LVDS/CMOS
TRI-STATE
SERIAL OUTPUT
OUTPUT
CLOCK DRIVER
LVDS/CMOS
RECEIVERS
SDO1+
SDO1
14
GND
4, 5, 10, 29
OVDD
7
6
AIN1+
12
REFOUT1
28 REFINT
26
REFOUT2
AIN1–
17
18
CLKOUT+
CLKOUT
21
22
SCK+
SCK
TIMING CONTROL
LOGIC
232116 BD
+
S/H
LDO
LDO
19
20
16-BIT
SAR ADC
LVDS/CMOS
TRI-STATE
SERIAL OUTPUT
SDO2+
SDO2
24
VBYP2
2
3
AIN2+
9
CNV
AIN2–
VDD
1,8
VDD
1,8
VBYP1
+
S/H
G
G
1.2V REF


Similar Part No. - LTC2321-16_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2321-16 LINER-LTC2321-16 Datasheet
885Kb / 26P
   16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
LTC2321-16 LINER-LTC2321-16 Datasheet
1Mb / 32P
   Octal, 12-Bit Sign, 1.5Msps/Ch Simultaneous Sampling ADC
LTC2321-16 LINER-LTC2321-16 Datasheet
2Mb / 26P
   Dual, 16-Bit, 2Msps Differential Input ADC with Wide Input Common Mode Range
LTC2321-16 LINER-LTC2321-16 Datasheet
1Mb / 26P
   Dual, 16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
LTC2321-16 LINER-LTC2321-16 Datasheet
1Mb / 30P
   Quad, 16-Bit, 5Msps/Ch Simultaneous Sampling ADC
More results

Similar Description - LTC2321-16_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2321-16 LINER-LTC2321-16 Datasheet
2Mb / 26P
   Dual, 16-Bit, 2Msps Differential Input ADC with Wide Input Common Mode Range
LTC2321-12 LINER-LTC2321-12_15 Datasheet
995Kb / 26P
   Dual, 12-Bit Sign, 2Msps Differential Input ADC with Wide Input Common Mode Range
LTC2321-14 LINER-LTC2321-14_15 Datasheet
1Mb / 28P
   Dual, 14-Bit Sign, 2Msps Differential Input ADC with Wide Input Common Mode Range
LTC2323-16 LINER-LTC2323-16_15 Datasheet
1Mb / 26P
   Dual, 16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
LTC2323-16 LINER-LTC2323-16 Datasheet
1Mb / 26P
   Dual, 16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
LTC2311-16 LINER-LTC2311-16 Datasheet
885Kb / 26P
   16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
LTC2323-14 LINER-LTC2323-14_15 Datasheet
1Mb / 24P
   Dual, 14-Bit Sign, 5Msps Differential Input ADC with Wide Input Common Mode Range
LTC2323-12 LINER-LTC2323-12_15 Datasheet
1Mb / 24P
   Dual, 12-Bit Sign, 5Msps Differential Input ADC with Wide Input Common Mode Range
LTC2348-16 LINER-LTC2348-16 Datasheet
1Mb / 40P
   Octal, 16-Bit, 200ksps Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2345-16 LINER-LTC2345-16 Datasheet
1Mb / 40P
   Octal, 16-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com