Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2323-14 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2323-14
Description  Dual, 14-Bit Sign, 5Msps Differential Input ADC with Wide Input Common Mode Range
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2323-14 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2323-14_15 Datasheet HTML 7Page - Linear Technology LTC2323-14_15 Datasheet HTML 8Page - Linear Technology LTC2323-14_15 Datasheet HTML 9Page - Linear Technology LTC2323-14_15 Datasheet HTML 10Page - Linear Technology LTC2323-14_15 Datasheet HTML 11Page - Linear Technology LTC2323-14_15 Datasheet HTML 12Page - Linear Technology LTC2323-14_15 Datasheet HTML 13Page - Linear Technology LTC2323-14_15 Datasheet HTML 14Page - Linear Technology LTC2323-14_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LTC2323-14
11
232314f
For more information http://www.linear.com/LTC2323-14
APPLICATIONS INFORMATION
Figure 3. The Equivalent Circuit for the Differential
Analog Input of the LTC2323-14
Table 1: Code Ranges for the Analog Input Operational Modes
MODE
Span (VIN+ – VIN–) Min Code
Max Code
Fully Differential
–REFOUT to
+REFOUT
100 0000 0000
0000
011 1111 1111
1111
Pseudo-Differential
Bipolar
–REFOUT/2 to
+REFOUT/2
110 0000 0000
0000
001 1111 1111
1111
Pseudo-Differential
Unipolar
0 to REFOUT
000 0000 0000
0000
011 1111 1111
1111
Analog Input
The differential inputs of the LTC2323-14 provide great
flexibility to convert a wide variety of analog signals with
no configuration required. The LTC2323-14 digitizes the
difference voltage between the AIN+ and AIN– pins while
supporting a wide common mode input range. The analog
input signals can have an arbitrary relationship to each
other, provided that they remain between VDD and GND.
The LTC2323-14 can also digitize more limited classes of
analog input signals such as pseudo-differential unipolar/
bipolarandfullydifferentialwithnoconfigurationrequired.
The analog inputs of the LTC2323-14 can be modeled
by the equivalent circuit shown in Figure 3. The back-to-
back diodes at the inputs form clamps that provide ESD
protection. In the acquisition phase, 10pF (CIN) from the
sampling capacitor in series with approximately 15Ω
(RON) from the on-resistance of the sampling switch is
connected to the input. Any unwanted signal that is com-
mon to both inputs will be reduced by the common mode
rejection of the ADC sampler. The inputs of the ADC core
draw a small current spike while charging the CIN capaci-
tors during acquisition.
Single-Ended Signals
Single-ended signals can be directly digitized by the
LTC2323-14. These signals should be sensed pseudo-
differentially for improved common mode rejection. By
connecting the reference signal (e.g., ground sense) of
the main analog signal to the other AIN pin, any noise or
disturbance common to the two signals will be rejected
by the high CMRR of the ADC. The LTC2323-14 flexibility
handles both pseudo-differential unipolar and bipolar sig-
nals, with no configuration required. The wide common
mode input range relaxes the accuracy requirements of
any signal conditioning circuits prior to the analog inputs.
Pseudo-Differential Bipolar Input Range
The pseudo-differential bipolar configuration represents
driving one of the analog inputs at a fixed voltage, typically
VREF/2, and applying a signal to the other AIN pin. In this
case the analog input swings symmetrically around the
fixedinputyieldingbipolartwo’scomplementoutputcodes
with an ADC span of half of full-scale. This configuration
is illustrated in Figure 4, and the corresponding transfer
function in Figure 5. The fixed analog input pin need not
be set at VREF/2, but at some point within the VDD rails
allowingthealternateinputtoswingsymmetricallyaround
thisvoltage.Iftheinputsignal(AIN+–AIN–)swingsbeyond
±REFOUT/2, valid codes will be generated by the ADC and
must be clamped by the user, if necessary.
RON
15
RON
15
BIAS
VOLTAGE
232314 F03
CIN
10pF
VDD
CIN
10pF
VDD
AIN1–
AIN1+


Similar Part No. - LTC2323-14_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2323-14 LINER-LTC2323-14 Datasheet
885Kb / 26P
   16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
LTC2323-14 LINER-LTC2323-14 Datasheet
2Mb / 26P
   Dual, 16-Bit, 2Msps Differential Input ADC with Wide Input Common Mode Range
More results

Similar Description - LTC2323-14_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2323-12 LINER-LTC2323-12_15 Datasheet
1Mb / 24P
   Dual, 12-Bit Sign, 5Msps Differential Input ADC with Wide Input Common Mode Range
LTC2321-14 LINER-LTC2321-14_15 Datasheet
1Mb / 28P
   Dual, 14-Bit Sign, 2Msps Differential Input ADC with Wide Input Common Mode Range
LTC2323-16 LINER-LTC2323-16_15 Datasheet
1Mb / 26P
   Dual, 16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
LTC2323-16 LINER-LTC2323-16 Datasheet
1Mb / 26P
   Dual, 16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
LTC2311-16 LINER-LTC2311-16 Datasheet
885Kb / 26P
   16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
LTC2321-12 LINER-LTC2321-12_15 Datasheet
995Kb / 26P
   Dual, 12-Bit Sign, 2Msps Differential Input ADC with Wide Input Common Mode Range
LTC2321-16 LINER-LTC2321-16_15 Datasheet
1,012Kb / 26P
   Dual, 16-Bit, 2Msps Differential Input ADC with Wide Input Common Mode Range
LTC2321-16 LINER-LTC2321-16 Datasheet
2Mb / 26P
   Dual, 16-Bit, 2Msps Differential Input ADC with Wide Input Common Mode Range
LTC2348-18 LINER-LTC2348-18_15 Datasheet
3Mb / 42P
   Octal, 18-Bit, 200ksps Differential 10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2348-18 LINER-LTC2348-18 Datasheet
1Mb / 40P
   Octal, 18-Bit, 200ksps Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com