Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2326-18 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2326-18
Description  True Bipolar, Pseudo-Differential Input ADC with 95dB SNR
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2326-18 Datasheet(HTML) 2 Page - Linear Technology

  LTC2326-18_15 Datasheet HTML 1Page - Linear Technology LTC2326-18_15 Datasheet HTML 2Page - Linear Technology LTC2326-18_15 Datasheet HTML 3Page - Linear Technology LTC2326-18_15 Datasheet HTML 4Page - Linear Technology LTC2326-18_15 Datasheet HTML 5Page - Linear Technology LTC2326-18_15 Datasheet HTML 6Page - Linear Technology LTC2326-18_15 Datasheet HTML 7Page - Linear Technology LTC2326-18_15 Datasheet HTML 8Page - Linear Technology LTC2326-18_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LTC2326-18
2
232618fa
For more information www.linear.com/LTC2326-18
pin conFiguraTion
absoluTe MaxiMuM raTings
Supply Voltage (VDD)..................................................6V
Supply Voltage (OVDD)................................................6V
Supply Bypass Voltage (VDDLBYP) ...........................3.2V
Analog Input Voltage
IN+, IN..............................................–16.5V to 16.5V
REFBUF...................................................................6V
REFIN ..................................................................2.8V
Digital Input Voltage
(Note 3)........................... (GND –0.3V) to (OVDD + 0.3V)
Digital Output Voltage
(Note 3)........................... (GND –0.3V) to (OVDD + 0.3V)
Power Dissipation .............................................. 500mW
Operating Temperature Range
LTC2326C................................................ 0°C to 70°C
LTC2326I .............................................–40°C to 85°C
LTC2326H.......................................... –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
(Notes 1, 2)
1
2
3
4
5
6
7
8
VDDLBYP
VDD
GND
IN+
IN
GND
REFBUF
REFIN
16
15
14
13
12
11
10
9
GND
OVDD
SDO
SCK
RDL/SDI
BUSY
CHAIN
CNV
TOP VIEW
MS PACKAGE
16-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 110°C/W
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2326CMS-18#PBF
LTC2326CMS-18#TRPBF 232618
16-Lead Plastic MSOP
0°C to 70°C
LTC2326IMS-18#PBF
LTC2326IMS-18#TRPBF
232618
16-Lead Plastic MSOP
–40°C to 85°C
LTC2326HMS-18#PBF
LTC2326HMS-18#TRPBF 232618
16-Lead Plastic MSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on nonstandard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/


Similar Part No. - LTC2326-18_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2326-18 LINER-LTC2326-18 Datasheet
999Kb / 26P
   16-Bit, 250ksps, 짹10.24V True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
LTC2326-18 LINER-LTC2326-18 Datasheet
992Kb / 26P
   16-Bit, 1Msps, 짹10.24V True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
LTC2326-18 LINER-LTC2326-18 Datasheet
2Mb / 40P
   16-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2326-18 LINER-LTC2326-18 Datasheet
2Mb / 40P
   18-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2326-18 LINER-LTC2326-18 Datasheet
1Mb / 40P
   Octal, 16-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
More results

Similar Description - LTC2326-18_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2328-18 LINER-LTC2328-18_15 Datasheet
1Mb / 26P
   True Bipolar, Pseudo-Differential Input ADC with 95dB SNR
LTC2327-18 LINER-LTC2327-18_15 Datasheet
512Kb / 26P
   True Bipolar, Pseudo-Differential Input ADC with 95dB SNR
LTC2327-16 LINER-LTC2327-16_15 Datasheet
1Mb / 24P
   True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
LTC2328-16 LINER-LTC2328-16_15 Datasheet
1Mb / 26P
   True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
LTC2326-16 LINER-LTC2326-16_15 Datasheet
1Mb / 24P
   True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
LTC2326-16 LINER-LTC2326-16 Datasheet
999Kb / 26P
   16-Bit, 250ksps, 짹10.24V True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
LTC2328-16 LINER-LTC2328-16 Datasheet
992Kb / 26P
   16-Bit, 1Msps, 짹10.24V True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
LTC2336-18 LINER-LTC2336-18_15 Datasheet
760Kb / 24P
   True Bipolar, Fully Differential Input ADC with 100dB SNR
LTC2337-18 LINER-LTC2337-18_15 Datasheet
753Kb / 24P
   True Bipolar, Fully Differential Input ADC with 100dB SNR
LTC2338-18 LINER-LTC2338-18_15 Datasheet
628Kb / 24P
   True Bipolar, Fully Differential Input ADC with 100dB SNR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com