Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78P324LP Datasheet(PDF) 3 Page - NEC

Part # UPD78P324LP
Description  16-/8-Bit Single-Chip Microcomputers
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78P324LP Datasheet(HTML) 3 Page - NEC

  UPD78P324LP Datasheet HTML 1Page - NEC UPD78P324LP Datasheet HTML 2Page - NEC UPD78P324LP Datasheet HTML 3Page - NEC UPD78P324LP Datasheet HTML 4Page - NEC UPD78P324LP Datasheet HTML 5Page - NEC UPD78P324LP Datasheet HTML 6Page - NEC UPD78P324LP Datasheet HTML 7Page - NEC UPD78P324LP Datasheet HTML 8Page - NEC UPD78P324LP Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 80 page
background image
µPD78P324, 78P324(A)
3
DIFFERENCES AMONG
µPD78P324, 78P324(A), 78P324(A1), AND 78P324(A2)
Product Name
Parameter
Quality grade
Operating ambient tempera-
ture (TA)
Operating frequency
Minimum instruction
execution time
Permissible pin injection
current characteristics on
overvoltage application
DC characteristics
AC characteristics
A/D converter characteristics
One-time PROM product
EPROM product
µPD78P324
µPD78P324(A)
µPD78P324(A1)
µPD78P324(A2)
Standard
Special
–10 to +70
°C
–40 to +85
°C
–40 to +110
°C
–40 to +125
°C
8 to 16 MHz
8 to 12.5 MHz
250 ns (when operated at 16 MHz)
320 ns (when operated at 12.5 MHz)
None
Provided
Differ in the analog pin input leak current, the VDD supply current, and the data retention
current.
Differ in the bus timing.
Differ in the analog input voltage and the A/D converter data retention current.
Provided
Provided
None


Similar Part No. - UPD78P324LP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78P324LP RENESAS-UPD78P324LP Datasheet
651Kb / 82P
   MOS INTEGRATED CIRCUIT
1995
More results

Similar Description - UPD78P324LP

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS81004 HYNIX-GMS81004 Datasheet
1Mb / 101P
   8-BIT SINGLE CHIP MICROCOMPUTERS
logo
Sharp Corporation
SM6004 SHARP-SM6004 Datasheet
36Kb / 3P
   16-Bit Single-Chip Microcomputers
logo
Panasonic Semiconductor
MN18982 PANASONIC-MN18982 Datasheet
1Mb / 14P
   8-Bit Single-Chip Dual Microcomputers
logo
Sanyo Semicon Device
LC866000A SANYO-LC866000A Datasheet
84Kb / 2P
   CMOS 8-Bit Single-Chip Microcomputers
logo
NEC
UPD8049H NEC-UPD8049H Datasheet
896Kb / 13P
   High-Speed, 8-Bit, Single-Chip Hmos Microcomputers
logo
Hynix Semiconductor
GMS34004T HYNIX-GMS34004T Datasheet
326Kb / 7P
   4-BIT SINGLE CHIP MICROCOMPUTERS
GMS34004 HYNIX-GMS34004 Datasheet
433Kb / 105P
   4-BIT SINGLE CHIP MICROCOMPUTERS
logo
List of Unclassifed Man...
ZTB500E ETC-ZTB500E Datasheet
328Kb / 49P
   4-BIT SINGLE CHIP MICROCOMPUTERS
logo
Hynix Semiconductor
GMS36 HYNIX-GMS36 Datasheet
813Kb / 109P
   4-BIT SINGLE CHIP MICROCOMPUTERS
logo
List of Unclassifed Man...
HMS38112 ETC-HMS38112 Datasheet
505Kb / 73P
   4-BIT SINGLE CHIP MICROCOMPUTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com