Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3708 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3708
Description  Fast 2-Phase, No RSENSE Buck Controller with Output Tracking
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3708 Datasheet(HTML) 5 Page - Linear Technology

  LTC3708_15 Datasheet HTML 1Page - Linear Technology LTC3708_15 Datasheet HTML 2Page - Linear Technology LTC3708_15 Datasheet HTML 3Page - Linear Technology LTC3708_15 Datasheet HTML 4Page - Linear Technology LTC3708_15 Datasheet HTML 5Page - Linear Technology LTC3708_15 Datasheet HTML 6Page - Linear Technology LTC3708_15 Datasheet HTML 7Page - Linear Technology LTC3708_15 Datasheet HTML 8Page - Linear Technology LTC3708_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LTC3708
5
3708fb
TYPICAL PERFORMANCE CHARACTERISTICS
Soft-Start
Power Loss vs Input Voltage
Power Loss vs Load Current
Frequency vs Input Voltage
Frequency vs Load Current
On-Time vs ION Current
On-Time vs Temperature
Current Sense Threshold
vs ITH Voltage
VOUT1
2V/DIV
VOUT2
2V/DIV
RUN/SS
5V/DIV
IL1
5A/DIV
50ms/DIV
3708 G05
INPUT VOLTAGE (V)
5
0
1
2
3
4
5
6
10
15
20
25
3708 G06
VOUT = 2.5V
IOUT = 15A
VOUT = 1.8V
LOAD (mA)
10
2.0
2.5
3.5
10000
3707 G07
1.5
1.0
100
1000
100000
0.5
0
3.0
VIN = 5V
VOUT = 2.5V
VOUT = 1.8V
INPUT VOLTAGE (V)
5
200
220
25
3708 G08
180
160
10
15
20
260
240
IOUT = 15A
IOUT = 0A
EXTERNAL SYNCHRONIZATION (ANY IOUT)
LOAD CURRENT (A)
0
100
150
3708 G09
50
0
5
10
15
250
200
FORCED CONTINUOUS MODE
EXTERNAL
SYNCHRONIZATION
DISCONTINUOUS MODE
ION CURRENT (μA)
1
10
100
1000
10000
10
100
1000
3708 G10
TEMPERATURE (°C)
–50
0
50
100
150
200
050
100
150
3708 G11
250
300
–25
25
75
125
ION = 30μA
ION = 60μA
ITH VOLTAGE (V)
0
100
200
300
2
3708 G12
0
–100
50
150
250
VRNG =
2V
1.4V
1V
0.7V
–50
–150
–200
0.5
1
1.5
2.5
0.5V


Similar Part No. - LTC3708_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3708EUH LINER-LTC3708EUH Datasheet
420Kb / 32P
   Fast 2-Phase, No RSENSE Buck Controller with Output Tracking
LTC3708EUH-PBF LINER-LTC3708EUH-PBF Datasheet
420Kb / 32P
   Fast 2-Phase, No RSENSE Buck Controller with Output Tracking
LTC3708EUH-TR LINER-LTC3708EUH-TR Datasheet
420Kb / 32P
   Fast 2-Phase, No RSENSE Buck Controller with Output Tracking
LTC3708EUH-TRPBF LINER-LTC3708EUH-TRPBF Datasheet
420Kb / 32P
   Fast 2-Phase, No RSENSE Buck Controller with Output Tracking
More results

Similar Description - LTC3708_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3708 LINER-LTC3708 Datasheet
420Kb / 32P
   Fast 2-Phase, No RSENSE Buck Controller with Output Tracking
LTC3736 LINER-LTC3736 Datasheet
348Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller with Output Tracking
LTC3736 LINER-LTC3736_15 Datasheet
441Kb / 28P
   Dual 2-Phase, No RSENSE, Synchronous Controller with Output Tracking
LTC3736-2 LINER-LTC3736-2 Datasheet
417Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller with Output Tracking
LTC3736-2 LINER-LTC3736-2_15 Datasheet
354Kb / 28P
   Dual 2-Phase, No RSENSE, Synchronous Controller with Output Tracking
LTC3737 LINER-LTC3737_15 Datasheet
280Kb / 24P
   Dual 2-Phase, No RSENSE, DC/DC Controller with Output Tracking
LTC3737 LINER-LTC3737 Datasheet
303Kb / 24P
   Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking
LTC3709 LINER-LTC3709 Datasheet
290Kb / 24P
   Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
LTC3709 LINER-LTC3709_15 Datasheet
326Kb / 24P
   Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
LTC3808 LINER-LTC3808_15 Datasheet
382Kb / 28P
   No RSENSE, Low EMI, Synchronous DC/DC Controller with Output Tracking
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com