Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STS2306E Datasheet(PDF) 1 Page - SamHop Microelectronics Corp.

Part # STS2306E
Description  S uper high dense cell design for low R DS (ON).
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STS2306E Datasheet(HTML) 1 Page - SamHop Microelectronics Corp.

  STS2306E Datasheet HTML 1Page - SamHop Microelectronics Corp. STS2306E Datasheet HTML 2Page - SamHop Microelectronics Corp. STS2306E Datasheet HTML 3Page - SamHop Microelectronics Corp. STS2306E Datasheet HTML 4Page - SamHop Microelectronics Corp. STS2306E Datasheet HTML 5Page - SamHop Microelectronics Corp. STS2306E Datasheet HTML 6Page - SamHop Microelectronics Corp. STS2306E Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
N-C hannel E nhancement Mode Field E ffect Transistor
S urface Mount P ackage.
S amHop Microelectronics C orp.
P R ODUC T S UMMAR Y
V DS S
ID
R DS (ON) ( m
) Max
20V
6.5A
30 @ V G S = 4.5V
F E AT UR E S
S uper high dense cell design for low R DS (ON).
R ugged and reliable.
40 @ V G S = 2.5V
S T S 2306E
ABS OLUTE MAXIMUM R ATING S (TA=25 C unless otherwise noted)
1
J an. 10 2008 V er1.0
E S D P rotected.
P arameter
S ymbol
Limit
Unit
Drain-S ource Voltage
VDS
V
G ate-S ource Voltage
VGS
10
V
Drain C urrent-C ontinuous @ TJ=25 C
-P ulsed
ID
6.5
24
1.25
A
A
A
W
IDM
Drain-S ource Diode Forward C urrent
IS
Maximum P ower Dissipation
P D
Operating J unction and S torage
Temperature R ange
TJ, TS TG
-55 to 150
C
THE R MAL C HAR AC TE R IS TIC S
Thermal R esistance, J unction-to-Ambient
R JA
100
/W
C
a
a
a
a
b
20
1.25
G
D
S
S OT-23
G
D
S
Green
Product


Similar Part No. - STS2306E

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STS2306 SAMHOP-STS2306 Datasheet
646Kb / 7P
   N-Channel E nhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
STS2306 VBSEMI-STS2306 Datasheet
1Mb / 9P
   N-Channel 20 V (D-S) MOSFET
logo
SamHop Microelectronics...
STS2306A SAMHOP-STS2306A Datasheet
145Kb / 7P
   S uper high dense cell design for low R DS (ON).
More results

Similar Description - STS2306E

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STUD2030PLS SAMHOP-STUD2030PLS Datasheet
131Kb / 9P
   S uper high dense cell design for low R DS (ON).
SDT02N02 SAMHOP-SDT02N02 Datasheet
129Kb / 7P
   S uper high dense cell design for low R DS (ON).
STUD302S SAMHOP-STUD302S Datasheet
110Kb / 9P
   S uper high dense cell design for low R DS (ON).
STUD303S SAMHOP-STUD303S Datasheet
190Kb / 8P
   S uper high dense cell design for low R DS (ON).
STM4470A SAMHOP-STM4470A Datasheet
123Kb / 7P
   S uper high dense cell design for low R DS (ON).
STUD3055L SAMHOP-STUD3055L Datasheet
125Kb / 8P
   S uper high dense cell design for low R DS (ON).
STA6968 SAMHOP-STA6968 Datasheet
118Kb / 6P
   S uper high dense cell design for low R DS (ON).
STUD410S SAMHOP-STUD410S Datasheet
90Kb / 8P
   S uper high dense cell design for low R DS (ON).
STUD428S SAMHOP-STUD428S Datasheet
100Kb / 9P
   S uper high dense cell design for low R DS (ON).
STUD1530PL SAMHOP-STUD1530PL Datasheet
103Kb / 8P
   S uper high dense cell design for low R DS (ON).
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com