Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STS3409L Datasheet(PDF) 3 Page - SamHop Microelectronics Corp.

Part # STS3409L
Description  Super high dense cell design for low RDS(ON).
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STS3409L Datasheet(HTML) 3 Page - SamHop Microelectronics Corp.

  STS3409L Datasheet HTML 1Page - SamHop Microelectronics Corp. STS3409L Datasheet HTML 2Page - SamHop Microelectronics Corp. STS3409L Datasheet HTML 3Page - SamHop Microelectronics Corp. STS3409L Datasheet HTML 4Page - SamHop Microelectronics Corp. STS3409L Datasheet HTML 5Page - SamHop Microelectronics Corp. STS3409L Datasheet HTML 6Page - SamHop Microelectronics Corp. STS3409L Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.samhop.com.tw
Aug,07,2012
3
Tj( °C)
-VDS, Drain-to-Source Voltage(V)
Figure 1. Output Characteristics
-VGS, Gate-to-Source Voltage(V)
Figure 2. Transfer Characteristics
-ID, Drain Current(A)
Tj, Junction Temperature(° C)
Figure 3. On-Resistance vs. Drain Current
Figure 4. On-Resistance Variation with Drain
Tj, Junction Temperature(° C)
Figure 5. Gate Threshold Variation
Tj, Junction Temperature(° C)
Figure 6. Breakdown Voltage Variation
and Gate Voltage
Current and Temperature
with Temperature
with Temperature
STS3409L
Ver 1.0
10
8
6
4
2
0
0
0.5
1.0
1.5
2.0
2.5
3.0
VGS = -2.5V
8
6
4
2
0
0.5
3.0
2.5
2.0
1.5
1.0
-55 C
25 C
Tj=125 C
240
200
160
120
80
40
1
0.1
0
1.5
1.4
1.3
1.2
1.1
1.0
0
0
100
75
25
50
125
15
0.4
0.2
1.6
1.4
1.2
1.0
0.8
0.6
125 150
100
75
50
25
0
-25
-50
1.15
1.10
1.05
1.00
0.95
0.90
0.85
125 150
100
75
50
25
0
-25
-50
10
8
6
4
2
VGS =-10V
VGS = -4.5V
VGS =-10V
ID = -1.6A
VGS =-4.5V
ID =-1.4A
VDS =VGS
ID =-250uA
ID = -250uA
VGS =-3V
VGS =-1.5V
VGS = -2V
VGS =-10V
0
VGS = -4.5V
10
VGS = -2.5V
VGS =-2.5V
ID = -1.2A


Similar Part No. - STS3409L

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STS3409L VBSEMI-STS3409L Datasheet
471Kb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

Similar Description - STS3409L

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDUD06N70 SAMHOP-SDUD06N70 Datasheet
137Kb / 11P
   Super high dense cell design for low RDS(ON).
SDUD01N70 SAMHOP-SDUD01N70 Datasheet
161Kb / 11P
   Super high dense cell design for low RDS(ON).
STF2458A SAMHOP-STF2458A Datasheet
92Kb / 6P
   Super high dense cell design for low RDS(ON).
STF8204 SAMHOP-STF8204 Datasheet
123Kb / 8P
   Super high dense cell design for low RDS(ON).
STG2454 SAMHOP-STG2454 Datasheet
123Kb / 7P
   Super high dense cell design for low RDS(ON).
STG8205 SAMHOP-STG8205 Datasheet
197Kb / 7P
   Super high dense cell design for low RDS(ON).
STK600 SAMHOP-STK600 Datasheet
104Kb / 7P
   Super high dense cell design for low RDS(ON).
STE334S SAMHOP-STE334S Datasheet
93Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2454 SAMHOP-STF2454 Datasheet
112Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2456 SAMHOP-STF2456 Datasheet
98Kb / 6P
   Super high dense cell design for low RDS(ON).
STM4886E SAMHOP-STM4886E Datasheet
188Kb / 7P
   Super high dense cell design for low RDS(ON).
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com