Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTA42LT1 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # MMBTA42LT1
Description  High Voltage Transistors(NPN Silicon)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MMBTA42LT1 Datasheet(HTML) 2 Page - Leshan Radio Company

  MMBTA42LT1 Datasheet HTML 1Page - Leshan Radio Company MMBTA42LT1 Datasheet HTML 2Page - Leshan Radio Company MMBTA42LT1 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LESHAN RADIO COMPANY, LTD.
M28–2/3
ELECTRICAL CHARACTERISTICS (T A = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS (3)
DC Current Gain
h
FE
––
(I C = 1.0 mAdc, V CE = 10 Vdc)
Both Types
25
(I C = 10 mAdc, V CE = 10 Vdc)
Both Types
40
MMBTA42
40
(I C = 30 mAdc, V CE = 10 Vdc)
MMBTA43
40
Collector–Emitter Saturation Voltage
V
CE(sat)
Vdc
(I C = 20 mAdc, I B = 2.0 mAdc)
MMBTA42
0.5
MMBTA43
0.5
Base–Emitter Saturation Voltage
V
BE(sat)
0.9
Vdc
(I C = 20 mAdc, I B= 2.0 mAdc)
SMALL–SIGNAL CHARACTERISTICS
Current –Gain–Bandwidth Product
f
T
50
MHz
(V CE = 20 Vdc, I C = 10mA, f = 100 MHz)
Collector – Base Capacitance
C cb
pF
(V CB= 20 Vdc, I E= 0, f = 1.0 MHz)
MMBTA42
3.0
MMBTA43
4.0
3. Pulse Test: Pulse Width <300
µs, Duty Cycle <2.0%.
MMBTA42LT1 MMBTA43LT1


Similar Part No. - MMBTA42LT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBTA42LT1 MOTOROLA-MMBTA42LT1 Datasheet
152Kb / 6P
   High Voltage Transistors
logo
ON Semiconductor
MMBTA42LT1 ONSEMI-MMBTA42LT1 Datasheet
99Kb / 4P
   High Voltage Transistors(NPN Silicon)
November, 2003 ??Rev. 5
MMBTA42LT1 ONSEMI-MMBTA42LT1 Datasheet
54Kb / 4P
   High Voltage Transistors
November, 2003 ??Rev. 5
MMBTA42LT1 ONSEMI-MMBTA42LT1 Datasheet
60Kb / 8P
   High Voltage Transistor NPN Silicon
June, 2001 ??Rev. 3
logo
Tiger Electronic Co.,Lt...
MMBTA42LT1 TGS-MMBTA42LT1 Datasheet
34Kb / 3P
   NPN EPITACIAL PLANAR TRANSISTOR
More results

Similar Description - MMBTA42LT1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFN16 INFINEON-BFN16 Datasheet
47Kb / 5P
   NPN Silicon High-Voltage Transistors
Nov-30-2001
logo
ON Semiconductor
MMBTA42LT1 ONSEMI-MMBTA42LT1 Datasheet
99Kb / 4P
   High Voltage Transistors(NPN Silicon)
November, 2003 ??Rev. 5
logo
Leshan Radio Company
MMBT5550LT1 LRC-MMBT5550LT1 Datasheet
165Kb / 4P
   High Voltage Transistors(NPN Silicon)
logo
TRANSYS Electronics Lim...
2N3439 TEL-2N3439 Datasheet
62Kb / 2P
   NPN HIGH VOLTAGE SILICON TRANSISTORS
logo
Infineon Technologies A...
BFN24 INFINEON-BFN24_07 Datasheet
74Kb / 7P
   NPN Silicon High-Voltage Transistors
2007-04-20
BFN38 INFINEON-BFN38 Datasheet
67Kb / 6P
   NPN Silicon High-Voltage Transistors
2007-03-29
logo
Siemens Semiconductor G...
SXTA42 SIEMENS-SXTA42 Datasheet
138Kb / 4P
   NPN Silicon High Voltage Transistors
logo
ON Semiconductor
MMBT5550LT1 ONSEMI-MMBT5550LT1 Datasheet
199Kb / 6P
   High Voltage Transistors(NPN Silicon)
MPSA42 ONSEMI-MPSA42 Datasheet
85Kb / 4P
   High Voltage Transistors(NPN Silicon)
1998 REV 1
logo
New Jersey Semi-Conduct...
MJ410 NJSEMI-MJ410 Datasheet
133Kb / 2P
   High Voltage NPN Silicon Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com