Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZV55C3V9 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # BZV55C3V9
Description  SURFACE MOUNT SILICON ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

BZV55C3V9 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  BZV55C3V9 Datasheet HTML 1Page - Central Semiconductor Corp BZV55C3V9 Datasheet HTML 2Page - Central Semiconductor Corp BZV55C3V9 Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BZV55C2V4 THRU BZV55C75
SURFACE MOUNT SILICON
ZENER DIODES
0.5 WATT, 2.4 THRU 75 VOLT
± 5% TOLERANCE
SOD-80 CASE - MECHANICAL OUTLINE
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C) VF=1.1V MAX @ IF=200mA (for all types)
MARKING: CATHODE BAND
TYPE
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
MAXIMUM ZENER
IMPEDANCE
MAXIMUM
REVERSE
CURRENT
MAXIMUM
ZENER
CURRENT
MIN
NOM
MAX
IZT
ZZT @ IZT
ZZK @ IZK
IR
@
VR
IZM
V
V
V
mA
Ω
Ω
mA
μA
V
mA
BZV55C12
11.40
12
12.60
5.0
25
150
1.0
0.1
8.0
42
BZV55C13
12.35
13
13.65
5.0
30
170
1.0
0.1
8.0
38
BZV55C15
14.25
15
15.75
5.0
30
200
1.0
0.05
10.5
33
BZV55C16
15.20
16
16.80
5.0
40
200
1.0
0.05
11.2
31
BZV55C18
17.10
18
18.90
5.0
45
225
1.0
0.05
12.6
28
BZV55C20
19.00
20
21.00
5.0
55
225
1.0
0.05
14.0
25
BZV55C22
20.90
22
23.10
5.0
55
250
1.0
0.05
15.4
23
BZV55C24
22.80
24
25.20
5.0
70
250
1.0
0.05
16.8
21
BZV55C27
25.65
27
28.35
2.0
80
300
0.5
0.05
18.9
19
BZV55C30
28.50
30
31.50
2.0
80
300
0.5
0.05
21.0
17
BZV55C33
31.35
33
34.65
2.0
80
325
0.5
0.05
23.1
15
BZV55C36
34.20
36
37.80
2.0
90
350
0.5
0.05
25.2
14
BZV55C39
37.05
39
40.95
2.0
130
350
0.5
0.05
27.3
13
BZV55C43
40.85
43
45.15
2.0
150
375
0.5
0.05
30.1
12
BZV55C47
44.65
47
49.35
2.0
170
375
0.5
0.05
32.9
11
BZV55C51
48.45
51
53.55
2.0
180
400
0.5
0.05
35.7
9.9
BZV55C56
53.20
56
58.80
2.0
200
425
0.5
0.05
39.2
8.9
BZV55C62
58.90
62
65.10
2.0
215
450
0.5
0.05
43.4
8.0
BZV55C68
64.60
68
71.40
2.0
240
475
0.5
0.05
47.6
7.4
BZV55C75
71.25
75
78.75
2.0
255
500
0.5
0.05
52.5
6.7
www.centr a lsemi.com
R3 (13-March 2015)


Similar Part No. - BZV55C3V9

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
BZV55C3V9 CDI-DIODE-BZV55C3V9 Datasheet
15Kb / 1P
   ZENER DIODES
logo
Kingtronics Internation...
BZV55C3V9 KINGTRONICS-BZV55C3V9 Datasheet
432Kb / 3P
   BZV55C-SERIES SILICON PLANAR ZENER DIODES
logo
Central Semiconductor C...
BZV55C3V9 CENTRAL-BZV55C3V9 Datasheet
81Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 0.5 WATT, 2.4 THRU 75 VOLTS 짹 5ANCE
logo
Microsemi Corporation
BZV55C3V9 MICROSEMI-BZV55C3V9 Datasheet
24Kb / 1P
   LEADLESS PACKAGE FOR SURFACE MOUNT
logo
EIC discrete Semiconduc...
BZV55C3V9 EIC-BZV55C3V9 Datasheet
43Kb / 2P
   ZENER DIODES
More results

Similar Description - BZV55C3V9

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com