Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMDZ5228B Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMDZ5228B
Description  SURFACE MOUNT SILICON ZENER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMDZ5228B Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMDZ5228B Datasheet HTML 1Page - Central Semiconductor Corp CMDZ5228B Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMDZ5221B THRU CMDZ5261B
SURFACE MOUNT
SILICON ZENER DIODE
2.4 VOLTS THRU 47 VOLTS
250mW, 5% TOLERANCE
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMDZ5221B
Series Silicon Zener Diode is a high quality voltage
regulator, manufactured in a super-mini surface mount
package, designed for use in industrial, commercial,
entertainment and computer applications.
MARKING CODE: SEE MARKING CODES ON
ELECTRICAL CHARACTERISTICS TABLE
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Power Dissipation
PD
250
mW
Operating and Storage Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
500
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C), VF=0.9V MAX @ IF=10mA (FOR ALL TYPES)
SOD-323 CASE
TYPE
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
MAXIMUM ZENER
IMPEDANCE
MAXIMUM
REVERSE
CURRENT
MAXIMUM ZENER
VOLTAGE
TEMPERATURE
COEFFICIENT
MARKING
CODE
MIN
NOM
MAX
I
ZT
ZZT @ IZT ZZK @ IZK
IR @ VR
ΘV
Z
V
V
V
mA
Ω
Ω
mA
μA
V
%/°C
CMDZ5221B
2.280
2.4
2.520
20
30
1200
0.25
100
1.0
-0.085
X1
CMDZ5222B
2.375
2.5
2.625
20
30
1250
0.25
100
1.0
-0.085
X2
CMDZ5223B
2.565
2.7
2.835
20
30
1300
0.25
75
1.0
-0.080
X3
CMDZ5224B
2.660
2.8
2.940
20
30
1400
0.25
75
1.0
-0.080
X4
CMDZ5225B
2.850
3.0
3.150
20
29
1600
0.25
50
1.0
-0.075
X5
CMDZ5226B
3.135
3.3
3.465
20
28
1600
0.25
25
1.0
-0.070
X6
CMDZ5227B
3.420
3.6
3.780
20
24
1700
0.25
15
1.0
-0.065
X7
CMDZ5228B
3.705
3.9
4.095
20
23
1900
0.25
10
1.0
-0.060
X8
CMDZ5229B
4.085
4.3
4.515
20
22
2000
0.25
5.0
1.0
±0.055
X9
CMDZ5230B
4.465
4.7
4.935
20
19
1900
0.25
5.0
2.0
±0.030
XA
CMDZ5231B
4.845
5.1
5.355
20
17
1600
0.25
5.0
2.0
±0.030
XB
CMDZ5232B
5.320
5.6
5.880
20
11
1600
0.25
5.0
3.0
+0.038
XC
CMDZ5233B
5.700
6.0
6.300
20
7.0
1600
0.25
5.0
3.5
+0.038
XD
CMDZ5234B
5.890
6.2
6.510
20
7.0
1000
0.25
5.0
4.0
+0.045
XE
CMDZ5235B
6.460
6.8
7.140
20
5.0
750
0.25
3.0
5.0
+0.050
XF
CMDZ5236B
7.125
7.5
7.875
20
6.0
500
0.25
3.0
6.0
+0.058
XG
CMDZ5237B
7.790
8.2
8.610
20
8.0
500
0.25
3.0
6.5
+0.062
XH
CMDZ5238B
8.265
8.7
9.135
20
8.0
600
0.25
3.0
6.5
+0.065
XJ
CMDZ5239B
8.645
9.1
9.555
20
10
600
0.25
3.0
7.0
+0.068
XK
CMDZ5240B
9.500
10
10.50
20
17
600
0.25
3.0
8.0
+0.075
XL
CMDZ5241B
10.45
11
11.55
20
22
600
0.25
2.0
8.4
+0.076
XN
CMDZ5242B
11.40
12
12.60
20
30
600
0.25
1.0
9.1
+0.077
XO
R4 (8-January 2010)
www.centr a lsemi.com


Similar Part No. - CMDZ5228B

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMDZ5228B CENTRAL-CMDZ5228B Datasheet
130Kb / 2P
   SUPER-MINI ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMDZ5228B CENTRAL-CMDZ5228B Datasheet
373Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
More results

Similar Description - CMDZ5228B

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1SMA4741 TRSYS-1SMA4741 Datasheet
301Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
1SMB5926 TRSYS-1SMB5926 Datasheet
227Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODE
1SMC5348 TRSYS-1SMC5348 Datasheet
275Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Central Semiconductor C...
CMOZ2V4 CENTRAL-CMOZ2V4_15 Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
CMSZ5221B CENTRAL-CMSZ5221B_15 Datasheet
490Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Pan Jit International I...
1SMA5921 PANJIT-1SMA5921_15 Datasheet
183Kb / 7P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Unisonic Technologies
SMA5V UTC-SMA5V Datasheet
125Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Pan Jit International I...
1SMA4736 PANJIT-1SMA4736_09 Datasheet
478Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
1SMB5921 PANJIT-1SMB5921_09 Datasheet
128Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1SMA5926 TSC-1SMA5926 Datasheet
62Kb / 4P
   Surface Mount Silicon Zener Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com