Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMDZ7V5 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMDZ7V5
Description  SURFACE MOUNT SILICON ZENER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMDZ7V5 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMDZ7V5 Datasheet HTML 1Page - Central Semiconductor Corp CMDZ7V5 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CMDZ2V4 THRU CMDZ47V
SURFACE MOUNT
SILICON ZENER DIODE
2.4 VOLTS THRU 47 VOLTS
250mW, 5% TOLERANCE
TYPE
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
MAXIMUM
ZENER
IMPEDANCE
MAXIMUM
REVERSE
CURRENT
MARKING
CODE
MIN
NOM
MAX
IZT
ZZT @ IZT
IR @ VR
VVV
mA
Ω
μA
V
CMDZ15V
14.25
15
15.75
5.0
30
0.05
10.5
15V
CMDZ16V
15.20
16
16.80
5.0
40
0.05
11.2
16V
CMDZ18V
17.10
18
18.90
5.0
45
0.05
12.6
18V
CMDZ20V
19.00
20
21.00
5.0
55
0.05
14.0
20V
CMDZ22V
20.90
22
23.10
5.0
55
0.05
15.4
22V
CMDZ24V
22.80
24
25.20
5.0
70
0.05
16.8
24V
CMDZ27V
25.65
27
28.35
5.0
80
0.05
18.9
27V
CMDZ30V
28.50
30
31.50
5.0
80
0.05
21.0
30V
CMDZ33V
31.35
33
34.65
5.0
80
0.05
23.1
33V
CMDZ36V
34.20
36
37.80
5.0
90
0.05
25.2
36V
CMDZ39V
37.05
39
40.95
5.0
130
0.05
27.3
39V
CMDZ43V
40.85
43
45.15
5.0
150
0.05
30.1
43V
CMDZ47V
44.65
47
49.35
5.0
180
0.05
32.9
47V
SOD-323 CASE - MECHANICAL OUTLINE
LEAD CODE:
1) CATHODE
2) ANODE
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C), VF=0.9 MAX @ IF=10mA (FOR ALL TYPES)
www.centr a lsemi.com
R2 (8-January 2010)


Similar Part No. - CMDZ7V5

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMDZ7V5 CENTRAL-CMDZ7V5 Datasheet
110Kb / 2P
   SUPERmini ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMDZ7V5 CENTRAL-CMDZ7V5 Datasheet
369Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
More results

Similar Description - CMDZ7V5

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1SMA4741 TRSYS-1SMA4741 Datasheet
301Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
1SMB5926 TRSYS-1SMB5926 Datasheet
227Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODE
1SMC5348 TRSYS-1SMC5348 Datasheet
275Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Central Semiconductor C...
CMOZ2V4 CENTRAL-CMOZ2V4_15 Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
CMSZ5221B CENTRAL-CMSZ5221B_15 Datasheet
490Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Pan Jit International I...
1SMA5921 PANJIT-1SMA5921_15 Datasheet
183Kb / 7P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Unisonic Technologies
SMA5V UTC-SMA5V Datasheet
125Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Pan Jit International I...
1SMA4736 PANJIT-1SMA4736_09 Datasheet
478Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
1SMB5921 PANJIT-1SMB5921_09 Datasheet
128Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Central Semiconductor C...
CMDZ5221B CENTRAL-CMDZ5221B_15 Datasheet
373Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1SMA5926 TSC-1SMA5926 Datasheet
62Kb / 4P
   Surface Mount Silicon Zener Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com