Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMPZ4121 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPZ4121
Description  SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPZ4121 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPZ4121 Datasheet HTML 1Page - Central Semiconductor Corp CMPZ4121 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMPZ4099
THRU
CMPZ4124
SURFACE MOUNT
LOW NOISE SILICON ZENER DIODE
6.8 VOLTS THRU 43 VOLTS
350mW, 5% TOLERANCE
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMPZ4099 Series
types are high quality silicon zener diodes designed for
low leakage, low current and low noise applications.
NOTE: For lower voltage devices,
see CMPZ4614 Series.
MARKING CODE: CONSULT FACTORY
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
SYMBOL
UNITS
Power Dissipation
PD
350
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted) VF=1.0V MAX @ IF=200mA (for all types)
TYPE
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
IZT
MAXIMUM
ZENER
IMPEDANCE
ZZT @ IZT
MAXIMUM REVERSE
LEAKAGE
CURRENT
IR
@
VR
MAXIMUM
ZENER
CURRENT
IZM
MAXIMUM
NOISE
DENSITY
ND @ IZT
MIN
V
NOM
V
MAX
V
μA
Ω
μA
V
mA
μV/√Hz
CMPZ4099
6.460
6.8
7.140
250
2 0 0
10
5.2
35.0
40
CMPZ4100
7.125
7.5
7.865
250
2 0 0
10
5.7
31.8
40
CMPZ4101
7.790
8.2
8.610
250
2 0 0
1.0
6.3
29.0
40
CMPZ4102
8.265
8.7
9.135
250
2 0 0
1.0
6.7
27.4
40
CMPZ4103
8.645
9.1
9.555
250
2 0 0
1.0
7.0
26.2
40
CMPZ4104
9.500
10
10.50
250
2 0 0
1.0
7.6
24.8
40
CMPZ4105
10.45
11
11.55
250
2 0 0
0.05
8.5
21.6
40
CMPZ4106
11.40
12
12.60
250
2 0 0
0.05
9.2
20.4
40
CMPZ4107
12.35
13
13.65
250
2 0 0
0.05
9.9
19.0
40
CMPZ4108
13.30
14
14.70
250
2 0 0
0.05
10.7
17.5
40
CMPZ4109
14.25
15
15.75
250
1 0 0
0.05
11.4
16.3
40
CMPZ4110
15.20
16
16.80
250
1 0 0
0.05
12.2
15.4
40
CMPZ4111
16.15
17
17.85
250
1 0 0
0.05
13.0
14.5
40
CMPZ4112
17.10
18
18.90
250
1 0 0
0.05
13.7
13.2
40
CMPZ4113
18.05
19
19.95
250
1 5 0
0.05
14.5
12.5
40
CMPZ4114
19.00
20
21.00
250
1 5 0
0.01
15.2
11.9
40
CMPZ4115
20.90
22
23.10
250
1 5 0
0.01
16.8
10.8
40
CMPZ4116
22.80
24
25.20
250
1 5 0
0.01
18.3
9.9
40
CMPZ4117
23.75
25
26.25
250
1 5 0
0.01
19.0
9.5
40
CMPZ4118
25.65
27
28.35
250
1 5 0
0.01
20.5
8.8
40
CMPZ4119
26.60
28
29.40
250
2 0 0
0.01
21.3
8.5
40
CMPZ4120
28.50
30
31.50
250
2 0 0
0.01
22.8
7.9
40
CMPZ4121
31.35
33
34.65
250
2 0 0
0.01
25.1
7.2
40
CMPZ4122
34.20
36
37.80
250
2 0 0
0.01
27.4
6.6
40
CMPZ4123
37.05
39
40.95
250
2 0 0
0.01
29.7
6.1
40
CMPZ4124
40.85
43
45.15
250
2 5 0
0.01
32.7
5.5
40
SOT-23 CASE
R6 (3-February 2010)
www.centra lsemi.com


Similar Part No. - CMPZ4121

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPZ4121 CENTRAL-CMPZ4121 Datasheet
186Kb / 2P
   LOW NOISE ZENER DIODE 6.8 VOLTS THRU 43 VOLTS 350mW,5% TOLERANCE
CMPZ4121 CENTRAL-CMPZ4121 Datasheet
397Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE 6.8 VOLTS THRU 43 VOLTS 350mW
More results

Similar Description - CMPZ4121

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMHZ4099 CENTRAL-CMHZ4099_15 Datasheet
375Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
CMHZ4614 CENTRAL-CMHZ4614_15 Datasheet
376Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
CMPZ4614 CENTRAL-CMPZ4614_15 Datasheet
395Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
CMHZ4678 CENTRAL-CMHZ4678_15 Datasheet
382Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
CMPZ4614 CENTRAL-CMPZ4614_10 Datasheet
395Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE 350mW, 5% TOLERANCE
CMOZ2L4 CENTRAL-CMOZ2L4_15 Datasheet
497Kb / 2P
   SURFACE MOUNT LOW LEVEL SILICON ZENER DIODE
CMPZ4678 CENTRAL-CMPZ4678_15 Datasheet
395Kb / 2P
   SURFACE MOUNT LOW LEVEL SILICON ZENER DIODE
CMDZ5L8 CENTRAL-CMDZ5L8 Datasheet
377Kb / 2P
   SURFACE MOUNT SILICON LOW LEVEL ZENER DIODE
logo
Transys Electronics
1SMA4741 TRSYS-1SMA4741 Datasheet
301Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
1SMB5926 TRSYS-1SMB5926 Datasheet
227Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com