Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78P4908 Datasheet(PDF) 9 Page - NEC

Part # UPD78P4908
Description  16-BIT SINGLE-CHIP MICROCONTROLLER
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78P4908 Datasheet(HTML) 9 Page - NEC

Back Button UPD78P4908 Datasheet HTML 5Page - NEC UPD78P4908 Datasheet HTML 6Page - NEC UPD78P4908 Datasheet HTML 7Page - NEC UPD78P4908 Datasheet HTML 8Page - NEC UPD78P4908 Datasheet HTML 9Page - NEC UPD78P4908 Datasheet HTML 10Page - NEC UPD78P4908 Datasheet HTML 11Page - NEC UPD78P4908 Datasheet HTML 12Page - NEC UPD78P4908 Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
9
µPD78P4908
Data Sheet U11681EJ2V0DS00
(2) PROM programming mode
100-pin plastic QFP (14
× 20 mm)
µPD78P4908GF-3BA
Caution L
: Connect these pins separately to the VSS pins through 10-k
Ω pull-down resistors.
VSS
: To be connected to the ground.
Open : Nothing should be connected on these pins.
RESET: Set a low-level input.
A0-A16
: Address bus
RESET
: Reset
CE
: Chip enable
VDD
: Power supply
D0-D7
: Data bus
VPP
: Programming power supply
OE
: Output enable
VSS
: Ground
PGM
: Program
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
OPEN
OPEN
VPP
A0
A1
A2
OPEN
VDD
RESET
OPEN
VSS
VSS
OPEN
VSS
D0
D1
D2
D3
D4
D5
D6
D7
(L)
PGM
CE


Similar Part No. - UPD78P4908

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78P4908 RENESAS-UPD78P4908 Datasheet
473Kb / 66P
   MOS INTEGRATED CIRCUIT
1996
UPD78P4908GF-3BA RENESAS-UPD78P4908GF-3BA Datasheet
473Kb / 66P
   MOS INTEGRATED CIRCUIT
1996
More results

Similar Description - UPD78P4908

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784054 NEC-UPD784054 Datasheet
579Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784907 NEC-UPD784907 Datasheet
657Kb / 98P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784927 NEC-UPD784927 Datasheet
513Kb / 96P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4916 NEC-UPD78P4916 Datasheet
288Kb / 56P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
SABC167CRLMGAT6 INFINEON-SABC167CRLMGAT6 Datasheet
1Mb / 89P
   16-Bit Single-Chip Microcontroller
V3.3, Feb. 2005
logo
Epson Company
S1C17555 EPSON-S1C17555 Datasheet
176Kb / 5P
   16-bit Single Chip Microcontroller
logo
NEC
UPD78F4937 NEC-UPD78F4937 Datasheet
250Kb / 32P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164CI INFINEON-C164CI_02 Datasheet
4Mb / 484P
   16-Bit Single-Chip Microcontroller
V3.1, Feb. 2002
logo
Renesas Technology Corp
D784927 RENESAS-D784927_15 Datasheet
785Kb / 99P
   16-BIT SINGLE-CHIP MICROCONTROLLER
PD78F4937 RENESAS-PD78F4937_15 Datasheet
317Kb / 34P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164SI INFINEON-C164SI Datasheet
1Mb / 79P
   16-Bit Single-Chip Microcontroller
V2.0, May 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com