Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBV409LT1 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # MMBV409LT1
Description  Silicon Tuning Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MMBV409LT1 Datasheet(HTML) 1 Page - Leshan Radio Company

  MMBV409LT1 Datasheet HTML 1Page - Leshan Radio Company MMBV409LT1 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
1
3
2
CASE
318–08, STYLE 8
SOT– 23 (TO–236AB)
MMBV409LT1
MV409
These devices are designed forgeneral frequency control and tuning applications.
They provide solid- state reliability in replacement of mechanical tuning methods.
High Q with Guaranteed Minimum Values at VHF Frequencies
• Controlled and Uniform Tuning Ratio
• Available in Surface Mount Package
Silicon Tuning Diode
3
CATHODE
1
ANODE
VOLTAGE VARIABLE
CAPACITANCE DIODES
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Reverse Breakdown Voltage
(IR = 10 µAdc)
V(BR)R
20
Vdc
Reverse Voltage Leakage Current
(VR = 15 Vdc)
IR
0.1
µAdc
Diode Capacitance Temperature Coefficient
(VR = 3.0 Vdc, f = 1.0 MHz)
TCC
300
ppm/
°C
Ct, Diode Capacitance
VR = 3.0 Vdc, f = 1.0 MHz
pF
Q, Figure of Merit
VR = 3.0 Vdc
f = 50 MHz
CR, Capacitance Ratio
C3/C8
f = 1.0 MHz(1)
Device
Min
Nom
Max
Min
Min
Max
MMBV409LT1, MV409
26
29
32
200
1.5
1.9
1. CR is the ratio of Ct measured at 3 Vdc divided by Ct measured at 8 Vdc.
MAXIMUM RATINGS
Rating
Symbol
MBV409
MMBV409LT1
Unit
Reverse Voltage
VR
20
Vdc
Forward Current
IF
200
mAdc
Forward Power Dissipation
@ TA = 25°C
Derate above 25
°C
PD
280
2.8
225
1.8
mW
mW/
°C
Junction Temperature
TJ
+125
°C
Storage Temperature Range
Tstg
–55 to +150
°C
DEVICE MARKING
MMBV409LT1 = X5, MV409 = MV409
200
20


Similar Part No. - MMBV409LT1

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
MMBV409LT1 ETL-MMBV409LT1 Datasheet
103Kb / 2P
   Silicon Tuning Diode
logo
ON Semiconductor
MMBV409LT1 ONSEMI-MMBV409LT1 Datasheet
47Kb / 3P
   Silicon Tuning Diode
January, 2006 ??Rev. 3
MMBV409LT1G ONSEMI-MMBV409LT1G Datasheet
47Kb / 3P
   Silicon Tuning Diode
January, 2006 ??Rev. 3
More results

Similar Description - MMBV409LT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBV809LT1 LRC-MMBV809LT1 Datasheet
90Kb / 2P
   Silicon Tuning Diode
logo
Infineon Technologies A...
BBY51 INFINEON-BBY51 Datasheet
444Kb / 3P
   Silicon Tuning Diode
Dec-15-2003
logo
ON Semiconductor
MMVL2105T1 ONSEMI-MMVL2105T1 Datasheet
49Kb / 4P
   Silicon Tuning Diode
February, 2006 ??Rev. 1
MMBV409LT1 ONSEMI-MMBV409LT1 Datasheet
47Kb / 3P
   Silicon Tuning Diode
January, 2006 ??Rev. 3
MMBV432LT1 ONSEMI-MMBV432LT1_06 Datasheet
48Kb / 4P
   Silicon Tuning Diode
January, 2006 ??Rev. 4
MMBV609LT1 ONSEMI-MMBV609LT1_06 Datasheet
46Kb / 3P
   Silicon Tuning Diode
January, 2006 ??Rev. 3
MMBV809LT1 ONSEMI-MMBV809LT1_06 Datasheet
47Kb / 3P
   Silicon Tuning Diode
January, 2006 ??Rev. 4
logo
Infineon Technologies A...
BBY59 INFINEON-BBY59_07 Datasheet
58Kb / 6P
   Silicon Tuning Diode
2007-04-20
BB837 INFINEON-BB837_07 Datasheet
76Kb / 7P
   Silicon Tuning Diode
2007-04-20
BBY65 INFINEON-BBY65_07 Datasheet
56Kb / 6P
   Silicon Tuning Diode
2007-04-20
logo
ON Semiconductor
MMVL105GT1 ONSEMI-MMVL105GT1_06 Datasheet
42Kb / 3P
   Silicon Tuning Diode
February, 2006 ??Rev. 2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com