Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBV609LT1 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # MMBV609LT1
Description  Silicon Tuning Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MMBV609LT1 Datasheet(HTML) 1 Page - Leshan Radio Company

  MMBV609LT1 Datasheet HTML 1Page - Leshan Radio Company MMBV609LT1 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
MMBV609LT1–1/2
1
3
2
CASE
318–08, STYLE 9
SOT– 23 (TO–236AB)
MMBV609LT1
This device is designed for FM tuning, general frequency control and
tuning, or any top–of–the–line application requiring back–to–back diode
configuration for minimum signal distortion and detuning. This device is
supplied in the SOT–23 plastic package for high volume, pick and place
assembly requirements.
• High Figure of Merit — Q = 450 (Typ) @ V
R = 3.0 Vdc, f = 50 MHz
• Guaranteed Capacitance Range
• Dual Diodes – Save Space and Reduce Cost
• Surface Mount Package
• Available in 8 mm Tape and Reel
• Monolithic Chip Provides Improved Matching
• Hyper Abrupt Junction Process Provides High Tuning Ratio
Silicon Tuning Diode
MAXIMUM RATINGS(EACH DIODE)
Rating
Symbol
Value
Unit
Reverse Voltage
V R
20
Vdc
Forward Current
I F
100
mAdc
Device Dissipation @T A = 25°C
P D
225
mW
Derate above 25°C
1.8
mW/°C
Junction Temperature
T J
+125
°C
Storage Temperature Range
T stg
–55 to +150
°C
DEVICE MARKING
MMBV609LT1=5L
ELECTRICAL CHARACTERISTICS(T A=25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
M a x
Unit
Reverse Breakdown Voltage
V (BR)R
20
Vdc
(IR=10
µAdc)
Reverse Voltage Leakage Current
I R
10
nAdc
(VR=15Vdc)
Diode Capacitance
C T
26
32
pF
(VR=3.0 Vdc,f=1.0MHz)
Capacitance Ratio C3/C8
C R
1.8
2.4
(f=1.0MHz)
Figure of Merit
Q
250
450
(VR=3.0 Vdc, f=50MHz)
DUAL
VOLTAGE VARIABLE
CAPACITANCE DIODE
3
1
2


Similar Part No. - MMBV609LT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBV609LT1 ONSEMI-MMBV609LT1 Datasheet
36Kb / 4P
   Silicon Tuning Diode
November, 2001 ??Rev. 2
MMBV609LT1 ONSEMI-MMBV609LT1 Datasheet
46Kb / 3P
   Silicon Tuning Diode
January, 2006 ??Rev. 3
MMBV609LT1G ONSEMI-MMBV609LT1G Datasheet
46Kb / 3P
   Silicon Tuning Diode
January, 2006 ??Rev. 3
MMBV609LT1 ONSEMI-MMBV609LT1_06 Datasheet
46Kb / 3P
   Silicon Tuning Diode
January, 2006 ??Rev. 3
More results

Similar Description - MMBV609LT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBV809LT1 LRC-MMBV809LT1 Datasheet
90Kb / 2P
   Silicon Tuning Diode
logo
Infineon Technologies A...
BBY51 INFINEON-BBY51 Datasheet
444Kb / 3P
   Silicon Tuning Diode
Dec-15-2003
logo
ON Semiconductor
MMVL2105T1 ONSEMI-MMVL2105T1 Datasheet
49Kb / 4P
   Silicon Tuning Diode
February, 2006 ??Rev. 1
MMBV409LT1 ONSEMI-MMBV409LT1 Datasheet
47Kb / 3P
   Silicon Tuning Diode
January, 2006 ??Rev. 3
MMBV432LT1 ONSEMI-MMBV432LT1_06 Datasheet
48Kb / 4P
   Silicon Tuning Diode
January, 2006 ??Rev. 4
MMBV609LT1 ONSEMI-MMBV609LT1_06 Datasheet
46Kb / 3P
   Silicon Tuning Diode
January, 2006 ??Rev. 3
MMBV809LT1 ONSEMI-MMBV809LT1_06 Datasheet
47Kb / 3P
   Silicon Tuning Diode
January, 2006 ??Rev. 4
logo
Infineon Technologies A...
BBY59 INFINEON-BBY59_07 Datasheet
58Kb / 6P
   Silicon Tuning Diode
2007-04-20
BB837 INFINEON-BB837_07 Datasheet
76Kb / 7P
   Silicon Tuning Diode
2007-04-20
BBY65 INFINEON-BBY65_07 Datasheet
56Kb / 6P
   Silicon Tuning Diode
2007-04-20
logo
ON Semiconductor
MMVL105GT1 ONSEMI-MMVL105GT1_06 Datasheet
42Kb / 3P
   Silicon Tuning Diode
February, 2006 ??Rev. 2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com