Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MV2101 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # MV2101
Description  Silicon Tuning Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MV2101 Datasheet(HTML) 2 Page - Leshan Radio Company

  MV2101 Datasheet HTML 1Page - Leshan Radio Company MV2101 Datasheet HTML 2Page - Leshan Radio Company MV2101 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LESHAN RADIO COMPANY, LTD.
MMBV2101~MMBV2109
–2/3
MV2101~MV2115
Min
Nom
M a x
Typ
Min
Typ
Max
MMBV2101LT1/MV2101
6.1
6.8
7.5
450
2.5
2.7
3.2
MMBV2103LT1
9.0
10
11
400
2.5
2.9
3.2
MV2104
10.8
12
13.2
400
2.5
2.9
3.2
MMBV2105LT1/MV2105
13.5
15
16.5
400
2.5
2.9
3.2
MMBV2107LT1
19.8
22
24.2
350
2.5
2.9
3.2
MMBV2108LT1/MV2108
24.3
27
29.7
300
2.5
3.0
3.2
MMBV2109LT1/MV2109
29.7
33
36.3
200
2.5
3.0
3.2
MV2111
42.3
47
51.7
150
2.5
3.0
3.2
MV2115
90
100
110
100
2.6
3.0
3.3
MMBV2101LT1, MMBV2103LT1, MMBV2105LT1, MMBV2107LT1 thru MMBV2109LT1, are also available in bulk.
Use the device title and drop the “T1” suffix when ordering any of these devices in bulk.
MMBV2101LT1 MMBV2103LT1 MMBV2105LT1
MMBV2107LT1 MMBV2108LT1 MMBV2109LT1
MV2101 MV2104 MV2105 MV2108 MV2109
MV2111 MV2115
C T , Diode Capacitance
V R = 4.0 Vdc, f = 1.0 MHz
pF
T
R, Tuning Ratio
C
2 /C 30
f = 1.0 MHz
Q, Figure of Merit
V
R = 4.0 Vdc,
f = 50 MHz
PARAMETER TEST METHODS
1. C T , DIODE CAPACITANCE
(C T = C C + C J ). C T is measured at 1.0 MHz using a
ca-pacitance bridge (Boonton Electronics Model
75A or equivalent).
2. T R, TUNING RATIO
T R is the ratio of C T measured at 2.0 Vdc divided by
C T measured at 30 Vdc.
3. Q, FIGURE OF MERIT
Q is calculated by taking the G and C readings of an
ad-mittance bridge at the specified frequency and
substitut-ing in the following equations:
Q =
2
πfC
G
(Booton Electronics Model 33As8 or equivalent).Use
Lead Length ~1/16”.
4.TCC,DIODECAPACITANCETEMPERATURE
COEFFICIENT
TCC is guaranteed by comparing CT at VR=4.0Vdc,f=1.0MHz,
TA= – 65°C with CT at VR=4.0Vdc,f=1.0MHz,TA= +85°C in the
following equation,which defines TC C:
CT(+85°C)– CT(–65°C )106
TC C =
85+65
.
C T(25°C)
Accuracy limited by measurement of CT to±0.1pF.
Device
~


Similar Part No. - MV2101

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
MV2101 ETL-MV2101 Datasheet
123Kb / 3P
   Silicon Tuning Diode
logo
ON Semiconductor
MV2101 ONSEMI-MV2101 Datasheet
70Kb / 5P
   Silicon Tuning Diodes
January, 2006 ??Rev. 4
logo
New Jersey Semi-Conduct...
MV2101 NJSEMI-MV2101 Datasheet
92Kb / 1P
   VOLTAGE-VARIABLE CAPACITANCE DIODES
logo
Microsemi Corporation
MV21010 MICROSEMI-MV21010 Datasheet
154Kb / 2P
   GaAs Varactor Diodes Abrupt Junction
logo
ON Semiconductor
MV2101G ONSEMI-MV2101G Datasheet
70Kb / 5P
   Silicon Tuning Diodes
January, 2006 ??Rev. 4
More results

Similar Description - MV2101

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBV809LT1 LRC-MMBV809LT1 Datasheet
90Kb / 2P
   Silicon Tuning Diode
logo
Infineon Technologies A...
BBY51 INFINEON-BBY51 Datasheet
444Kb / 3P
   Silicon Tuning Diode
Dec-15-2003
logo
ON Semiconductor
MMVL2105T1 ONSEMI-MMVL2105T1 Datasheet
49Kb / 4P
   Silicon Tuning Diode
February, 2006 ??Rev. 1
MMBV409LT1 ONSEMI-MMBV409LT1 Datasheet
47Kb / 3P
   Silicon Tuning Diode
January, 2006 ??Rev. 3
MMBV432LT1 ONSEMI-MMBV432LT1_06 Datasheet
48Kb / 4P
   Silicon Tuning Diode
January, 2006 ??Rev. 4
MMBV609LT1 ONSEMI-MMBV609LT1_06 Datasheet
46Kb / 3P
   Silicon Tuning Diode
January, 2006 ??Rev. 3
MMBV809LT1 ONSEMI-MMBV809LT1_06 Datasheet
47Kb / 3P
   Silicon Tuning Diode
January, 2006 ??Rev. 4
logo
Infineon Technologies A...
BBY59 INFINEON-BBY59_07 Datasheet
58Kb / 6P
   Silicon Tuning Diode
2007-04-20
BB837 INFINEON-BB837_07 Datasheet
76Kb / 7P
   Silicon Tuning Diode
2007-04-20
BBY65 INFINEON-BBY65_07 Datasheet
56Kb / 6P
   Silicon Tuning Diode
2007-04-20
logo
ON Semiconductor
MMVL105GT1 ONSEMI-MMVL105GT1_06 Datasheet
42Kb / 3P
   Silicon Tuning Diode
February, 2006 ??Rev. 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com