Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSS127SSN-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BSS127SSN-7
Description  N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BSS127SSN-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  BSS127SSN-7 Datasheet HTML 1Page - Diodes Incorporated BSS127SSN-7 Datasheet HTML 2Page - Diodes Incorporated BSS127SSN-7 Datasheet HTML 3Page - Diodes Incorporated BSS127SSN-7 Datasheet HTML 4Page - Diodes Incorporated BSS127SSN-7 Datasheet HTML 5Page - Diodes Incorporated BSS127SSN-7 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BSS127
Document number: DS35476 Rev. 6 - 2
2 of 6
www.diodes.com
January 2013
© Diodes Incorporated
BSS127
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
600
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 5) VGS = 10V
Steady
State
TA = +25°C
TA = +70°C
ID
50
40
mA
Continuous Drain Current (Note 6) VGS = 10V
Steady
State
TA = +25°C
TA = +70°C
ID
70
55
mA
Continuous Drain Current (Note 5) VGS = 5V
Steady
State
TA = +25°C
TA = +70°C
ID
45
35
mA
Continuous Drain Current (Note 6) VGS = 5V
Steady
State
TA = +25°C
TA = +70°C
ID
65
50
mA
Pulsed Drain Current @ TSP = +25°C (Notes 7)
IDM
0.16
A
Thermal Characteristics
Characteristic
Symbol
Value
Units
Power Dissipation, @TA = +25°C (Note 5)
PD
0.61
W
Thermal Resistance, Junction to Ambient @ TA = +25°C (Note 5)
RθJA
204
°C/W
Power Dissipation, @TA = +25°C (Note 6)
PD
1.25
W
Thermal Resistance, Junction to Ambient @ TA = +25°C (Note 6)
RθJA
100
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
600
V
VGS = 0V, ID = 250µA
Zero Gate Voltage Drain Current TJ = +25°C
IDSS
0.1
µA
VDS = 600V, VGS = 0V
Gate-Body Leakage
IGSS
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(th)
3
4.5
V
VDS = VGS, ID = 250µA
Static Drain-Source On-Resistance
RDS(ON)
80
160
VGS = 10V, ID = 16mA
95
190
VGS = 5.0V, ID = 16mA
Forward Transfer Admittance
|Yfs|
76
mS
VDS = 10V, ID = 16mA
Diode Forward Voltage
VSD
1.5
V
VGS = 0V, IS = 16mA
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
Ciss
21.8
pF
VDS = 25V, VGS = 0V, f = 1.0MHz
Output Capacitance
Coss
2.2
Reverse Transfer Capacitance
Crss
0.3
Total Gate Charge
Qg
1.08
nC
VGS = 10V, VDD = 300V,
ID = 0.01A
Gate-Source Charge
Qgs
0.08
Gate-Drain Charge
Qgd
0.50
Turn-On Delay Time
tD(on)
5.0
ns
VDD = 300V, VGS = 10V,
RGEN = 6Ω,
ID = 10mA
Turn-On Rise Time
tr
7.2
ns
Turn-Off Delay Time
tD(off)
28.7
ns
Turn-Off Fall Time
tf
168
ns
Reverse Recovery Time
Trr
131
ns
VR =300 V, IF =0.016 A,
di/dt = 100A/µs
Reverse Recovery Charge
Qrr
32
nC
Notes:
5. Device mounted on FR-4 PCB with minimum recommended pad layout, single sided.
6. Device mounted on 1” x 1” FR-4 PCB with high coverage 2 oz. Copper, single sided.
7. Repetitive rating, pulse width limited by junction temperature, 10µs pulse, duty cycle = 1%.
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to production testing.


Similar Part No. - BSS127SSN-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BSS127SSN-7 DIODES-BSS127SSN-7 Datasheet
366Kb / 6P
   Low Input Capacitance
More results

Similar Description - BSS127SSN-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BSN20 DIODES-BSN20_15 Datasheet
183Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
DMN65D8LFB DIODES-DMN65D8LFB_15 Datasheet
334Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
DMN2030UCB4 DIODES-DMN2030UCB4 Datasheet
612Kb / 8P
   N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
December 2014 Rev. 1- 2
DMN3008SCP10 DIODES-DMN3008SCP10 Datasheet
546Kb / 9P
   N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
DMN2023UCB4 DIODES-DMN2023UCB4_17 Datasheet
438Kb / 9P
   N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
DMN60H080DS DIODES-DMN60H080DS Datasheet
544Kb / 7P
   N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
2N7002XFB DIODES-2N7002XFB Datasheet
117Kb / 5P
   N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
September 2011 Rev. 2 - 6
BSN20 DIODES-BSN20 Datasheet
122Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
DMN2023UCB4 DIODES-DMN2023UCB4_15 Datasheet
608Kb / 8P
   N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
DMN1033UCB4 DIODES-DMN1033UCB4_15 Datasheet
289Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com