Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMC1028UFDB-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMC1028UFDB-7
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC1028UFDB-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMC1028UFDB-7 Datasheet HTML 1Page - Diodes Incorporated DMC1028UFDB-7 Datasheet HTML 2Page - Diodes Incorporated DMC1028UFDB-7 Datasheet HTML 3Page - Diodes Incorporated DMC1028UFDB-7 Datasheet HTML 4Page - Diodes Incorporated DMC1028UFDB-7 Datasheet HTML 5Page - Diodes Incorporated DMC1028UFDB-7 Datasheet HTML 6Page - Diodes Incorporated DMC1028UFDB-7 Datasheet HTML 7Page - Diodes Incorporated DMC1028UFDB-7 Datasheet HTML 8Page - Diodes Incorporated DMC1028UFDB-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DMC1028UFDB
Document number: DS37634 Rev. 4 - 2
2 of 10
www.diodes.com
May 2015
© Diodes Incorporated
DMC1028UFDB
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Q1
N-CHANNEL
Q2
P-CHANNEL
Units
Drain-Source Voltage
VDSS
12
-20
V
Gate-Source Voltage
VGSS
±8
±8
V
Continuous Drain Current (Note 5) VGS = 4.5V
Steady
State
TA = +25°C
TA = +70°C
ID
6.0
4.8
-3.4
-2.7
A
t < 5s
TA = +25°C
TA = +70°C
ID
7.1
5.7
-4.0
-3.2
A
Maximum Continuous Body Diode Forward Current (Note 5)
IS
1.4
-1.4
A
Pulsed Drain Current (10µs Pulse, Duty Cycle = 1%)
IDM
40
-20
A
Avalanche Current L = 0.1mH
IAS
12
-12
A
Avalanche Energy L = 0.1mH
EAS
8.4
7.5
mJ
Thermal Characteristics
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
Steady State
PD
1.36
W
t < 5s
1.89
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RθJA
92
°C/W
t < 5s
66
Thermal Resistance, Junction to Case (Note 5)
RθJC
19
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Note:
5.
Device mounted on 1” x 1” FR-4 PCB with high coverage 2oz. Copper, single sided.
Electrical Characteristics Q1 N-CHANNEL (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 6)
Drain-Source Breakdown Voltage
BVDSS
12
-
-
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current TJ = +25°C
IDSS
-
-
1.0
μA
VDS = 12V, VGS = 0V
Gate-Source Leakage
IGSS
-
-
±10
μA
VGS = ±8V, VDS = 0V
ON CHARACTERISTICS (Note 6)
Gate Threshold Voltage
VGS(TH)
0.4
-
1
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS(ON)
-
17
25
m
VGS = 4.5V, ID = 5.2A
-
19
30
VGS = 3.3V, ID = 5.0A
-
21
32
VGS = 2.5V, ID = 4.8A
-
30
40
VGS = 1.8V, ID = 2.5A
Diode Forward Voltage
VSD
-
0.7
1.2
V
VGS = 0V, IS = 1A
DYNAMIC CHARACTERISTICS (Note 7)
Input Capacitance
Ciss
-
787
-
pF
VDS = 6V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
-
203
-
pF
Reverse Transfer Capacitance
Crss
-
177
-
pF
Gate Resistance
Rg
-
4.8
-
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = 3.3V)
Qg
-
7.9
-
nC
VDS = 6V, ID = 6.8A
Total Gate Charge (VGS = 4.5V)
-
10.5
-
nC
Total Gate Charge (VGS = 8V)
-
18.5
-
nC
Gate-Source Charge
Qgs
-
1.2
-
nC
Gate-Drain Charge
Qgd
-
2.9
-
nC
Turn-On Delay Time
tD(ON)
-
4.6
-
ns
VDD = 6V, VGS = 4.5V,
RL = 1.1Ω, RG = 1Ω
Turn-On Rise Time
tR
-
9.4
-
ns
Turn-Off Delay Time
tD(OFF)
-
15.7
-
ns
Turn-Off Fall Time
tF
-
3.7
-
ns
Body Diode Reverse Recovery Time
tRR
-
12.0
-
ns
IS = 5.4A, dI/dt = 100A/μs
Body Diode Reverse Recovery Charge
QRR
-
1.8
-
nC
IS = 5.4A, dI/dt = 100A/μs


Similar Part No. - DMC1028UFDB-7

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
DMC1028UFDB-7 BCDSEMI-DMC1028UFDB-7 Datasheet
666Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMC1028UFDB-7 DIODES-DMC1028UFDB-7 Datasheet
642Kb / 11P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
February 2020
More results

Similar Description - DMC1028UFDB-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG1016UDW DIODES-DMG1016UDW_15 Datasheet
270Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4015SSD DIODES-DMC4015SSD_15 Datasheet
556Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1030UFDB DIODES-DMC1030UFDB_15 Datasheet
357Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4029SSD DIODES-DMC4029SSD_15 Datasheet
412Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMG1029SV DIODES-DMG1029SV_15 Datasheet
286Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1018UPD DIODES-DMC1018UPD Datasheet
508Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3028LSDXQ DIODES-DMC3028LSDXQ Datasheet
490Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3032LSD DIODES-DMC3032LSD_14 Datasheet
246Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
BCD Semiconductor Manuf...
DMC1028UFDB BCDSEMI-DMC1028UFDB Datasheet
666Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMC10H172SSD DIODES-DMC10H172SSD Datasheet
598Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
March 2022
DMC3730UVT DIODES-DMC3730UVT Datasheet
494Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
July 2018 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com