Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMUN2111RLT1 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # MMUN2111RLT1
Description  Bias Resistor Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MMUN2111RLT1 Datasheet(HTML) 2 Page - Leshan Radio Company

  MMUN2111RLT1 Datasheet HTML 1Page - Leshan Radio Company MMUN2111RLT1 Datasheet HTML 2Page - Leshan Radio Company MMUN2111RLT1 Datasheet HTML 3Page - Leshan Radio Company MMUN2111RLT1 Datasheet HTML 4Page - Leshan Radio Company MMUN2111RLT1 Datasheet HTML 5Page - Leshan Radio Company MMUN2111RLT1 Datasheet HTML 6Page - Leshan Radio Company MMUN2111RLT1 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LESHAN RADIO COMPANY, LTD.
Q1–2/7
DEVICE MARKING AND RESISTOR VALUES (Continued)
Device
Marking
R1 (K)
R2 (K)
MMUN2116RLT1 (2)
A6F
4.7
MMUN2130RLT1 (2)
A6G
1.0
1.0
MMUN2131RLT1 (2)
A6H
2.2
2.2
MMUN2132RLT1(2)
A6J
4.7
4.7
MMUN2133RLT1 (2)
A6K
4.7
47
MMUN2134RLT1(2)
A6L
22
47
ELECTRICAL CHARACTERISTICS (T A = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector-Base Cutoff Current (VCB=50V, I E = 0)
ICBO
-
-
100
nAdc
Collector-Emitter Cutoff Current (VCE = 50 V, IB = 0)
I CEO
-
-
500
nAdc
Emitter-Base Cutoff Current
MMUN2111RLT1
I EBO
-
-
0.5
mAdc
(VEB = 6.0 V, IC = 0)
MMUN2112RLT1
-
-
0.2
MMUN2113RLT1
-
-
0.1
MMUN2114RLT1
-
-
0.2
MMUN2115RLT1
-
-
0.9
MMUN2116RLT1
-
-
1.9
MMUN2130RLT1
-
-
4.3
MMUN2131RLT1
-
-
2.3
MMUN2132RLT1
-
-
1.5
MMUN2133RLT1
-
-
0.18
MMUN2134RLT1
-
-
0.13
Collector-Base Breakdown Voltage (IC = 10
µA, I
E = 0)
V(BR)CBO
50
-
-
Vdc
Collector-Emitter Breakdown Voltage(3)(IC=2.0mA, IB=0)
V(BR)CEO
50
-
-
Vdc
ON CHARACTERISTICS (3)
DC Current Gain
MMUN2111RLT1
hFE
35
60
-
(VCE = 10 V, IC = 5.0 mA)
MMUN2112RLT1
60
100
-
MMUN2113RLT1
80
140
-
MMUN2114RLT1
80
140
-
MMUN2115RLT1
160
250
-
MMUN2116RLT1
160
250
-
MMUN2130RLT1
3.0
5.0
-
MMUN2131RLT1
8.0
15
-
MMUN2132RLT1
15
27
-
MMUN2133RLT1
80
140
-
MMUN2134RLT1
80
130
-
Collector-Emitter Saturation Voltage (IC=10mA, IE=0.3mA)
VCE(sat)
-
-
0.25
Vdc
(IC = 10 mA, IB = 5 mA) MMUN2130RLT1
MMUN2131RLT1
(IC = 10 mA, IB = 1 mA) MMUN2115RLT1
MMUN2116RLT1
MMUN2132RLT1
MMUN2133RLT1
MMUN2134RLT1
Output Voltage (on)
VOL
Vdc
(VCC=5.0V,VB=2.5V, RL=1.0k
Ω)
MMUN2111RLT1
-
-
0.2
MMUN2112RLT1
-
-
0.2
MMUN2114RLT1
-
-
0.2
MMUN2115RLT1
-
-
0.2
MMUN2116RLT1
-
-
0.2
MMUN2130RLT1
-
-
0.2
MMUN2131RLT1
-
-
0.2
MMUN2132RLT1
-
-
0.2
MMUN2133RLT1
-
-
0.2
MMUN2134RLT1
-
-
0.2
(VCC =5.0V,VB=3.5V, RL= 1.0k
Ω)
MMUN2113RLT1
-
-
0.2
2. New devices. Updated curves to follow in subsequent data sheets.
3. Pulse Test: Pulse Width < 300 ms, Duty Cycle < 2.0%
2-446 LRC Small-Signal Transistors, FETs and Diodes Device Data
MMUN2111RLT1 SERIES


Similar Part No. - MMUN2111RLT1

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MMUN2111 WEITRON-MMUN2111 Datasheet
138Kb / 6P
   Bias Resistor Transistor PNP Silicon
logo
ON Semiconductor
MMUN2111L ONSEMI-MMUN2111L Datasheet
146Kb / 12P
   Digital Transistors (BRT) R1 = 10 k, R2 = 10 k
December, 2013 ??Rev. 7
MMUN2111L ONSEMI-MMUN2111L Datasheet
149Kb / 12P
   Digital Transistors (BRT) R1 = 10 k, R2 = 10 k PNP Transistors with Monolithic Bias Resistor Network
December, 2013 ??Rev. 7
MMUN2111L ONSEMI-MMUN2111L Datasheet
184Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 8
MMUN2111L ONSEMI-MMUN2111L Datasheet
108Kb / 12P
   Digital Transistors (BRT)
July, 2018 ??Rev. 9
More results

Similar Description - MMUN2111RLT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_06 Datasheet
109Kb / 12P
   Bias Resistor Transistor
February, 2006 ??Rev. 8
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
132Kb / 12P
   Bias Resistor Transistor
October, 2004 ??Rev. 7
logo
Leshan Radio Company
LDTA123YET1G LRC-LDTA123YET1G_15 Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTA124GET1G LRC-LDTA124GET1G_15 Datasheet
285Kb / 3P
   Bias Resistor Transistor
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211_07 Datasheet
470Kb / 10P
   Bias Resistor Transistor
logo
ON Semiconductor
MMUN2211LT1 ONSEMI-MMUN2211LT1 Datasheet
104Kb / 12P
   Bias Resistor Transistor
May, 2004 ??Rev. 4
logo
E-Tech Electronics LTD
MMUN2211 ETL-MMUN2211 Datasheet
269Kb / 8P
   Bias Resistor Transistor
logo
Leshan Radio Company
LDTC123TLT1G LRC-LDTC123TLT1G Datasheet
217Kb / 3P
   Bias Resistor Transistor
MUN2211RT1 LRC-MUN2211RT1 Datasheet
328Kb / 8P
   Bias Resistor Transistor
LDTA123YET1G LRC-LDTA123YET1G Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTC113ZET1G LRC-LDTC113ZET1G Datasheet
278Kb / 3P
   Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com