Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPSA12 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # MPSA12
Description  SILICON NPN DARLINGTON TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

MPSA12 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  MPSA12 Datasheet HTML 1Page - Central Semiconductor Corp MPSA12 Datasheet HTML 2Page - Central Semiconductor Corp MPSA12 Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MPSA12
MPSA13
MPSA14
SILICON
NPN DARLINGTON TRANSISTORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR MPSA12 series
devices are silicon NPN Darlington transistors,
manufactured by the epitaxial planar process, designed
for applications requiring extremely high gain.
MARKING: FULL PART NUMBER
TO-92 CASE
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
MPSA12
MPSA13
MPSA14
UNITS
Collector-Base Voltage
VCBO
-
30
30
V
Collector-Emitter Voltage
VCES
20
30
30
V
Emitter-Base Voltage
VEBO
10
V
Continuous Collector Current
IC
500
mA
Power Dissipation
PD
625
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
JA
200
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C)
MPSA12
MPSA13
MPSA14
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
UNITS
ICBO
VCB=15V
-
100
-
-
-
-
nA
ICBO
VCB=30V
-
-
-
100
-
100
nA
ICES
VCE=15V
-
100
-
-
-
-
nA
IEBO
VEB=10V
-
100
-
100
-
100
nA
BVCES
IC=100μA
20
-
30
-
30
-
V
VCE(SAT)
IC=10mA, IB=10μA
-
1.0
-
-
-
-
V
VCE(SAT)
IC=100mA, IB=100μA
-
-
-
1.5
-
1.5
V
VBE(ON)
VCE=5.0V, IB=10mA
-
1.4
-
-
-
-
V
VBE(ON)
VCE=5.0V, IB=100mA
-
-
-
2.0
-
2.0
V
hFE
VCE=5.0V, IC=10mA
20K
-
5K
-
10K
-
hFE
VCE=5.0V, IC=100mA
-
-
10K
-
20K
-
fT
VCE=5.0V, IC=10mA, f=100MHz
-
-
125
-
125
-
MHz
R1 (18-March 2014)
www.centr a lsemi.com


Similar Part No. - MPSA12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MPSA12 FAIRCHILD-MPSA12 Datasheet
21Kb / 2P
   NPN Darlington Transistor
logo
Micro Electronics
MPSA12 MICRO-ELECTRONICS-MPSA12 Datasheet
70Kb / 1P
   NPN SILICON DARLINGTON TRANSISTOR
logo
ON Semiconductor
MPSA12 ONSEMI-MPSA12 Datasheet
48Kb / 3P
   Darlington Transistors NPN Silicon
January, 2006 ??Rev. 1
logo
Fairchild Semiconductor
MPSA12 FAIRCHILD-MPSA12 Datasheet
27Kb / 3P
   NPN Darlington Transistor
MPSA12 FAIRCHILD-MPSA12 Datasheet
31Kb / 3P
   NPN Darlington Transistor
More results

Similar Description - MPSA12

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCV27 INFINEON-BCV27 Datasheet
49Kb / 5P
   NPN Silicon Darlington Transistors
Jul-12-2001
logo
Central Semiconductor C...
MPSA28 CENTRAL-MPSA28 Datasheet
540Kb / 3P
   SILICON NPN DARLINGTON TRANSISTORS
logo
Infineon Technologies A...
BSP50-BSP52 INFINEON-BSP50-BSP52 Datasheet
570Kb / 8P
   NPN Silicon Darlington Transistors
2011-10-05
logo
Central Semiconductor C...
BSS50 CENTRAL-BSS50 Datasheet
94Kb / 2P
   NPN SILICON DARLINGTON TRANSISTORS
logo
Infineon Technologies A...
BSP50 INFINEON-BSP50_07 Datasheet
120Kb / 8P
   NPN Silicon Darlington Transistors
2007-03-30
BCV27 INFINEON-BCV27_07 Datasheet
76Kb / 8P
   NPN Silicon Darlington Transistors
2007-04-20
logo
Siemens Semiconductor G...
BD675 SIEMENS-BD675 Datasheet
134Kb / 4P
   NPN SILICON DARLINGTON TRANSISTORS
BD861 SIEMENS-BD861 Datasheet
111Kb / 4P
   NPN SILICON DARLINGTON TRANSISTORS
logo
ON Semiconductor
MPSA12 ONSEMI-MPSA12 Datasheet
48Kb / 3P
   Darlington Transistors NPN Silicon
January, 2006 ??Rev. 1
logo
Infineon Technologies A...
BCV29 INFINEON-BCV29 Datasheet
47Kb / 5P
   NPN Silicon Darlington Transistors
Jul-12-2001
logo
ON Semiconductor
BC618 ONSEMI-BC618 Datasheet
150Kb / 6P
   Darlington Transistors(NPN Silicon)
1996
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com