Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMUN2214RLT1 Datasheet(PDF) 3 Page - Leshan Radio Company

Part # MMUN2214RLT1
Description  Bias Resistor Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MMUN2214RLT1 Datasheet(HTML) 3 Page - Leshan Radio Company

  MMUN2214RLT1 Datasheet HTML 1Page - Leshan Radio Company MMUN2214RLT1 Datasheet HTML 2Page - Leshan Radio Company MMUN2214RLT1 Datasheet HTML 3Page - Leshan Radio Company MMUN2214RLT1 Datasheet HTML 4Page - Leshan Radio Company MMUN2214RLT1 Datasheet HTML 5Page - Leshan Radio Company MMUN2214RLT1 Datasheet HTML 6Page - Leshan Radio Company MMUN2214RLT1 Datasheet HTML 7Page - Leshan Radio Company MMUN2214RLT1 Datasheet HTML 8Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LESHAN RADIO COMPANY, LTD.
Q2–3/8
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Typ
M a x
Unit
ON CHARACTERISTICS (3)
Input Resistor
MMUN2211RLT1
R1
7.0
10
13
k
MMUN2212RLT1
15.4
22
28.6
MMUN2213RLT1
32.9
47
61.1
MMUN2214RLT1
7.0
10
13
MMUN2215RLT1
7.0
10
13
MMUN2216RLT1
3.3
4.7
6.1
MMUN2230RLT1
0.7
1.0
1.3
MMUN2231RLT1
1.5
2.2
2.9
MMUN2232RLT1
3.3
4.7
6.1
MMUN2233RLT1
3.3
4.7
6.1
MMUN2234RLT1
15.4
22
28.6
Resistor Ratio
MMUN2211RLT1 MMUN2212RLT1 MMUN2213RLT1
R1/R2
0.8
1.0
1.2
MMUN2214RLT1
0.17
0.21
0.25
MMUN2215RLT1 MMUN2216RLT1
MMUN2230RLT1 MMUN2231RLT1 MMUN2232RLT1
0.8
1.0
1.2
MMUN2233RLT1
0.055
0.1
0.185
MMUN2234RLT1
0.38
0.47
0.56
3. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%.
MMUN2211RLT1 SERIES


Similar Part No. - MMUN2214RLT1

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
MMUN2214RLT1 ETL-MMUN2214RLT1 Datasheet
269Kb / 8P
   Bias Resistor Transistor
More results

Similar Description - MMUN2214RLT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_06 Datasheet
109Kb / 12P
   Bias Resistor Transistor
February, 2006 ??Rev. 8
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
132Kb / 12P
   Bias Resistor Transistor
October, 2004 ??Rev. 7
logo
Leshan Radio Company
LDTA123YET1G LRC-LDTA123YET1G_15 Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTA124GET1G LRC-LDTA124GET1G_15 Datasheet
285Kb / 3P
   Bias Resistor Transistor
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211_07 Datasheet
470Kb / 10P
   Bias Resistor Transistor
logo
ON Semiconductor
MMUN2211LT1 ONSEMI-MMUN2211LT1 Datasheet
104Kb / 12P
   Bias Resistor Transistor
May, 2004 ??Rev. 4
logo
E-Tech Electronics LTD
MMUN2211 ETL-MMUN2211 Datasheet
269Kb / 8P
   Bias Resistor Transistor
logo
Leshan Radio Company
LDTC123TLT1G LRC-LDTC123TLT1G Datasheet
217Kb / 3P
   Bias Resistor Transistor
MUN2211RT1 LRC-MUN2211RT1 Datasheet
328Kb / 8P
   Bias Resistor Transistor
LDTA123YET1G LRC-LDTA123YET1G Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTC113ZET1G LRC-LDTC113ZET1G Datasheet
278Kb / 3P
   Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com