Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMVL809T1 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # MMVL809T1
Description  Silicon Tuning Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MMVL809T1 Datasheet(HTML) 2 Page - Leshan Radio Company

  MMVL809T1 Datasheet HTML 1Page - Leshan Radio Company MMVL809T1 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
MMVL809T1–2/2
MMVL809T1
TYPICAL CHARACTERISTICS
Figure 1. Diode Capacitance
10
1000
100
10
1.0
10
1.04
–75
1.02
1.00
0.98
0.96
–25
+25
+75
+125
VR = 3.0 Vdc
f = 1.0 MHz
VR = 3 Vdc
TA = 25°C
–50
0
+50
+100
1.03
1.01
0.99
0.97
8
23
5
0.5
9
7
5
3
1
4
Figure 4. Diode Capacitance
f, FREQUENCY (GHz)
1000
0
600
400
0.4
0.8
1.2
VR = 3.0 Vdc
f = 1.0 MHz
0.2
0.6
1.0
800
8
6
4
2
0
110
15
VR, REVERSE VOLTAGE (VOLTS)
Figure 2. Figure of Merit
f, FREQUENCY (GHz)
Figure 3. Series Resistance
TA, AMBIENT TEMPERATURE (°C)
0.1


Similar Part No. - MMVL809T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMVL809T1 ONSEMI-MMVL809T1 Datasheet
43Kb / 3P
   Silicon Tuning Diode
February, 2006 ??Rev. 2
MMVL809T1G ONSEMI-MMVL809T1G Datasheet
43Kb / 3P
   Silicon Tuning Diode
February, 2006 ??Rev. 2
More results

Similar Description - MMVL809T1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBV809LT1 LRC-MMBV809LT1 Datasheet
90Kb / 2P
   Silicon Tuning Diode
logo
Infineon Technologies A...
BBY51 INFINEON-BBY51 Datasheet
444Kb / 3P
   Silicon Tuning Diode
Dec-15-2003
logo
ON Semiconductor
MMVL2105T1 ONSEMI-MMVL2105T1 Datasheet
49Kb / 4P
   Silicon Tuning Diode
February, 2006 ??Rev. 1
MMBV409LT1 ONSEMI-MMBV409LT1 Datasheet
47Kb / 3P
   Silicon Tuning Diode
January, 2006 ??Rev. 3
MMBV432LT1 ONSEMI-MMBV432LT1_06 Datasheet
48Kb / 4P
   Silicon Tuning Diode
January, 2006 ??Rev. 4
MMBV609LT1 ONSEMI-MMBV609LT1_06 Datasheet
46Kb / 3P
   Silicon Tuning Diode
January, 2006 ??Rev. 3
MMBV809LT1 ONSEMI-MMBV809LT1_06 Datasheet
47Kb / 3P
   Silicon Tuning Diode
January, 2006 ??Rev. 4
logo
Infineon Technologies A...
BBY59 INFINEON-BBY59_07 Datasheet
58Kb / 6P
   Silicon Tuning Diode
2007-04-20
BB837 INFINEON-BB837_07 Datasheet
76Kb / 7P
   Silicon Tuning Diode
2007-04-20
BBY65 INFINEON-BBY65_07 Datasheet
56Kb / 6P
   Silicon Tuning Diode
2007-04-20
logo
ON Semiconductor
MMVL105GT1 ONSEMI-MMVL105GT1_06 Datasheet
42Kb / 3P
   Silicon Tuning Diode
February, 2006 ??Rev. 2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com