Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMUN2130LT1 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # MMUN2130LT1
Description  Bias Resistor Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MMUN2130LT1 Datasheet(HTML) 2 Page - Leshan Radio Company

  MMUN2130LT1 Datasheet HTML 1Page - Leshan Radio Company MMUN2130LT1 Datasheet HTML 2Page - Leshan Radio Company MMUN2130LT1 Datasheet HTML 3Page - Leshan Radio Company MMUN2130LT1 Datasheet HTML 4Page - Leshan Radio Company MMUN2130LT1 Datasheet HTML 5Page - Leshan Radio Company MMUN2130LT1 Datasheet HTML 6Page - Leshan Radio Company MMUN2130LT1 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LESHAN RADIO COMPANY, LTD.
MMUN2111S–2/11
MMUN2111LT1 Series
DEVICE MARKING AND RESISTOR VALUES
Device
Package
Marking
R1 (K)
R2 (K)
Shipping
MMUN2111LT1
MMUN2111LT3
SOT–23
A6A
10
10
3000/Tape & Reel
10,000/Tape & Reel
MMUN2112LT1
MMUN2112LT3
SOT–23
A6B
22
22
3000/Tape & Reel
10,000/Tape & Reel
MMUN2113LT1
MMUN2113LT3
SOT–23
A6C
47
47
3000/Tape & Reel
10,000/Tape & Reel
MMUN2114LT1
MMUN2114LT3
SOT–23
A6D
10
47
3000/Tape & Reel
10,000/Tape & Reel
MMUN2115LT1 (Note 3.)
MMUN2115LT3
SOT–23
A6E
10
3000/Tape & Reel
10,000/Tape & Reel
MMUN2116LT1 (Note 3.)
MMUN2116LT3
SOT–23
A6F
4.7
3000/Tape & Reel
10,000/Tape & Reel
MMUN2130LT1 (Note 3.)
MMUN2130LT3
SOT–23
A6G
1.0
1.0
3000/Tape & Reel
10,000/Tape & Reel
MMUN2131LT1 (Note 3.)
MMUN2131LT3
SOT–23
A6H
2.2
2.2
3000/Tape & Reel
10,000/Tape & Reel
MMUN2132LT1 (Note 3.)
MMUN2132LT3
SOT–23
A6J
4.7
4.7
3000/Tape & Reel
10,000/Tape & Reel
MMUN2133LT1 (Note 3.)
MMUN2133LT3
SOT–23
A6K
4.7
47
3000/Tape & Reel
10,000/Tape & Reel
MMUN2134LT1 (Note 3.)
MMUN2134LT3
SOT–23
A6L
22
47
3000/Tape & Reel
10,000/Tape & Reel
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector-Base Cutoff Current (VCB = 50 V, IE = 0)
ICBO
100
nAdc
Collector-Emitter Cutoff Current (VCE = 50 V, IB = 0)
ICEO
500
nAdc
Emitter-Base Cutoff Current
MMUN2111LT1
(V EB = 6.0 V, IC = 0 )
MMUN2112LT1
MMUN2113LT1
MMUN2114LT1
MMUN2115LT1
MMUN2116LT1
MMUN2130LT1
MMUN2131LT1
MMUN2132LT1
MMUN2133LT1
MMUN2134LT1
IEBO
0.5
0.2
0.1
0.2
0.9
1.9
4.3
2.3
1.5
0.18
0.13
mAdc
Collector-Base Breakdown Voltage (IC = 10 µA, IE = 0)
V(BR)CBO
50
Vdc
Collector-Emitter Breakdown Voltage (Note 4.)
(IC = 2.0 mA, IB = 0)
V(BR)CEO
50
Vdc
3. New devices. Updated curves to follow in subsequent data sheets.
4. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%


Similar Part No. - MMUN2130LT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMUN2130LT1 MOTOROLA-MMUN2130LT1 Datasheet
267Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
logo
ON Semiconductor
MMUN2130LT1 ONSEMI-MMUN2130LT1 Datasheet
188Kb / 12P
   PNP SILICON BIAS RESISTOR TRANSISTOR
November, 2001 ??Rev. 2
MMUN2130LT1G ONSEMI-MMUN2130LT1G Datasheet
104Kb / 11P
   PNP Transistors with Monolithic Bias Resistor Network
January, 2015 ??Rev. 5
MMUN2130LT1G ONSEMI-MMUN2130LT1G Datasheet
177Kb / 11P
   Digital Transistors (BRT)
October, 2016 ??Rev. 6
More results

Similar Description - MMUN2130LT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMUN2111LT1 ONSEMI-MMUN2111LT1_05 Datasheet
90Kb / 8P
   Bias Resistor Transistors
August, 2005 ??Rev. 5
logo
Leshan Radio Company
LDTA114EM3T5G LRC-LDTA114EM3T5G Datasheet
191Kb / 11P
   Bias Resistor Transistors
LDTA124XM3T5G LRC-LDTA124XM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
LDTA143EM3T5G LRC-LDTA143EM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
LMUN2114LT1G LRC-LMUN2114LT1G_15 Datasheet
137Kb / 8P
   Bias Resistor Transistors
LMUN2131LT1G LRC-LMUN2131LT1G_15 Datasheet
137Kb / 8P
   Bias Resistor Transistors
LMUN2240LT1G LRC-LMUN2240LT1G_15 Datasheet
189Kb / 16P
   Bias Resistor Transistors
LMUN2111LT1G LRC-LMUN2111LT1G Datasheet
655Kb / 10P
   Bias Resistor Transistors
logo
First Silicon Co., Ltd
DTC301 FS-DTC301 Datasheet
337Kb / 10P
   Bias Resistor Transistors
logo
Leshan Radio Company
LDTA114EM3T5G LRC-LDTA114EM3T5G_15 Datasheet
220Kb / 11P
   Bias Resistor Transistors
LDTA143ZM3T5G LRC-LDTA143ZM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com