Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STUD410S Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

Part # STUD410S
Description  S uper high dense cell design for low R DS (ON).
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STUD410S Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  STUD410S Datasheet HTML 1Page - SamHop Microelectronics Corp. STUD410S Datasheet HTML 2Page - SamHop Microelectronics Corp. STUD410S Datasheet HTML 3Page - SamHop Microelectronics Corp. STUD410S Datasheet HTML 4Page - SamHop Microelectronics Corp. STUD410S Datasheet HTML 5Page - SamHop Microelectronics Corp. STUD410S Datasheet HTML 6Page - SamHop Microelectronics Corp. STUD410S Datasheet HTML 7Page - SamHop Microelectronics Corp. STUD410S Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
S T U/D410S
F igure 6. B rea kdown V olta ge V a ria tion
with T empera ture
F igure 8. B ody Diode F orwa rd V olta ge
V a ria tion with S ource C urrent
V SD,B ody Diode F orward V oltage (V )
T j, J unction T empera ture ( C )
T j, J unction T empera ture ( C )
4
6
20.0
10.0
1.0
0.2
0.4
0.6
0.8
1.0
1.2
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
-50
-25
0
25
50
75
100 125 150
V DS =V GS
ID=250uA
-50
-25
0
25
50
75
100 125 150
1.15
1.10
1.05
1.00
0.95
0.90
0.85
ID=250uA
V GS ,G ate- S ource Voltage (V )
54
45
36
27
18
9
0
F igure 7. On-R es is tance vs .
G ate-S ource V oltage
24
6
8
10
0
F igure 5. G a te T hres hold V a ria tion
with T empera ture
ID=10A
75 C
125 C
25 C
75 C
25 C
125 C


Similar Part No. - STUD410S

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STUD412S SAMHOP-STUD412S Datasheet
105Kb / 8P
   Super high dense cell design for low RDS(ON).
STUD413S SAMHOP-STUD413S Datasheet
113Kb / 8P
   Super high dense cell design for low RDS(ON).
STUD417L SAMHOP-STUD417L Datasheet
112Kb / 8P
   Super high dense cell design for low RDS(ON).
STUD417S SAMHOP-STUD417S Datasheet
131Kb / 8P
   Super high dense cell design for low RDS(ON).
STUD419A SAMHOP-STUD419A Datasheet
129Kb / 8P
   Super high dense cell design for low RDS(ON).
More results

Similar Description - STUD410S

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STS2306E SAMHOP-STS2306E Datasheet
141Kb / 7P
   S uper high dense cell design for low R DS (ON).
STUD2030PLS SAMHOP-STUD2030PLS Datasheet
131Kb / 9P
   S uper high dense cell design for low R DS (ON).
SDT02N02 SAMHOP-SDT02N02 Datasheet
129Kb / 7P
   S uper high dense cell design for low R DS (ON).
STUD302S SAMHOP-STUD302S Datasheet
110Kb / 9P
   S uper high dense cell design for low R DS (ON).
STUD303S SAMHOP-STUD303S Datasheet
190Kb / 8P
   S uper high dense cell design for low R DS (ON).
STM4470A SAMHOP-STM4470A Datasheet
123Kb / 7P
   S uper high dense cell design for low R DS (ON).
STUD3055L SAMHOP-STUD3055L Datasheet
125Kb / 8P
   S uper high dense cell design for low R DS (ON).
STA6968 SAMHOP-STA6968 Datasheet
118Kb / 6P
   S uper high dense cell design for low R DS (ON).
STUD428S SAMHOP-STUD428S Datasheet
100Kb / 9P
   S uper high dense cell design for low R DS (ON).
STUD1530PL SAMHOP-STUD1530PL Datasheet
103Kb / 8P
   S uper high dense cell design for low R DS (ON).
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com