Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2003 Datasheet(PDF) 1 Page - XFMRS Inc.

Part # 2003
Description  HIGH QUALITY NETWORKING TRANSFORMERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XFMRS [XFMRS Inc.]
Direct Link  http://www.xfmrs.com
Logo XFMRS - XFMRS Inc.

2003 Datasheet(HTML) 1 Page - XFMRS Inc.

  2003_15 Datasheet HTML 1Page - XFMRS Inc. 2003_15 Datasheet HTML 2Page - XFMRS Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
XFMRS
XFMRS, INC.
1940 Landersdale Road • Camby, Indiana 46113 • Tel. (317) 834-1066 • Fax: (317) 834-1067
XFMRS
1
HIGH QUALITY NETWORKING TRANSFORMERS
• WIDE SELECTION OF STANDARD TYPES
• SPECIAL LEAD LENGTHS AVAILABLE AT NO ADDITIONAL COST
• CUSTOM DESIGNS AVAILABLE
• WIDE OPERATING TEMPERATURE RANGE (0° TO 70° C)
• COMPETITIVE PRICING ON BOTH SMALL AND HIGH VOLUME ORDERS
• SHIP FROM STOCK AVAILABILITY ON MOST ITEMS
• 2000V RMS ISOLATION STANDARD ON ALL UNITS
5
6
34
12
3 WINDING
Ter
Sec
Pri
5
6
3
4
1
2
PRI
SEC
2 WINDING WITH
CT
PINOUTS


Similar Part No. - 2003_15

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2003-15 BOURNS-2003-15 Datasheet
429Kb / 3P
   Gas Discharge Tube Surge Protector
More results

Similar Description - 2003_15

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF0053T XFMRS-XF0053T Datasheet
28Kb / 1P
   HIGH QUALITY NETWORKING TRANSFORMERS
2003 XFMRS-2003 Datasheet
28Kb / 2P
   HIGH QUALITY NETWORKING TRANSFORMERS
XF0053T XFMRS-XF0053T Datasheet
28Kb / 1P
   HIGH QUALITY NETWORKING TRANSFORMERS
XF2006B XFMRS-XF2006B Datasheet
44Kb / 1P
   HIGH QUALITY NETWORKING TRANSFORMERS
XF2006B XFMRS-XF2006B Datasheet
47Kb / 1P
   High Quality Networking Transformer
logo
Datatronic Distribution...
PT10710 DATATRONICS-PT10710 Datasheet
88Kb / 1P
   PULSE TRANSFORMERS FOR DATA NETWORKING
logo
NXP Semiconductors
S32G3 NXP-S32G3 Datasheet
1Mb / 131P
   FlexRay networking with high data rate Ethernet networking
Rev. 2 - 02/2023
logo
List of Unclassifed Man...
800288 ETC2-800288 Datasheet
77Kb / 1P
   Consistent High Quality
logo
Sony Corporation
IMX377EQH5 SONY-IMX377EQH5 Datasheet
367Kb / 4P
   High image quality
logo
Assmann Electronics Inc...
AK-AV504-R ASSMANN-AK-AV504-R Datasheet
272Kb / 1P
   HIGH QUALITY STEREO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com