Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMUN2132LT3 Datasheet(PDF) 7 Page - Leshan Radio Company

Part # MMUN2132LT3
Description  Bias Resistor Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MMUN2132LT3 Datasheet(HTML) 7 Page - Leshan Radio Company

  MMUN2132LT3 Datasheet HTML 1Page - Leshan Radio Company MMUN2132LT3 Datasheet HTML 2Page - Leshan Radio Company MMUN2132LT3 Datasheet HTML 3Page - Leshan Radio Company MMUN2132LT3 Datasheet HTML 4Page - Leshan Radio Company MMUN2132LT3 Datasheet HTML 5Page - Leshan Radio Company MMUN2132LT3 Datasheet HTML 6Page - Leshan Radio Company MMUN2132LT3 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
LESHAN RADIO COMPANY, LTD.
MMUN2111S–7/11
MMUN2111LT1 Series
TYPICAL ELECTRICAL CHARACTERISTICS
MMUN2114LT1
35
Vin, INPUT VOLTAGE (VOLTS)
10
1
0.1
010
20
30
40
50
100
10
1
02
4
6
8
10
4.5
4
3.5
3
2.5
2
1.5
1
0.5
0
0
2
4
6
8 1015 202530
4045 50
VR, REVERSE BIAS VOLTAGE (VOLTS)
Figure 17. VCE(sat) versus IC
IC, COLLECTOR CURRENT (mA)
0
20
406080
Figure 18. DC Current Gain
Figure 19. Output Capacitance
Figure 20. Output Current versus Input Voltage
Figure 21. Input Voltage versus Output Current
IC, COLLECTOR CURRENT (mA)
1
0.1
0.01
0.001
f = 1 MHz
lE = 0 V
TA = 25°C
LOAD
+12 V
Figure 22. Inexpensive, Unregulated Current Source
Typical Application
for PNP BRTs
TA =-25°C
75°C
25°C
TA = 75°C
25°C
-25°C
VO = 5 V
VO = 0.2 V
TA =-25°C
25°C
75°C
IC/IB = 10
1
10
100
IC, COLLECTOR CURRENT (mA)
-25°C
25°C
TA = 75°C
VCE = 10 V
180
160
140
120
100
80
60
40
20
0
2
4
6
8
1520 40 5060 708090


Similar Part No. - MMUN2132LT3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMUN2132LT1 MOTOROLA-MMUN2132LT1 Datasheet
267Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
logo
ON Semiconductor
MMUN2132LT1 ONSEMI-MMUN2132LT1 Datasheet
188Kb / 12P
   PNP SILICON BIAS RESISTOR TRANSISTOR
November, 2001 ??Rev. 2
MMUN2132LT1G ONSEMI-MMUN2132LT1G Datasheet
145Kb / 12P
   Digital Transistors (BRT) R1 = 4.7 k, R2 = 4.7 k
September, 2012 ??Rev. 1
MMUN2132LT1G ONSEMI-MMUN2132LT1G Datasheet
148Kb / 12P
   Digital Transistors (BRT) R1 = 4.7 k, R2 = 4.7 kA
March, 2013 ??Rev. 2
MMUN2132LT1G ONSEMI-MMUN2132LT1G Datasheet
108Kb / 12P
   Digital Transistors (BRT)
November, 2016 ??Rev. 6
More results

Similar Description - MMUN2132LT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMUN2111LT1 ONSEMI-MMUN2111LT1_05 Datasheet
90Kb / 8P
   Bias Resistor Transistors
August, 2005 ??Rev. 5
logo
Leshan Radio Company
LDTA114EM3T5G LRC-LDTA114EM3T5G Datasheet
191Kb / 11P
   Bias Resistor Transistors
LDTA124XM3T5G LRC-LDTA124XM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
LDTA143EM3T5G LRC-LDTA143EM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
LMUN2114LT1G LRC-LMUN2114LT1G_15 Datasheet
137Kb / 8P
   Bias Resistor Transistors
LMUN2131LT1G LRC-LMUN2131LT1G_15 Datasheet
137Kb / 8P
   Bias Resistor Transistors
LMUN2240LT1G LRC-LMUN2240LT1G_15 Datasheet
189Kb / 16P
   Bias Resistor Transistors
LMUN2111LT1G LRC-LMUN2111LT1G Datasheet
655Kb / 10P
   Bias Resistor Transistors
logo
First Silicon Co., Ltd
DTC301 FS-DTC301 Datasheet
337Kb / 10P
   Bias Resistor Transistors
logo
Leshan Radio Company
LDTA114EM3T5G LRC-LDTA114EM3T5G_15 Datasheet
220Kb / 11P
   Bias Resistor Transistors
LDTA143ZM3T5G LRC-LDTA143ZM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com