Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3733-1 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3733-1
Description  3-Phase, Buck Controllers for AMD CPUs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3733-1 Datasheet(HTML) 4 Page - Linear Technology

  LTC3733-1_15 Datasheet HTML 1Page - Linear Technology LTC3733-1_15 Datasheet HTML 2Page - Linear Technology LTC3733-1_15 Datasheet HTML 3Page - Linear Technology LTC3733-1_15 Datasheet HTML 4Page - Linear Technology LTC3733-1_15 Datasheet HTML 5Page - Linear Technology LTC3733-1_15 Datasheet HTML 6Page - Linear Technology LTC3733-1_15 Datasheet HTML 7Page - Linear Technology LTC3733-1_15 Datasheet HTML 8Page - Linear Technology LTC3733-1_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
4
LTC3733/LTC3733-1
3733f
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = VRUN = VSS = 5V unless otherwise noted.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula:
LTC3733CG: TJ = TA + (PD × 95°C/W)
LTC3733CUHF-1: TJ = TA + (PD × 34°C/W)
Note 3: The IC is tested in a feedback loop that includes the differential
amplifier in a unity-gain configuration loaded with 100
µA to ground driving
the VID DAC into the error amplifier and servoing the resultant voltage to
the midrange point for the error amplifier (VITH = 1.2V).
Note 4: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency. See Applications Information.
Note 5: The minimum on-time condition corresponds to an inductor peak-
to-peak ripple current of
≥40% of IMAX (see minimum on-time
considerations in the Applications Information Section).
Note 6: ATTENERR specification is in addition to the output voltage
accuracy specified at VID code 10011.
Note 7: This IC includes overtemperature protection that is intended to protect
the device during momentary overload conditions. Junction temperature will
exceed 125
°Cwhenovertemperatureprotectionisactive.Continuousoperation
above the specified maximum operating junction temperature may impair
device reliability.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Oscillator and Phase-Locked Loop
fNOM
Nominal Frequency
VPLLFLTR = 1.2V
310
350
400
kHz
fLOW
Lowest Frequency
VPLLFLTR = 0V
190
210
250
kHz
fHIGH
Highest Frequency
VPLLFLTR = 2.4V
470
530
620
kHz
RPLLTH
PLLIN Input Threshold
LTC3733-1 Only
1
V
RPLL IN
PLLIN Input Resistance
LTC3733-1 Only
50
k
IPLL LPF
Phase Detector Output Current
LTC3733-1 Only
Sinking Capability
fPLLIN < fOSC
20
µA
Sourcing Capability
fPLLIN > fOSC
20
µA
RRELPHS
Controller 2-Controller 1 Phase
120
Deg
Controller 3-Controller 1 Phase
240
Deg
No_CPU Detection
tNOCPU
No-CPU Shutdown Latency
After All VID Bits = “1”
0.5
1
µs
Differential Amplifier
AV
Differential Gain
0.995
1.000
1.005
V/V
VOS
Input Offset Voltage
IN+ = IN= 1.2V, IOUT = 1mA,
0.5
5
mV
Input Referred; Gain = 1
CM
Common Mode Input Voltage Range
0
5
V
CMRR
Common Mode Rejection Ratio
0V < IN+ = IN< 5V, IOUT = 1mA, Input Referred
50
70
dB
ICL
Output Current
10
40
mA
GBP
Gain Bandwidth Product
2
MHz
SR
Slew Rate
RL = 2k
5
V/
µs
VO(MAX)
Maximum High Output Voltage
IOUT = 1mA
VCC – 1.2 VCC – 0.8
V
RIN
Input Resistance
Measured at IN+ Pin
80
k


Similar Part No. - LTC3733-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3733-1 LINER-LTC3733-1 Datasheet
333Kb / 32P
   3-Phase, Buck Controllers for AMD CPUs
More results

Similar Description - LTC3733-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3733 LINER-LTC3733 Datasheet
333Kb / 32P
   3-Phase, Buck Controllers for AMD CPUs
LTC3733 LINER-LTC3733_15 Datasheet
294Kb / 32P
   3-Phase, Buck Controllers for AMD CPUs
logo
Renesas Technology Corp
ISL6264 RENESAS-ISL6264 Datasheet
1Mb / 23P
   Two-Phase Core Controller for AMD Mobile Turion CPUs
logo
Richtek Technology Corp...
RT8855 RICHTEK-RT8855 Datasheet
334Kb / 18P
   4/3/2/1-Phase PWM Controller for AMD AM2/AM2 CPUs
logo
Intersil Corporation
ISL6264 INTERSIL-ISL6264 Datasheet
433Kb / 24P
   Two-Phase Core Controller for AMD Mobile Turion CPUs
logo
International Rectifier
IR3541 IRF-IR3541 Datasheet
390Kb / 3P
   Digital Multi-Phase Buck Controller Dual OCP support for I-spike enhanced AMD CPUs
logo
Richtek Technology Corp...
RT8868A RICHTEK-RT8868A Datasheet
478Kb / 21P
   4/3/2/1-Phase PWM Controller for AMD AM2/AM2/AM3 CPUs
logo
Linear Technology
LTC3719 LINER-LTC3719 Datasheet
451Kb / 32P
   2-Phase, High Efficiency, Step-Down Controller for AMD Opteron CPUs
LTC3719 LINER-LTC3719_15 Datasheet
452Kb / 32P
   2-Phase, High Efficiency, Step-Down Controller for AMD Opteron CPUs
logo
Renesas Technology Corp
ISL6267 RENESAS-ISL6267 Datasheet
1Mb / 33P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com