Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUN3222RT1 Datasheet(PDF) 3 Page - Leshan Radio Company

Part # MUN3222RT1
Description  Bias Resistor Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MUN3222RT1 Datasheet(HTML) 3 Page - Leshan Radio Company

  MUN3222RT1 Datasheet HTML 1Page - Leshan Radio Company MUN3222RT1 Datasheet HTML 2Page - Leshan Radio Company MUN3222RT1 Datasheet HTML 3Page - Leshan Radio Company MUN3222RT1 Datasheet HTML 4Page - Leshan Radio Company MUN3222RT1 Datasheet HTML 5Page - Leshan Radio Company MUN3222RT1 Datasheet HTML 6Page - Leshan Radio Company MUN3222RT1 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LESHAN RADIO COMPANY, LTD.
P1–3/7
ELECTRICAL CHARACTERISTICS (T A = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Typ
M a x
Unit
Output Voltage (off) (VCC= 5.0V, VB = 0.5 V, RL = 1.0k
Ω)V
OH
4.9
Vdc
(VCC= 5.0V, VB = 0.050 V, RL =1.0k
Ω)
MUN2130RT1
(VCC= 5.0V, VB = 0.25 V, RL =1.0k
Ω)
MUN2115RT1
MUN2116RT1
MUN2131RT1
MUN2132RT1
Input Resistor
MUN2111RT1
R 1
7.0
10
13
k
MUN2112RT1
15.4
22
28.6
MUN2113RT1
32.9
47
61.1
MUN2114RT1
7.0
10
13
MUN2115RT1
7.0
10
13
MUN2116RT1
3.3
4.7
6.1
MUN2130RT1
0.7
1.0
1.3
MUN2131RT1
1.5
2.2
2.9
MUN2132RT1
3.3
4.7
6.1
MUN2133RT1
3.3
4.7
6.1
MUN2134RT1
15.4
22
28.6
Resistor Ratio MUN2111RT1 MUN2112RT1 MUN2113RT1
R 1 /R 2
0.8
1.0
1.2
MUN2114RT1
0.17
0.21
0.25
MUN2115RT1 MUN2116RT1
——
MUN2130RT1 MUN2131RT1 MUN2132RT1
0.8
1.0
1.2
MUN2133RT1
0.055
0.1
0.185
MUN2134RT1
0.38
0.47
0.56
MUN2111RT1 SERIES


Similar Part No. - MUN3222RT1

ManufacturerPart #DatasheetDescription
logo
Cyntec Co., Ltd.
MUN12AD01 CYNTEC-MUN12AD01 Datasheet
1Mb / 19P
   1000mA, High Efficiency uPOL Module
Rev.01 9
MUN12AD01-SG CYNTEC-MUN12AD01-SG Datasheet
1Mb / 19P
   1000mA, High Efficiency uPOL Module
Rev.01 9
MUN12AD01SG CYNTEC-MUN12AD01SG Datasheet
1Mb / 19P
   1000mA, High Efficiency uPOL Module
Rev.01 9
logo
ON Semiconductor
MUN211 ONSEMI-MUN211 Datasheet
236Kb / 12P
   Bias Resistor Transistor
January, 2005 ??Rev. 14
logo
Yea Shin Technology Co....
MUN2110 YEASHIN-MUN2110 Datasheet
924Kb / 8P
   PNP Silicon Surface Mount Transistors
More results

Similar Description - MUN3222RT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_06 Datasheet
109Kb / 12P
   Bias Resistor Transistor
February, 2006 ??Rev. 8
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
132Kb / 12P
   Bias Resistor Transistor
October, 2004 ??Rev. 7
logo
Leshan Radio Company
LDTA123YET1G LRC-LDTA123YET1G_15 Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTA124GET1G LRC-LDTA124GET1G_15 Datasheet
285Kb / 3P
   Bias Resistor Transistor
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211_07 Datasheet
470Kb / 10P
   Bias Resistor Transistor
logo
ON Semiconductor
MMUN2211LT1 ONSEMI-MMUN2211LT1 Datasheet
104Kb / 12P
   Bias Resistor Transistor
May, 2004 ??Rev. 4
logo
E-Tech Electronics LTD
MMUN2211 ETL-MMUN2211 Datasheet
269Kb / 8P
   Bias Resistor Transistor
logo
Leshan Radio Company
LDTC123TLT1G LRC-LDTC123TLT1G Datasheet
217Kb / 3P
   Bias Resistor Transistor
MUN2211RT1 LRC-MUN2211RT1 Datasheet
328Kb / 8P
   Bias Resistor Transistor
LDTA123YET1G LRC-LDTA123YET1G Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTC113ZET1G LRC-LDTC113ZET1G Datasheet
278Kb / 3P
   Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com