Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUN2216T1 Datasheet(PDF) 6 Page - Leshan Radio Company

Part # MUN2216T1
Description  Bias Resistor Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MUN2216T1 Datasheet(HTML) 6 Page - Leshan Radio Company

Back Button MUN2216T1 Datasheet HTML 2Page - Leshan Radio Company MUN2216T1 Datasheet HTML 3Page - Leshan Radio Company MUN2216T1 Datasheet HTML 4Page - Leshan Radio Company MUN2216T1 Datasheet HTML 5Page - Leshan Radio Company MUN2216T1 Datasheet HTML 6Page - Leshan Radio Company MUN2216T1 Datasheet HTML 7Page - Leshan Radio Company MUN2216T1 Datasheet HTML 8Page - Leshan Radio Company MUN2216T1 Datasheet HTML 9Page - Leshan Radio Company MUN2216T1 Datasheet HTML 10Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
LESHAN RADIO COMPANY, LTD.
MUN2211T1 Series–6/11
TYPICAL ELECTRICAL CHARACTERISTICS – MUN2212T1
Figure 7. VCE(sat) versus IC
Figure 8. DC Current Gain
Figure 9. Output Capacitance
Figure 10. Output Current versus Input Voltage
1000
10
IC, COLLECTOR CURRENT (mA)
TA =75°C
25°C
-25°C
100
10
1
100
75°C
25°C
100
0
Vin, INPUT VOLTAGE (VOLTS)
10
1
0.1
0.01
0.001
24
6
8
10
TA =-25°C
0
IC, COLLECTOR CURRENT (mA)
100
VO = 0.2 V
TA =-25°C
75°C
10
1
0.1
10
20
30
40
50
25°C
Figure 11. Input Voltage versus Output Current
0.001
25°C
IC/IB = 10
0.01
0.1
1
40
IC, COLLECTOR CURRENT (mA)
020
60
80
50
010
20
3040
4
3
2
1
0
VR, REVERSE BIAS VOLTAGE (VOLTS)
VCE = 10 V
f = 1 MHz
IE = 0 V
TA = 25°C
VO = 5 V
TA =-25°C
75°C
MUN2211T1 Series


Similar Part No. - MUN2216T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUN2216T1 MOTOROLA-MUN2216T1 Datasheet
263Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
logo
ON Semiconductor
MUN2216T1 ONSEMI-MUN2216T1 Datasheet
150Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
January, 2005 ??Rev. 11
MUN2216T1 ONSEMI-MUN2216T1 Datasheet
166Kb / 18P
   Bias Resistor Transistors
July, 2007 - Rev. 13
MUN2216T1G ONSEMI-MUN2216T1G Datasheet
150Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
January, 2005 ??Rev. 11
MUN2216T1G ONSEMI-MUN2216T1G Datasheet
166Kb / 18P
   Bias Resistor Transistors
July, 2007 - Rev. 13
More results

Similar Description - MUN2216T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_06 Datasheet
109Kb / 12P
   Bias Resistor Transistor
February, 2006 ??Rev. 8
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
132Kb / 12P
   Bias Resistor Transistor
October, 2004 ??Rev. 7
logo
Leshan Radio Company
LDTA123YET1G LRC-LDTA123YET1G_15 Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTA124GET1G LRC-LDTA124GET1G_15 Datasheet
285Kb / 3P
   Bias Resistor Transistor
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211_07 Datasheet
470Kb / 10P
   Bias Resistor Transistor
logo
ON Semiconductor
MMUN2211LT1 ONSEMI-MMUN2211LT1 Datasheet
104Kb / 12P
   Bias Resistor Transistor
May, 2004 ??Rev. 4
logo
E-Tech Electronics LTD
MMUN2211 ETL-MMUN2211 Datasheet
269Kb / 8P
   Bias Resistor Transistor
logo
Leshan Radio Company
LDTC123TLT1G LRC-LDTC123TLT1G Datasheet
217Kb / 3P
   Bias Resistor Transistor
MUN2211RT1 LRC-MUN2211RT1 Datasheet
328Kb / 8P
   Bias Resistor Transistor
LDTA123YET1G LRC-LDTA123YET1G Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTC113ZET1G LRC-LDTC113ZET1G Datasheet
278Kb / 3P
   Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com