Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3808 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3808
Description  No RSENSE, Low EMI, Synchronous DC/DC Controller with Output Tracking
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3808 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3808_15 Datasheet HTML 7Page - Linear Technology LTC3808_15 Datasheet HTML 8Page - Linear Technology LTC3808_15 Datasheet HTML 9Page - Linear Technology LTC3808_15 Datasheet HTML 10Page - Linear Technology LTC3808_15 Datasheet HTML 11Page - Linear Technology LTC3808_15 Datasheet HTML 12Page - Linear Technology LTC3808_15 Datasheet HTML 13Page - Linear Technology LTC3808_15 Datasheet HTML 14Page - Linear Technology LTC3808_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
11
LTC3808
3808f
A phase-locked loop (PLL) is available on the LTC3808 to
synchronize the internal oscillator to an external clock
source that connects to the SYNC/MODE pin. In this case,
a series RC should be connected between the PLLLPF pin
and GND to serve as the PLL’s loop filter. The LTC3808
phase detector adjusts the voltage on the PLLLPF pin to
align the turn-on of the external P-channel MOSFET to the
rising edge of the synchronizing signal.
The typical capture range of the LTC3808’s phase-locked
loop is from approximately 200kHz to 1MHz.
Spread Spectrum Modulation (SYNC/MODE and
PLLLPF Pins)
Connecting the SYNC/MODE pin to a DC voltage above
1.35V and several hundred mV below VIN enables spread
spectrum modulation (SSM) operation. An internal 2.6µA
pull-down current source at SYNC/MODE helps to set the
voltage at the SYNC/MODE pin for this operation by tying
a resistor with appropriate value between SYNC/MODE
and VIN. This mode of operation spreads the internal
oscillator frequency fOSC (= 550kHz) over a wider range
(460kHz to 635kHz), reducing the peaks of the harmonic
output on a spectral analysis of the output noise. In this
case, a 2.2nF filter cap should be connected between the
PLLLPF pin and GND and another 1000pF cap should be
connected between PLLLPF and the SYNC/MODE pin. The
controller operates in PWM pulse skipping mode at light
loads when spread spectrum modulation is selected. See
more discussions in the Spread Spectrum Modulation
with SYNC/MODE and PLLLPF Pins in the Applications
Information section.
Dropout Operation
When the input supply voltage (VIN) approaches the
output voltage, the rate of change of the inductor current
while the external P-channel MOSFET is on
(ON cycle) decreases. This reduction means that the
P-channel MOSFET will remain on for more than one
oscillator cycle if the inductor current has not ramped up
to the threshold set by the EAMP on the ITH pin. Further
reduction in the input supply voltage will eventually cause
the P-channel MOSFET to be turned on 100%; i.e., DC.
The output voltage will then be determined by the input
voltage minus the voltage drop across the P-channel
MOSFET and the inductor.
Undervoltage Lockout
To prevent operation of the P-channel MOSFET below
safe input voltage levels, an undervoltage lockout is
incorporated in the LTC3808. When the input supply
voltage (VIN) drops below 2.25V, the external P- and
N-channel MOSFETs and all internal circuits are turned
off except for the undervoltage block, which draws only
a few microamperes.
Peak Current Sense Voltage Selection and Slope
Compensation (IPRG Pin)
When the LTC3808 controller is operating below 20% duty
cycle, the peak current sense voltage (between the SENSE+
and SENSE/SW pins) allowed across the external P-
channel MOSFET is determined by:
=
VA
VV
SENSE MAX
ITH
()
–.
07
10
where A is a constant determined by the state of the IPRG
pin. Floating the IPRG pin selects A = 1; tying IPRG to VIN
selects A = 5/3; tying IPRG to GND selects A = 2/3. The
OPERATIO (Refer to Functional Diagram)


Similar Part No. - LTC3808_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3808EDE LINER-LTC3808EDE Datasheet
376Kb / 28P
   No RSENSE TM, Low EMI, Synchronous DC/DC Controller with Output Tracking
LTC3808EGN LINER-LTC3808EGN Datasheet
376Kb / 28P
   No RSENSE TM, Low EMI, Synchronous DC/DC Controller with Output Tracking
More results

Similar Description - LTC3808_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3808 LINER-LTC3808 Datasheet
376Kb / 28P
   No RSENSE TM, Low EMI, Synchronous DC/DC Controller with Output Tracking
LTC3809-1 LINER-LTC3809-1_15 Datasheet
266Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous DC/DC Controller with Output Tracking
LTC3809 LINER-LTC3809 Datasheet
291Kb / 24P
   No RSENSE?? Low EMI, Synchronous DC/DC Controller
LTC3809 LINER-LTC3809_15 Datasheet
296Kb / 24P
   No RSENSE, Low EMI, Synchronous DC/DC Controller
LTC3737 LINER-LTC3737_15 Datasheet
280Kb / 24P
   Dual 2-Phase, No RSENSE, DC/DC Controller with Output Tracking
LTC3737 LINER-LTC3737 Datasheet
303Kb / 24P
   Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking
LTC3709 LINER-LTC3709 Datasheet
290Kb / 24P
   Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
LTC3709 LINER-LTC3709_15 Datasheet
326Kb / 24P
   Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
LTC3823 LINER-LTC3823 Datasheet
308Kb / 26P
   Fast No RSENSE Step-Down Synchronous DC/DC Controller with Differential Output Sensing, Tracking and PLL
LTC3823 LINER-LTC3823_15 Datasheet
312Kb / 26P
   Fast No RSENSE Step-Down Synchronous DC/DC Controller with Differential Output Sensing, Tracking and PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com